Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTF456-203A203B2 Datasheet(PDF) 4 Page - Bourns Electronic Solutions

Part # PTF456-203A203B2
Description  PTF Series Long Life Slide Potentiometer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PTF456-203A203B2 Datasheet(HTML) 4 Page - Bourns Electronic Solutions

  PTF456-203A203B2 Datasheet HTML 1Page - Bourns Electronic Solutions PTF456-203A203B2 Datasheet HTML 2Page - Bourns Electronic Solutions PTF456-203A203B2 Datasheet HTML 3Page - Bourns Electronic Solutions PTF456-203A203B2 Datasheet HTML 4Page - Bourns Electronic Solutions PTF456-203A203B2 Datasheet HTML 5Page - Bourns Electronic Solutions PTF456-203A203B2 Datasheet HTML 6Page - Bourns Electronic Solutions PTF456-203A203B2 Datasheet HTML 7Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
2
2’
1
1’
3
3’
1.2 ± 0.05
(0.047 ± 0.002)
2.0
(0.008)
DIA.
2 PLCS.
1.5 +0/-0.1
(0.059 +0/-0.004)
0.5
(0.020)
57.0
(2.244)
65.0 ± 0.2
(2.559 ± 0.008)
73.0 ± 0.5
(2.874 ± 0.020)
1
M3 X
2 PLCS.
2.8
(0.110)
0.5
(0.020)
20.0 ± 0.5
(0.787 ± 0.020)
45.0 ± 0.5
(1.772 ± 0.020)
TRAVEL
MOUNTING
SURFACE
2.8 ± 0.2
(0.110 ± 0.008)
2.5
(0.098)
1.5
(0.059)
6 PLCS.
SQUARE HOLES
X
8.0
(0.315)
14.5
(0.571)
18.5 +0/-0.1
(0.728 +0/-0.004)
7.5 ± 1.0
(0.295 ± 0.039)
4.0
(0.157)
11.0 ± 0.5
(0.433 ± 0.020)
8.2 ± 0.5
(0.323 ± 0.020)
55.0
(2.165)
65.0
(2.559)
1.6
(0.063)
7.4
(0.291)
9.0
(0.354)
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
PTF Series Long Life Slide Potentiometer
Product Dimensions
DIMENSIONS:
MM
(INCHES)
45 mm Length of Travel
Lever End Style “T”


Similar Part No. - PTF456-203A203B2

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PTF45-152A-103B2 BOURNS-PTF45-152A-103B2 Datasheet
544Kb / 7P
   Long Life Slide Potentiometer
More results

Similar Description - PTF456-203A203B2

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PTF BOURNS-PTF Datasheet
544Kb / 7P
   Long Life Slide Potentiometer
logo
Vishay Siliconix
P10L VISHAY-P10L_17 Datasheet
105Kb / 5P
   Long Life Potentiometer - 500 000 Cycles Miniature - Cermet - Fully Sealed
Revision: 04-Jul-17
P30L VISHAY-P30L_17 Datasheet
158Kb / 6P
   Long Life Potentiometer - 2 Million Cycles, Heavy Duty - Cermet, Fully Sealed
Revision: 04-Jul-17
P13L VISHAY-P13L Datasheet
152Kb / 7P
   Long Life Cermet Potentiometer up to 2 Million Cycles
Revision: 04-Jul-17
logo
Grayhill, Inc
68P GRAYHILL-68P Datasheet
905Kb / 2P
   Long Life Potentiometer Substitute
logo
Vishay Siliconix
RV4L VISHAY-RV4L Datasheet
113Kb / 5P
   Long Life / Heavy Duty Potentiometer
logo
Bourns Electronic Solut...
PDF24 BOURNS-PDF24 Datasheet
486Kb / 2P
   24 mm Long Life Potentiometer
logo
Vishay Siliconix
RV4L VISHAY-RV4L_V01 Datasheet
95Kb / 5P
   Long Life / Heavy Duty Potentiometer
01-Jan-2022
logo
Bourns Electronic Solut...
PDA24 BOURNS-PDA24 Datasheet
307Kb / 2P
   PDA24 - 24 mm Long Life Potentiometer
logo
Vishay Siliconix
P11L VISHAY-P11L Datasheet
216Kb / 13P
   Long Life Cermet Potentiometer 2 Million Cycles
Revision: 04-Jul-17
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com