Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4311T-102-2222DCBL Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # 4311T-102-2222DCBL
Description  Thin Film Molded SIP
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

4311T-102-2222DCBL Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  4311T-102-2222DCBL Datasheet HTML 1Page - Bourns Electronic Solutions 4311T-102-2222DCBL Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Isolated Resistors (102 Circuit)
Available in 6, 8, 10 Pin
Bussed Resistors (101 Circuit)
Available in 6, 8, 9, 10, 11 Pin
These models incorporate 3, 4, or 5
isolated thin-film resistors of equal value,
each connected between a
separate pin.
Power Rating per Resistor
T ...............................................0.18 watt
S ...............................................0.20 watt
K ...............................................0.25 watt
Resistance Range… ...20 to 200K ohms
These models incorporate 5, 7, 8, 9, or
10 thin-film resistors of equal value, each
connected between a separate pin.
Power Rating per Resistor
T ...............................................0.10 watt
S ...............................................0.12 watt
K ...............................................0.15 watt
Resistance Range…49.9 to 100K ohms
Series Circuit (106 Circuit)
Available in 6, 8, 9, 10, 11 Pin
These models incorporate 5, 7, 8, 9, or
10 thin-film resistors of equal value, each
connected in a series.
Power Rating per Resistor
T ...............................................0.10 watt
S ...............................................0.12 watt
K ...............................................0.15 watt
Resistance Range .......20 to 100K ohms
1
11
110
68
1
11
4300T, S, K Series - Thin Film Molded SIP
REV. 09/07
For information on thin film applications,
download Bourns’ Thin Film Application
Note.


Similar Part No. - 4311T-102-2222DCBL

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
4311T-102-2222DA BOURNS-4311T-102-2222DA Datasheet
186Kb / 2P
   Thin Film Molded SIP
4311T-102-2222DAL BOURNS-4311T-102-2222DAL Datasheet
186Kb / 2P
   Thin Film Molded SIP
4311T-102-2222DB BOURNS-4311T-102-2222DB Datasheet
186Kb / 2P
   Thin Film Molded SIP
4311T-102-2222DBL BOURNS-4311T-102-2222DBL Datasheet
186Kb / 2P
   Thin Film Molded SIP
4311T-102-2222DD BOURNS-4311T-102-2222DD Datasheet
186Kb / 2P
   Thin Film Molded SIP
More results

Similar Description - 4311T-102-2222DCBL

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
4300T BOURNS-4300T Datasheet
186Kb / 2P
   Thin Film Molded SIP
logo
List of Unclassifed Man...
4600T ETC1-4600T Datasheet
140Kb / 2P
   THIN FILM CONFORMAL SIP
logo
RCD COMPONENTS INC.
CP081-10R0-BB RCD-CP081-10R0-BB Datasheet
65Kb / 1P
   PRECISION THIN FILM SIP NETWORKS
logo
Bourns Electronic Solut...
4100T BOURNS-4100T Datasheet
181Kb / 1P
   Thin Film Molded DIP
4116T-2-2222FAB BOURNS-4116T-2-2222FAB Datasheet
202Kb / 1P
   Thin Film Molded DIP
logo
List of Unclassifed Man...
DS1L5VJA00S ETC2-DS1L5VJA00S Datasheet
77Kb / 2P
   DS1L series, SIP thin film delay lines
DL1L5XK260S ETC1-DL1L5XK260S Datasheet
72Kb / 2P
   DS1L series, SIP thin film delay lines
4604T-101-222FAB ETC1-4604T-101-222FAB Datasheet
154Kb / 2P
   4600T, S, K Series - Thin Film Conformal SIP
logo
Vishay Siliconix
MSP VISHAY-MSP_17 Datasheet
101Kb / 5P
   Thick Film Resistor Networks, Single-In-Line, Molded SIP
Revision: 13-Feb-15
MSP06A011K00GEJ VISHAY-MSP06A011K00GEJ Datasheet
402Kb / 5P
   Thick Film Resistor Networks, Single-In-Line, Molded SIP
Revision: 10-Jun-10
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com