Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTA114-EUA Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # DTA114-EUA
Description  PNP Digital Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

DTA114-EUA Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  DTA114-EUA Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd DTA114-EUA Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DTA114 EM/EE/EUA/ECA/ESA
PNP Digital Transistor
Small Signal Diode
1.IN
2.GND
Package
Packing
Marking
3.OUT
SOT-723
8K / 7" Reel
14
SOT-523
3K / 7" Reel
14
TO-92S
SOT-323
3K / 7" Reel
14
1.GND
SOT-23
3K / 7" Reel
14
2.OUT
TO-92S
3K / 7" Reel
3.IN
EM
EE
ESA
100
150
300
mW
V
V
°C
Notes:1. Valid provided that electrodes are kept at ambient temperature
Symbol
Min
Typ
Max
Unit
VI(on)
-3
VI(off)
-0.5
VO(on)
-0.3
V
II
-0.88
mA
IO(off)
-0.5
μA
GI
30
R1
710
13
KΩ
R2/R1
0.8
1
1.2
fT
250
MHz
Output Current
Built-in bias resistors enable the configuration of
an inverter circuit without connecting external input
resistor (see equivalent circuit).
SOT-723/SOT-523
SOT-323/SOT-23
Ordering Information
mA
Part No.
DTA114 EM
DTA114 EE
DTA114 EUA
Features
Green compound (Halogen free) with suffix "G"
Only the on/off conditions need to be set for
TheThe bias resistors consist of thin -film
resistors with complete isolation to allow negative
biasing of the input.They also have the advantage
of almost completel yeliminating parasitic effects.
operation,marking device design easy.
VO=-10V,IO=-5mA,f=100MHz
Input Resistance
Resistance Ratio
Transition Frequency
Output Current
DC Current Gain
Input Current
VI=-5V
VCC=-50V,VI=0
VO=-5V,IO=-5mA
VO=-0.3V,IO=-10mA
V
Maximum Ratings and Electrical Characteristics
Rating at 25°C ambient temperature unless otherwise specified.
Junction and Storage Temperature Range
TJ, TSTG
-55 to + 150
Parameter
Input Voltage
-50
Output Voltage
IC(MAX)
-100
-40~10
Input Voltage
IO/II=-10mA/-5mA
Condtion
VCC=-5V,IO=-100μA
IO
PeakCollectoCurrent
Units
-50
Supply Voltage
Symbol
200
Power Dissipation
Value
EUA
ECA
on packing code and prefix "G" on date code.
DTA114 ECA
DTA114 ESA
VIN
PD
Type Number
VCC
1
2
3
1
2 3
Version:B12


Similar Part No. - DTA114-EUA

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
DTA114-TCA TSC-DTA114-TCA Datasheet
97Kb / 2P
   PNP Digital Transistor
DTA114-TE TSC-DTA114-TE Datasheet
97Kb / 2P
   PNP Digital Transistor
DTA114-TM TSC-DTA114-TM Datasheet
97Kb / 2P
   PNP Digital Transistor
DTA114-TSA TSC-DTA114-TSA Datasheet
97Kb / 2P
   PNP Digital Transistor
DTA114-TUA TSC-DTA114-TUA Datasheet
97Kb / 2P
   PNP Digital Transistor
More results

Similar Description - DTA114-EUA

ManufacturerPart #DatasheetDescription
logo
Shenzhen Jin Yu Semicon...
EMB3 HTSEMI-EMB3 Datasheet
551Kb / 1P
   DIGITAL TRANSISTOR (PNP PNP)
logo
Shenzhen Luguang Electr...
LGDTA144TE LUGUANG-LGDTA144TE Datasheet
769Kb / 2P
   Digital Transistor(PNP)
logo
WILLAS ELECTRONIC CORP
DTA123JE WILLAS-DTA123JE Datasheet
342Kb / 2P
   PNP Digital Transistor
DTA123JUA WILLAS-DTA123JUA Datasheet
336Kb / 2P
   PNP Digital Transistor
DTA143EUA WILLAS-DTA143EUA Datasheet
394Kb / 2P
   PNP Digital Transistor
DTA144EUA WILLAS-DTA144EUA Datasheet
301Kb / 2P
   PNP Digital Transistor
logo
Taiwan Semiconductor Co...
DTA114-YM TSC-DTA114-YM Datasheet
116Kb / 2P
   PNP Digital Transistor
logo
Unisonic Technologies
DTA144T UTC-DTA144T_11 Datasheet
190Kb / 3P
   PNP DIGITAL TRANSISTOR
logo
Micro Commercial Compon...
DTA114TE MCC-DTA114TE Datasheet
112Kb / 3P
   PNP Digital Transistor
DTA114TUA MCC-DTA114TUA Datasheet
112Kb / 3P
   PNP Digital Transistor
DTA114TCA MCC-DTA114TCA_13 Datasheet
223Kb / 3P
   PNP Digital Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com