Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC849CW Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # BC849CW
Description  NPN Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BC849CW Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  BC849CW Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BC849CW Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BC849CW Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BC849CW Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd BC849CW Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
BC846AW/BW/CW-50AW/BW/CW
NPN Transistor
Small Signal Diode
Surface device type mounting
Moisture sensitivity level 1
Matte Tin(Sn) lead finish with Nickel(Ni) underplate
Pb free version and RoHS compliant
Min
Max
Min
Max
Case : SOT-323 small outline plastic package
1.90
2.10
0.075
0.083
1.15
1.35
0.045
0.053
0.25
0.35
0.010
0.014
1.20
1.40
0.047
0.055
2.00
2.20
0.079
0.087
0.80
1.00
0.031
0.039
Package
Packing
SOT-323
3K / 7" Reel
SOT-323
3K / 7" Reel
SOT-323
3K / 7" Reel
SOT-323
3K / 7" Reel
SOT-323
3K / 7" Reel
SOT-323
3K / 7" Reel
SOT-323
3K / 7" Reel
SOT-323
3K / 7" Reel
SOT-323
3K / 7" Reel
SOT-323
3K / 7" Reel
SOT-323
3K / 7" Reel
SOT-323
3K / 7" Reel
SOT-323
3K / 7" Reel
SOT-323
3K / 7" Reel
SOT-323
3K / 7" Reel
BC850CW RF/RFG
BC849BW RF/RFG
BC849CW RF/RFG
BC850AW RF/RFG
BC850BW RF/RFG
BC848AW RF/RFG
BC848BW RF/RFG
BC848CW RF/RFG
BC849AW RF/RFG
SOT-323
Low reverse current high reliability
Weight : 0.005gram (approximately)
C
Unit (mm)
Terminal: Matte tin plated, lead free., solderable
per MIL-STD-202, Method 208 guaranteed
BC846CW RF/RFG
BC847AW RF/RFG
Unit (inch)
Dimensions
Suggested PAD Layout
B
E
A
F
D
BC847BW RF/RFG
BC847CW RF/RFG
Features
Mechanical Data
Green compound (Halogen free) with suffix "G" on
packing code and prefix "G" on date code
High temperature soldering guaranteed: 260°C/10s
Ordering Information
Part No.
BC846AW RF/RFG
BC846BW RF/RFG
B
A
C
D
F
E
1.6
0.063
0.65
0.026
0.8
0.031
0.8
0.031
2 Emitter
3 Collector
1 Base
Version : A12


Similar Part No. - BC849CW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC849CW PHILIPS-BC849CW Datasheet
48Kb / 8P
   NPN general purpose transistors
1999 Apr 12
logo
Goodwork Semiconductor ...
BC849CW GWSEMI-BC849CW Datasheet
446Kb / 5P
   NPN Silicon Epitaxial Planar Transistor
logo
Siemens Semiconductor G...
BC849CW SIEMENS-BC849CW Datasheet
272Kb / 8P
   NPN Silicon AF Transistor (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
logo
Infineon Technologies A...
BC849CW INFINEON-BC849CW Datasheet
229Kb / 8P
   NPN Silicon AF Transistors
Dec-11-2001
logo
Diotec Semiconductor
BC849CW DIOTEC-BC849CW Datasheet
185Kb / 2P
   Surface mount Si-Epitaxial PlanarTransistors
More results

Similar Description - BC849CW

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
DTC114T UTC-DTC114T Datasheet
194Kb / 3P
   NPN DIGITAL TRANSISTOR NPN DIGITAL TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
2SC4944 HTSEMI-2SC4944 Datasheet
850Kb / 1P
   DUAL TRANSISTOR (NPN NPN)
logo
Jiangsu Changjiang Elec...
IMX2 JIANGSU-IMX2 Datasheet
5Mb / 4P
   DUAL TRANSISTOR (NPNNPN)
UMX2N JIANGSU-UMX2N Datasheet
1Mb / 3P
   DUAL TRANSISTOR (NPNNPN)
logo
Rectron Semiconductor
MMDT3904 RECTRON-MMDT3904 Datasheet
263Kb / 5P
   DUAL TRANSISTOR (NPNNPN)
logo
Jiangsu Changjiang Elec...
MMDT3904 JIANGSU-MMDT3904 Datasheet
1Mb / 4P
   DUAL TRANSISTOR (NPNNPN)
EMX1 JIANGSU-EMX1 Datasheet
3Mb / 4P
   DUAL TRANSISTOR(NPNNPN)
BC847BV JIANGSU-BC847BV Datasheet
3Mb / 3P
   DUAL TRANSISTOR(NPN NPN)
EMX18 JIANGSU-EMX18 Datasheet
776Kb / 3P
   DUAL TRANSISTOR(NPNNPN)
UMX3N JIANGSU-UMX3N Datasheet
3Mb / 4P
   DUAL TRANSISTOR (NPNNPN)
UMX18N JIANGSU-UMX18N Datasheet
1Mb / 3P
   DUAL TRANSISTOR (NPNNPN)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com