Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

27C080 Datasheet(PDF) 10 Page - ATMEL Corporation

Part # 27C080
Description  8-Megabit 1M x 8 UV Erasable CMOS EPROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

27C080 Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button 27C080 Datasheet HTML 2Page - ATMEL Corporation 27C080 Datasheet HTML 3Page - ATMEL Corporation 27C080 Datasheet HTML 4Page - ATMEL Corporation 27C080 Datasheet HTML 5Page - ATMEL Corporation 27C080 Datasheet HTML 6Page - ATMEL Corporation 27C080 Datasheet HTML 7Page - ATMEL Corporation 27C080 Datasheet HTML 8Page - ATMEL Corporation 27C080 Datasheet HTML 9Page - ATMEL Corporation 27C080 Datasheet HTML 10Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
AT27C080
10
120
40
0.1
AT27C080-12DC
AT27C080-12JC
AT27C080-12PC
AT27C080-12RC
AT27C080-12TC
32DW6
32J
32P6
32R
32T
Commercial
(0
°C to 70°C)
40
0.1
AT27C080-12DI
AT27C080-12JI
AT27C080-12PI
AT27C080-12RI
AT27C080-12TI
32DW6
32J
32P6
32R
32T
Industrial
(-40
°C to 85°C)
150
40
0.1
AT27C080-15DC
AT27C080-15JC
AT27C080-15PC
AT27C080-15RC
AT27C080-15TC
32DW6
32J
32P6
32R
32T
Commercial
(0
°C to 70°C)
40
0.1
AT27C080-15DI
AT27C080-15JI
AT27C080-15PI
AT27C080-15RI
AT27C080-15TI
32DW6
32J
32P6
32R
32T
Industrial
(-40
°C to 85°C)
t
ACC
(ns)
I
CC (mA)
Ordering Code
Package
Operation Range
Active
Standby
Package Type
32DW6
32-Lead, 0.600" Windowed, Ceramic Dual Inline Package (Cerdip)
32J
32-Lead,Plastic J-Leaded Chip Carrier (PLCC)
32P6
32-Lead, 0.600" Wide, Plastic Dual Inline Package (PDIP)
32R
32-Lead, 0.450" Wide, Plastic Gull Wing Small Outline (SOIC)
32T
32-Lead, Plastic Thin Small Outline Package (TSOP)
Ordering Information (Continued)


Similar Part No. - 27C080

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
27C010 FAIRCHILD-27C010 Datasheet
117Kb / 10P
   1,048,576-Bit (128K x 8) High Performance CMOS EPROM
logo
ATMEL Corporation
27C010 ATMEL-27C010 Datasheet
256Kb / 9P
   1 Megabit 128K x 8 OTP CMOS EPROM
logo
Maxwell Technologies
27C010T MAXWELL-27C010T Datasheet
207Kb / 14P
   1 Megabit (128K x 8-Bit) - OTP EPROM
27C010TRPFB-12 MAXWELL-27C010TRPFB-12 Datasheet
207Kb / 14P
   1 Megabit (128K x 8-Bit) - OTP EPROM
27C010TRPFB-15 MAXWELL-27C010TRPFB-15 Datasheet
207Kb / 14P
   1 Megabit (128K x 8-Bit) - OTP EPROM
More results

Similar Description - 27C080

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C800 ATMEL-AT27C800 Datasheet
177Kb / 10P
   8-Megabit 512K x 16 or 1024K x 8 UV Erasable EPROM
AT27C080 ATMEL-AT27C080_07 Datasheet
352Kb / 14P
   8-Megabit (1M x 8) OTP EPROM
logo
Fairchild Semiconductor
NM27C020 FAIRCHILD-NM27C020 Datasheet
119Kb / 14P
   2,097,152-Bit (256K x 8) UV Erasable CMOS EPROM
logo
Macronix International
MX27C1000 MCNIX-MX27C1000 Datasheet
997Kb / 18P
   1M-BIT [128K x 8] CMOS EPROM
MX27C1000A MCNIX-MX27C1000A Datasheet
960Kb / 15P
   1M-BIT [128K x 8] CMOS EPROM
MX27C1001 MCNIX-MX27C1001 Datasheet
91Kb / 18P
   1M-BIT [128K x 8] CMOS EPROM
logo
STMicroelectronics
ST27C1001 STMICROELECTRONICS-ST27C1001 Datasheet
132Kb / 2P
   1024K ( 128K X 8 ) CMOS UV ERASABLE PROM
logo
Winbond
W27E512 WINBOND-W27E512 Datasheet
191Kb / 16P
   64K X 8 ELECTRICALLY ERASABLE EPROM
W27LE520 WINBOND-W27LE520 Datasheet
104Kb / 16P
   64K X 8 ELECTRICALLY ERASABLE EPROM
logo
ATMEL Corporation
AT27C010 ATMEL-AT27C010 Datasheet
256Kb / 9P
   1 Megabit 128K x 8 OTP CMOS EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com