Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AT29C1024 Datasheet(PDF) 12 Page - ATMEL Corporation

Part No. AT29C1024
Description  1 Megabit 64K x 16 5-volt Only CMOS Flash Memory
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT29C1024 Datasheet(HTML) 12 Page - ATMEL Corporation

Back Button AT29C1024 Datasheet HTML 4Page - ATMEL Corporation AT29C1024 Datasheet HTML 5Page - ATMEL Corporation AT29C1024 Datasheet HTML 6Page - ATMEL Corporation AT29C1024 Datasheet HTML 7Page - ATMEL Corporation AT29C1024 Datasheet HTML 8Page - ATMEL Corporation AT29C1024 Datasheet HTML 9Page - ATMEL Corporation AT29C1024 Datasheet HTML 10Page - ATMEL Corporation AT29C1024 Datasheet HTML 11Page - ATMEL Corporation AT29C1024 Datasheet HTML 12Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
Ordering Information
tACC
(ns)
ICC (mA)
Ordering Code
Package
Operation Range
Active
Standby
70
60
0.1
AT29C1024-70JC
44J
Commercial
AT29C1024-70TC
48T
(0
° to 70°C)
60
0.3
AT29C1024-70JI
44J
Industrial
AT29C1024-70TI
48T
(-40
° to 85°C)
90
60
0.1
AT29C1024-90JC
44J
Commercial
AT29C1024-90TC
48T
(0
° to 70°C)
60
0.3
AT29C1024-90JI
44J
Industrial
AT29C1024-90TI
48T
(-40
° to 85°C)
120
60
0.1
AT29C1024-12JC
44J
Commercial
AT29C1024-12TC
48T
(0
° to 70°C)
60
0.3
AT29C1024-12JI
44J
Industrial
AT29C1024-12TI
48T
(-40
° to 85°C)
150
60
0.1
AT29C1024-15JC
44J
Commercial
AT29C1024-15TC
48T
(0
° to 70°C)
60
0.3
AT29C1024-15JI
44J
Industrial
AT29C1024-15TI
48T
(-40
° to 85°C)
Package Type
44J
44 Lead, Plastic J-Leaded Chip Carrier (PLCC)
48T
48 Lead, Thin Small Outline Package (TSOP)
4-152
AT29C1024


Similar Part No. - AT29C1024

ManufacturerPart No.DatasheetDescription
ATMEL Corporation
ATMEL Corporation
AT29C010 ATMEL-AT29C010 Datasheet
727Kb / 12P
   1 Megabit 128K x 8 5-volt Only CMOS Flash Memory
AT29C010-XXX ATMEL-AT29C010-XXX Datasheet
727Kb / 12P
   1 Megabit 128K x 8 5-volt Only CMOS Flash Memory
AT29C010A ATMEL-AT29C010A Datasheet
727Kb / 12P
   1 Megabit 128K x 8 5-volt Only CMOS Flash Memory
AT29C010A ATMEL-AT29C010A Datasheet
214Kb / 18P
   1-Megabit (128K x 8) 5-volt Only Flash Memory
AT29C010A ATMEL-AT29C010A Datasheet
408Kb / 18P
   1-megabit (128K x 8) 5-volt Only Flash Memory
More results

Similar Description - AT29C1024

ManufacturerPart No.DatasheetDescription
ATMEL Corporation
ATMEL Corporation
AT49F1024 ATMEL-AT49F1024 Datasheet
178Kb / 13P
   1-Megabit 64K x 16 5-volt Only Flash Memory
AT49LV1024A ATMEL-AT49LV1024A Datasheet
308Kb / 14P
   1-megabit (64K x 16) 3-volt Only Flash Memory
AT29LV1024 ATMEL-AT29LV1024 Datasheet
215Kb / 12P
   1-Megabit (64K x 16) 3-volt Only Flash Memory
AT49F1024A ATMEL-AT49F1024A Datasheet
139Kb / 14P
   1 - MEGABIT ( 64K X 16 ) 5 - VOLTS ONLY FLASH MEMORY
AT49F8192 ATMEL-AT49F8192 Datasheet
241Kb / 11P
   8-Megabit 512K x 16 5-volt Only CMOS Flash Memory
AT49F2048 ATMEL-AT49F2048 Datasheet
207Kb / 11P
   2-Megabit 128K x 16 5-volt Only CMOS Flash Memory
AT49F4096 ATMEL-AT49F4096 Datasheet
643Kb / 11P
   4 Megabit 256K x 16 5-volt Only CMOS Flash Memory
AT49F010 ATMEL-AT49F010 Datasheet
248Kb / 10P
   1-Megabit 128K x 8 5-volt Only CMOS Flash Memory
AT29C010A ATMEL-AT29C010A Datasheet
727Kb / 12P
   1 Megabit 128K x 8 5-volt Only CMOS Flash Memory
AT29C512 ATMEL-AT29C512 Datasheet
692Kb / 12P
   512K 64K x 8 5-volt Only CMOS Flash Memory
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz