Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT28C040-20 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT28C040-20
Description  4-Megabit 512K x 8 Paged E2PROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT28C040-20 Datasheet(HTML) 4 Page - ATMEL Corporation

  AT28C040-20 Datasheet HTML 1Page - ATMEL Corporation AT28C040-20 Datasheet HTML 2Page - ATMEL Corporation AT28C040-20 Datasheet HTML 3Page - ATMEL Corporation AT28C040-20 Datasheet HTML 4Page - ATMEL Corporation AT28C040-20 Datasheet HTML 5Page - ATMEL Corporation AT28C040-20 Datasheet HTML 6Page - ATMEL Corporation AT28C040-20 Datasheet HTML 7Page - ATMEL Corporation AT28C040-20 Datasheet HTML 8Page - ATMEL Corporation AT28C040-20 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AT28C040
4
Notes:
1. X can be V
IL or VIH.
2. Refer to AC Programming Waveforms.
DC and AC Operating Range
AT28C040-20
AT28C040-25
Operation
Operation
Read
Program
Read
Program
Operating
Temperature
(Case)
Commercial
0°C - 70°C
0°C - 70°C
0°C - 70°C
0°C - 70°C
Industrial
-40°C - 85°C
-40°C - 85°C
-40°C - 85°C
-40°C - 85°C
Extended
-55°C - 125°C
-40°C - 85°C
-55°C - 125°C
-40°C - 85°C
V
CC Power Supply
5V
± 10%
5V
± 10%
5V
± 10%
5V
± 10%
Operating Modes
Mode
CE
OE
WE
I/O
Read
V
IL
V
IL
V
IH
D
OUT
Write(2)
V
IL
V
IH
V
IL
D
IN
Standby/Write Inhibit
V
IH
X(1)
XHigh Z
Write Inhibit
X
X
V
IH
Write Inhibit
X
V
IL
X
Output Disable
X
V
IH
XHigh Z
DC Characteristics
Symbol
Parameter
Condition
Min
Max
Units
I
LI
Input Load Current
V
IN = 0V to VCC + 1V
10
µA
I
LO
Output Leakage Current
V
I/O = 0V to VCC
10
µA
I
SB1
V
CC Standby Current CMOS
CE = V
CC - 0.3V to VCC + 1V
3
mA
I
SB2
V
CC Standby Current TTL
CE = 2.0V to V
CC + 1V
3
mA
I
CC
V
CC Active Current
f = 5 MHz; I
OUT = 0 mA
80
mA
V
IL
Input Low Voltage
0.8
V
V
IH
Input High Voltage
2.0
V
V
OL
Output Low Voltage
I
OL = 2.1 mA
0.45
V
V
OH1
Output High Voltage
I
OH = -400 µA2.4
V
V
OH2
Output High Voltage CMOS
I
OH = -100 µA; VCC = 4.5V
4.2
V


Similar Part No. - AT28C040-20

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28C040-20FI ATMEL-AT28C040-20FI Datasheet
475Kb / 16P
   4-Megabit (512K x 8) Paged Parallel EEPROMs
AT28C040-20FI ATMEL-AT28C040-20FI Datasheet
385Kb / 15P
   4-Megabit (512K x 8) Paged Parallel EEPROMs
AT28C040-20FISL703 ATMEL-AT28C040-20FISL703 Datasheet
475Kb / 16P
   4-Megabit (512K x 8) Paged Parallel EEPROMs
AT28C040-20FISL703 ATMEL-AT28C040-20FISL703 Datasheet
385Kb / 15P
   4-Megabit (512K x 8) Paged Parallel EEPROMs
AT28C040-20LI ATMEL-AT28C040-20LI Datasheet
475Kb / 16P
   4-Megabit (512K x 8) Paged Parallel EEPROMs
More results

Similar Description - AT28C040-20

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28C040 ATMEL-AT28C040_09 Datasheet
385Kb / 15P
   4-Megabit (512K x 8) Paged Parallel EEPROMs
AT28C040 ATMEL-AT28C040_08 Datasheet
475Kb / 16P
   4-Megabit (512K x 8) Paged Parallel EEPROMs
AT28C010 ATMEL-AT28C010 Datasheet
657Kb / 11P
   1 Megabit 128K x 8 Paged CMOS E2PROM
AT28C010 ATMEL-AT28C010 Datasheet
570Kb / 11P
   1 Megabit 128K x 8 Paged CMOS E2PROM
AT28LV010 ATMEL-AT28LV010 Datasheet
498Kb / 9P
   1 Megabit 128K x 8 Low Voltage Paged CMOS E2PROM
AT28C256 ATMEL-AT28C256 Datasheet
762Kb / 14P
   256K 32K x 8 Paged CMOS E2PROM
97314 ATMEL-97314 Datasheet
306Kb / 14P
   4-Megabit (512K x 8) otp eprom
logo
Maxwell Technologies
32C408B MAXWELL-32C408B Datasheet
187Kb / 11P
   4 Megabit (512K x 8-Bit) SRAM
logo
ATMEL Corporation
AT27C040 ATMEL-AT27C040 Datasheet
194Kb / 13P
   4-Megabit 512K x 8 OTP EPROM
AT49BV040B ATMEL-AT49BV040B Datasheet
355Kb / 21P
   4-megabit (512K x 8) Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com