Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P2N2222 Datasheet(PDF) 1 Page - Motorola, Inc

Part # P2N2222
Description  Amplifier Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

P2N2222 Datasheet(HTML) 1 Page - Motorola, Inc

  P2N2222 Datasheet HTML 1Page - Motorola, Inc P2N2222 Datasheet HTML 2Page - Motorola, Inc P2N2222 Datasheet HTML 3Page - Motorola, Inc P2N2222 Datasheet HTML 4Page - Motorola, Inc P2N2222 Datasheet HTML 5Page - Motorola, Inc P2N2222 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Motorola Small–Signal Transistors, FETs and Diodes Device Data
Amplifier Transistors
NPN Silicon
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector – Emitter Voltage
VCEO
40
Vdc
Collector – Base Voltage
VCBO
75
Vdc
Emitter – Base Voltage
VEBO
6.0
Vdc
Collector Current — Continuous
IC
600
mAdc
Total Device Dissipation @ TA = 25°C
Derate above 25
°C
PD
625
5.0
mW
mW/
°C
Total Device Dissipation @ TC = 25°C
Derate above 25
°C
PD
1.5
12
Watts
mW/
°C
Operating and Storage Junction
Temperature Range
TJ, Tstg
– 55 to +150
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Ambient
RqJA
200
°C/W
Thermal Resistance, Junction to Case
RqJC
83.3
°C/W
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector – Emitter Breakdown Voltage
(IC = 10 mAdc, IB = 0)
V(BR)CEO
40
Vdc
Collector – Base Breakdown Voltage
(IC = 10 mAdc, IE = 0)
V(BR)CBO
75
Vdc
Emitter – Base Breakdown Voltage
(IE = 10 mAdc, IC = 0)
V(BR)EBO
6.0
Vdc
Collector Cutoff Current
(VCE = 60 Vdc, VEB(off) = 3.0 Vdc)
ICEX
10
nAdc
Collector Cutoff Current
(VCB = 60 Vdc, IE = 0)
(VCB = 60 Vdc, IE = 0, TA = 150°C)
ICBO
0.01
10
µAdc
Emitter Cutoff Current
(VEB = 3.0 Vdc, IC = 0)
IEBO
10
nAdc
Collector Cutoff Current
(VCE = 10 V)
ICEO
10
nAdc
Base Cutoff Current
(VCE = 60 Vdc, VEB(off) = 3.0 Vdc)
IBEX
20
nAdc
Order this document
by P2N2222A/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
P2N2222A
CASE 29–04, STYLE 17
TO–92 (TO–226AA)
1
2
3
© Motorola, Inc. 1996
COLLECTOR
1
2
BASE
3
EMITTER


Similar Part No. - P2N2222

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
P2N2222 TEL-P2N2222 Datasheet
86Kb / 3P
   NPN SILICON PLANAR SWITCHING TRANSISTORS
logo
Continental Device Indi...
P2N2222 CDIL-P2N2222 Datasheet
245Kb / 4P
   NPN SILICON PLANAR SWITCHING TRANSISTORS
logo
ON Semiconductor
P2N2222A ONSEMI-P2N2222A Datasheet
165Kb / 6P
   Amplifier Transistors(NPN Silicon)
April, 2007 -- Rev. 5
logo
TRANSYS Electronics Lim...
P2N2222A TEL-P2N2222A Datasheet
86Kb / 3P
   NPN SILICON PLANAR SWITCHING TRANSISTORS
logo
Continental Device Indi...
P2N2222A CDIL-P2N2222A Datasheet
245Kb / 4P
   NPN SILICON PLANAR SWITCHING TRANSISTORS
More results

Similar Description - P2N2222

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BC182 ONSEMI-BC182 Datasheet
60Kb / 4P
   Amplifier Transistors Amplifier Transistors
March, 2007 ??Rev. 5
BC547 ONSEMI-BC547 Datasheet
91Kb / 6P
   Amplifier Transistors
May, 2004 ??Rev. 4
logo
Motorola, Inc
BC368 MOTOROLA-BC368 Datasheet
129Kb / 4P
   Amplifier Transistors
MPS4123 MOTOROLA-MPS4123 Datasheet
71Kb / 4P
   Amplifier Transistors
MPS918 MOTOROLA-MPS918 Datasheet
81Kb / 4P
   Amplifier Transistors
logo
ON Semiconductor
BC368 ONSEMI-BC368 Datasheet
63Kb / 4P
   Amplifier Transistors
May, 2004 ??Rev. 4
MPS650 ONSEMI-MPS650 Datasheet
103Kb / 6P
   Amplifier Transistors
May, 2005 ??Rev. 2
logo
Daya Electric Group Co....
2N5550 DAYA-2N5550 Datasheet
83Kb / 6P
   Amplifier Transistors
logo
ON Semiconductor
BC546B ONSEMI-BC546B_07 Datasheet
78Kb / 6P
   Amplifier Transistors
March, 2007 ??Rev. 6
MMBT6428LT1G ONSEMI-MMBT6428LT1G Datasheet
200Kb / 5P
   Amplifier Transistors
August, 2009 ??Rev. 5
MPS8099 ONSEMI-MPS8099_08 Datasheet
128Kb / 7P
   Amplifier Transistors
December, 2008 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com