Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AT29C040A Datasheet(PDF) 4 Page - ATMEL Corporation

Part No. AT29C040A
Description  4-Megabit 512K x 8 5-volt Only 256-Byte Sector CMOS Flash Memory
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT29C040A Datasheet(HTML) 4 Page - ATMEL Corporation

  AT29C040A Datasheet HTML 1Page - ATMEL Corporation AT29C040A Datasheet HTML 2Page - ATMEL Corporation AT29C040A Datasheet HTML 3Page - ATMEL Corporation AT29C040A Datasheet HTML 4Page - ATMEL Corporation AT29C040A Datasheet HTML 5Page - ATMEL Corporation AT29C040A Datasheet HTML 6Page - ATMEL Corporation AT29C040A Datasheet HTML 7Page - ATMEL Corporation AT29C040A Datasheet HTML 8Page - ATMEL Corporation AT29C040A Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Operating Modes
Mode
CE
OE
WE
Ai
I/O
Read
VIL
VIL
VIH
Ai
DOUT
Program (2)
VIL
VIH
VIL
Ai
DIN
Standby/Write Inhibit
VIH
X
(1)
X
X
High Z
Program Inhibit
X
X
VIH
Program Inhibit
X
VIL
X
Output Disable
X
VIH
X
High Z
Product Identification
Hardware
VIL
VIL
VIH
A1 - A18 = VIL, A9 = VH,
(3)
A0 = VIL
Manufacturer Code (4)
A1 - A18 = VIL, A9 = VH,
(3)
A0 = VIH
Device Code (4)
Software (5)
A0 = VIL
Manufacturer Code (4)
A0 = VIH
Device Code (4)
4. Manufacturer Code: 1F, Device Code: A4
5. See details under Software Product Identification Entry/Exit.
Notes: 1. X can be VIL or VIH.
2. Refer to AC Programming Waveforms.
3. VH = 12.0V
± 0.5V.
DC Characteristics
Symbol
Parameter
Condition
Min
Max
Units
ILI
Input Load Current
VIN = 0V to VCC
10
µA
ILO
Output Leakage Current
VI/O = 0V to VCC
10
µA
ISB1
VCC Standby Current CMOS
CE = VCC - 0.3V to VCC
Com.
100
µA
Ind.
300
µA
ISB2
VCC Standby Current TTL
CE = 2.0V to VCC
3mA
ICC
VCC Active Current
f = 5 MHz; IOUT = 0 mA
40
mA
VIL
Input Low Voltage
0.8
V
VIH
Input High Voltage
2.0
V
VOL
Output Low Voltage
IOL = 2.1 mA
.45
V
VOH1
Output High Voltage
IOH = -400
µA2.4
V
VOH2
Output High Voltage CMOS
IOH = -100
µA; VCC = 4.5V
4.2
V
DC and AC Operating Range
AT29C040A-10
AT29C040A-12
AT29C040A-15
Operating
Temperature (Case)
Com.
0
°C - 70°C0°C - 70°C0°C - 70°C
Ind.
-40
°C - 85°C-40°C - 85°C-40°C - 85°C
VCC Power Supply
5V
± 10%
5V
± 10%
5V
± 10%
BOOT BLOCK LOCKOUT DETECTION:
A software
method is available to determine whether programming of
either boot block section is locked out. See Software Prod-
uct Identification Entry and Exit sections. When the device
is in the software product identification mode, a read from
location 00002H will show if programming the lower ad-
dress boot block is locked out while reading location
Device Operation (Continued)
FFFF2H will do so for the upper boot block. If the data is
FE, the corresponding block can be programmed; if the
data is FF, the program lockout feature has been activated
and the corresponding block cannot be programmed. The
software product identification exit mode should be used
to return to standard operation.
4
AT29C040A


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn