Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AT29C040A Datasheet(PDF) 1 Page - ATMEL Corporation

Part No. AT29C040A
Description  4-Megabit 512K x 8 5-volt Only 256-Byte Sector CMOS Flash Memory
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT29C040A Datasheet(HTML) 1 Page - ATMEL Corporation

  AT29C040A Datasheet HTML 1Page - ATMEL Corporation AT29C040A Datasheet HTML 2Page - ATMEL Corporation AT29C040A Datasheet HTML 3Page - ATMEL Corporation AT29C040A Datasheet HTML 4Page - ATMEL Corporation AT29C040A Datasheet HTML 5Page - ATMEL Corporation AT29C040A Datasheet HTML 6Page - ATMEL Corporation AT29C040A Datasheet HTML 7Page - ATMEL Corporation AT29C040A Datasheet HTML 8Page - ATMEL Corporation AT29C040A Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
4-Megabit
(512K x 8)
5-volt Only
256-Byte Sector
CMOS Flash
Memory
AT29C040A
Features
Fast Read Access Time - 100 ns
5-Volt-Only Reprogramming
Sector Program Operation
Single Cycle Reprogram (Erase and Program)
2048 Sectors (256 bytes/sector)
Internal Address and Data Latches for 256-Bytes
Internal Program Control and Timer
Hardware and Software Data Protection
Two 16 KB Boot Blocks with Lockout
Fast Sector Program Cycle Time - 10 ms
DATA Polling for End of Program Detection
Low Power Dissipation
40 mA Active Current
100
µA CMOS Standby Current
Typical Endurance > 10,000 Cycles
Single 5V ± 10% Supply
CMOS and TTL Compatible Inputs and Outputs
Description
The AT29C040A is a 5-volt-only in-system Flash Programmable and Erasable Read
Only Memory (PEROM). Its 4 megabits of memory is organized as 524,288 words by
8 bits. Manufactured with Atmel’s advanced nonvolatile CMOS EEPROM technology,
the device offers access times up to 100 ns, and a low 220 mW power dissipation.
When the device is deselected, the CMOS standby current is less than 100
µA. The
device endurance is such that any sector can typically be written to in excess of
10,000 times. The programming algorithm is compatible with other devices in Atmel’s
5-volt-only Flash family.
(continued)
AT29C040A
DIP Top View
Pin Configurations
Pin Name
Function
A0 - A18
Addresses
CE
Chip Enable
OE
Output Enable
WE
Write Enable
I/O0 - I/O7
Data Inputs/Outputs
NC
No Connect
TSOP Top View
Type 1
0333E–9/97


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn