Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AT29C040A Datasheet(PDF) 9 Page - ATMEL Corporation

Part No. AT29C040A
Description  4-Megabit 512K x 8 5-volt Only 256-Byte Sector CMOS Flash Memory
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT29C040A Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button AT29C040A Datasheet HTML 3Page - ATMEL Corporation AT29C040A Datasheet HTML 4Page - ATMEL Corporation AT29C040A Datasheet HTML 5Page - ATMEL Corporation AT29C040A Datasheet HTML 6Page - ATMEL Corporation AT29C040A Datasheet HTML 7Page - ATMEL Corporation AT29C040A Datasheet HTML 8Page - ATMEL Corporation AT29C040A Datasheet HTML 9Page - ATMEL Corporation AT29C040A Datasheet HTML 10Page - ATMEL Corporation AT29C040A Datasheet HTML 11Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
2. Beginning and ending state of I/O6 will vary.
3. Any address location may be used but the address
should not vary.
Toggle Bit Characteristics
(1)
Symbol
Parameter
Min
Typ
Max
Units
tDH
Data Hold Time
10
ns
tOEH
OE Hold Time
10
ns
tOE
OE to Output Delay (2)
ns
tOEHP
OE High Pulse
150
ns
tWR
Write Recovery Time
0
ns
Notes: 1. These parameters are characterized and not 100% tested.
2. See tOE spec in AC Read Characteristics.
Data Polling Characteristics
(1)
Symbol
Parameter
Min
Typ
Max
Units
tDH
Data Hold Time
10
ns
tOEH
OE Hold Time
10
ns
tOE
OE to Output Delay (2)
ns
tWR
Write Recovery Time
0
ns
Notes: 1. These parameters are characterized and not 100% tested.
2. See tOE spec in AC Read Characteristics.
Toggle Bit Waveforms
(1, 2, 3)
Notes: 1. Toggling either OE or CE or both OE and CE will
operate toggle bit. The tOEHP specification must be
met by the toggling input(s).
Data Polling Waveforms
AT29C040A
9


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn