Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AT29C020 Datasheet(PDF) 6 Page - ATMEL Corporation

Part No. AT29C020
Description  2-Megabit 256K x 8 5-volt Only CMOS Flash Memory
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT29C020 Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button AT29C020 Datasheet HTML 2Page - ATMEL Corporation AT29C020 Datasheet HTML 3Page - ATMEL Corporation AT29C020 Datasheet HTML 4Page - ATMEL Corporation AT29C020 Datasheet HTML 5Page - ATMEL Corporation AT29C020 Datasheet HTML 6Page - ATMEL Corporation AT29C020 Datasheet HTML 7Page - ATMEL Corporation AT29C020 Datasheet HTML 8Page - ATMEL Corporation AT29C020 Datasheet HTML 9Page - ATMEL Corporation AT29C020 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
0291S–FLASH–11/08
AT29C020
Notes:
1. X can be V
IL or VIH.
2. Refer to AC Programming Waveforms.
3. VH = 12.0V ± 0.5V.
4. Manufacturer Code: 1F, Device Code: DA.
5. See details under Software Product Identification Entry/Exit.
6.
DC and AC Operating Range
AT29C020-70
AT29C020-90
Operating Temperature (Case)
Industrial
-40
° C - 85° C-40° C - 85° C
V
CC Power Supply
5V ± 10%
5V ± 10%
7.
Operating Modes
Mode
CE
OE
WE
Ai
I/O
Read
VIL
VIL
VIH
Ai
DOUT
Program(2)
V
IL
V
IH
V
IL
Ai
D
IN
5V Chip Erase
VIL
VIH
VIL
Ai
Standby/Write Inhibit
VIH
X(1)
X
X
High Z
Program Inhibit
X
X
V
IH
Program Inhibit
X
VIL
X
Output Disable
X
VIH
X
High Z
Product Identification
Hardware
V
IL
V
IL
V
IH
A1 - A17 = VIL, A9 = VH,
(3) A0 = V
IL
Manufacturer Code(4)
A1 - A17 = VIL, A9 = VH, A0 = VIH
Device Code(4)
Software(5)
A0 = V
IL
Manufacturer Code(4)
A0 = VIH
Device Code(4)
8.
DC Characteristics
Symbol
Parameter
Condition
Min
Max
Units
I
LI
Input Load Current
V
IN = 0V to VCC
10
µA
I
LO
Output Leakage Current
V
I/O = 0V to VCC
10
µA
ISB1
VCC Standby Current CMOS
CE = VCC - 0.3V to VCC
300
µA
I
SB2
V
CC Standby Current TTL
CE = 2.0V to V
CC
3mA
I
CC
V
CC Active Current
f = 5 MHz; I
OUT = 0 mA
40
mA
VIL
Input Low Voltage
0.8
V
V
IH
Input High Voltage
2.0
V
V
OL
Output Low Voltage
I
OL = 2.1 mA
0.45
V
VOH1
Output High Voltage
IOH = -400 µA
2.4
V
V
OH2
Output High Voltage CMOS
I
OH = -100 µA; VCC = 4.5V
4.2
V


Similar Part No. - AT29C020

ManufacturerPart No.DatasheetDescription
ATMEL Corporation
ATMEL Corporation
AT29C020 ATMEL-AT29C020 Datasheet
426Kb / 17P
   2-megabit (256K x 8) 5-volt Only Flash Memory
AT29C020-70JU ATMEL-AT29C020-70JU Datasheet
426Kb / 17P
   2-megabit (256K x 8) 5-volt Only Flash Memory
AT29C020-70TU ATMEL-AT29C020-70TU Datasheet
426Kb / 17P
   2-megabit (256K x 8) 5-volt Only Flash Memory
AT29C020-90JU ATMEL-AT29C020-90JU Datasheet
426Kb / 17P
   2-megabit (256K x 8) 5-volt Only Flash Memory
AT29C020-90TU ATMEL-AT29C020-90TU Datasheet
426Kb / 17P
   2-megabit (256K x 8) 5-volt Only Flash Memory
More results

Similar Description - AT29C020

ManufacturerPart No.DatasheetDescription
ATMEL Corporation
ATMEL Corporation
AT49F020 ATMEL-AT49F020 Datasheet
84Kb / 10P
   2-Megabit 256K x 8 5-volt Only CMOS Flash Memory
AT49F002T ATMEL-AT49F002T Datasheet
119Kb / 12P
   2-Megabit 256K x 8 5-volt Only CMOS Flash Memory
AT29C020 ATMEL-AT29C020 Datasheet
426Kb / 17P
   2-megabit (256K x 8) 5-volt Only Flash Memory
Hynix Semiconductor
Hynix Semiconductor
HY29F002T HYNIX-HY29F002T Datasheet
381Kb / 38P
   2 Megabit (256K x 8), 5 Volt-only, Flash Memory
ATMEL Corporation
ATMEL Corporation
AT49F002 ATMEL-AT49F002 Datasheet
182Kb / 16P
   2-Megabit 256K x 8 5-volt Only Flash Memory
AT49F002 ATMEL-AT49F002 Datasheet
213Kb / 20P
   2-megabit (256K x 8) 5-volt Only Flash Memory
AT29LV020 ATMEL-AT29LV020 Datasheet
486Kb / 10P
   2 Megabit 256K x 8 3-volt Only CMOS Flash Memory
PMC-Sierra, Inc
PMC-Sierra, Inc
PM29F002 PMC-PM29F002 Datasheet
148Kb / 21P
   2 Megabit (256K X 8) 5.0 Volt-only CMOS Flash Memory
ATMEL Corporation
ATMEL Corporation
AT49F2048A ATMEL-AT49F2048A Datasheet
275Kb / 13P
   2-megabit 256K x 8/ 128K x 16 5-volt Only CMOS Flash Memory
AT29LV020 ATMEL-AT29LV020_08 Datasheet
387Kb / 16P
   2-megabit (256K x 8) 3-volt Only Flash Memory
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz