Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AT29C020 Datasheet(PDF) 5 Page - ATMEL Corporation

Part No. AT29C020
Description  2-Megabit 256K x 8 5-volt Only CMOS Flash Memory
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT29C020 Datasheet(HTML) 5 Page - ATMEL Corporation

  AT29C020 Datasheet HTML 1Page - ATMEL Corporation AT29C020 Datasheet HTML 2Page - ATMEL Corporation AT29C020 Datasheet HTML 3Page - ATMEL Corporation AT29C020 Datasheet HTML 4Page - ATMEL Corporation AT29C020 Datasheet HTML 5Page - ATMEL Corporation AT29C020 Datasheet HTML 6Page - ATMEL Corporation AT29C020 Datasheet HTML 7Page - ATMEL Corporation AT29C020 Datasheet HTML 8Page - ATMEL Corporation AT29C020 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
0291S–FLASH–11/08
AT29C020
4.9
Optional Chip Erase Mode
The entire device can be erased by using a 6-byte software code. Please see Software Chip
Erase application note for details.
4.10
Boot Block Programming Lockout
The AT29C020 has two designated memory blocks that have a programming lockout feature.
This feature prevents programming of data in the designated block once the feature has been
enabled. Each of these blocks consists of 8K bytes; the programming lockout feature can be set
independently for either block. While the lockout feature does not have to be activated, it can be
activated for either or both blocks.
These two 8K memory sections are referred to as boot blocks. Secure code which will bring up a
system can be contained in a boot block. The AT29C020 blocks are located in the first 8K bytes
of memory and the last 8K bytes of memory. The boot block programming lockout feature can
therefore support systems that boot from the lower addresses of memory or the higher
addresses. Once the programming lockout feature has been activated, the data in that block can
no longer be erased or programmed; data in other memory locations can still be changed
through the regular programming methods. To activate the lockout feature, a series of seven
program commands to specific addresses with specific data must be performed. Please see
Boot Block Lockout Feature Enable Algorithm.
If the boot block lockout feature has been activated on either block, the chip erase function will
be disabled.
4.10.1
Boot Block Lockout Detection
A software method is available to determine whether programming of either boot block section is
locked out. See Software Product Identification Entry and Exit sections. When the device is in
the software product identification mode, a read from location 00002H will show if programming
the lower address boot block is locked out while reading location 3FFF2H will do so for the upper
boot block. If the data is FE, the corresponding block can be programmed; if the data is FF, the
program lockout feature has been activated and the corresponding block cannot be pro-
grammed. The software product identification exit mode should be used to return to standard
operation.
5.
Absolute Maximum Ratings*
Temperature Under Bias............................... -55
° C to +125° C
*NOTICE:
Stresses beyond those listed under “Absolute
Maximum Ratings” may cause permanent dam-
age to the device. This is a stress rating only and
functional operation of the device at these or any
other conditions beyond those indicated in the
operational sections of this specification is not
implied. Exposure to absolute maximum rating
conditions for extended periods may affect
device reliability.
Storage Temperature .................................... -65
° C to +150° C
All Input Voltages (including NC Pins)
with Respect to Ground ...................................-0.6V to +6.25V
All Output Voltages
with Respect to Ground .............................-0.6V to V
CC + 0.6V
Voltage on OE
with Respect to Ground ...................................-0.6V to +13.5V


Similar Part No. - AT29C020

ManufacturerPart No.DatasheetDescription
ATMEL Corporation
ATMEL Corporation
AT29C020 ATMEL-AT29C020 Datasheet
426Kb / 17P
   2-megabit (256K x 8) 5-volt Only Flash Memory
AT29C020-70JU ATMEL-AT29C020-70JU Datasheet
426Kb / 17P
   2-megabit (256K x 8) 5-volt Only Flash Memory
AT29C020-70TU ATMEL-AT29C020-70TU Datasheet
426Kb / 17P
   2-megabit (256K x 8) 5-volt Only Flash Memory
AT29C020-90JU ATMEL-AT29C020-90JU Datasheet
426Kb / 17P
   2-megabit (256K x 8) 5-volt Only Flash Memory
AT29C020-90TU ATMEL-AT29C020-90TU Datasheet
426Kb / 17P
   2-megabit (256K x 8) 5-volt Only Flash Memory
More results

Similar Description - AT29C020

ManufacturerPart No.DatasheetDescription
ATMEL Corporation
ATMEL Corporation
AT49F020 ATMEL-AT49F020 Datasheet
84Kb / 10P
   2-Megabit 256K x 8 5-volt Only CMOS Flash Memory
AT49F002T ATMEL-AT49F002T Datasheet
119Kb / 12P
   2-Megabit 256K x 8 5-volt Only CMOS Flash Memory
AT29C020 ATMEL-AT29C020 Datasheet
426Kb / 17P
   2-megabit (256K x 8) 5-volt Only Flash Memory
Hynix Semiconductor
Hynix Semiconductor
HY29F002T HYNIX-HY29F002T Datasheet
381Kb / 38P
   2 Megabit (256K x 8), 5 Volt-only, Flash Memory
ATMEL Corporation
ATMEL Corporation
AT49F002 ATMEL-AT49F002 Datasheet
182Kb / 16P
   2-Megabit 256K x 8 5-volt Only Flash Memory
AT49F002 ATMEL-AT49F002 Datasheet
213Kb / 20P
   2-megabit (256K x 8) 5-volt Only Flash Memory
AT29LV020 ATMEL-AT29LV020 Datasheet
486Kb / 10P
   2 Megabit 256K x 8 3-volt Only CMOS Flash Memory
PMC-Sierra, Inc
PMC-Sierra, Inc
PM29F002 PMC-PM29F002 Datasheet
148Kb / 21P
   2 Megabit (256K X 8) 5.0 Volt-only CMOS Flash Memory
ATMEL Corporation
ATMEL Corporation
AT49F2048A ATMEL-AT49F2048A Datasheet
275Kb / 13P
   2-megabit 256K x 8/ 128K x 16 5-volt Only CMOS Flash Memory
AT29LV020 ATMEL-AT29LV020_08 Datasheet
387Kb / 16P
   2-megabit (256K x 8) 3-volt Only Flash Memory
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz