Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT25320-10PI-2.7 Datasheet(PDF) 8 Page - ATMEL Corporation

Part # AT25320-10PI-2.7
Description  SPI Serial EEPROMs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25320-10PI-2.7 Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button AT25320-10PI-2.7 Datasheet HTML 4Page - ATMEL Corporation AT25320-10PI-2.7 Datasheet HTML 5Page - ATMEL Corporation AT25320-10PI-2.7 Datasheet HTML 6Page - ATMEL Corporation AT25320-10PI-2.7 Datasheet HTML 7Page - ATMEL Corporation AT25320-10PI-2.7 Datasheet HTML 8Page - ATMEL Corporation AT25320-10PI-2.7 Datasheet HTML 9Page - ATMEL Corporation AT25320-10PI-2.7 Datasheet HTML 10Page - ATMEL Corporation AT25320-10PI-2.7 Datasheet HTML 11Page - ATMEL Corporation AT25320-10PI-2.7 Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AT25080/160/320/640
8
Writes are only allowed to sections of the memory which
are not block-protected.
NOTE: When the WPEN bit is hardware write protected, it
cannot be changed back to “0”, as long as the WP pin is
held low.
R E AD
SEQU E NC E
(REA D):
R e ad i n g
t h e
AT25080/160/320/640 via the SO (Serial Output) pin
requires the following sequence. After the CS line is pulled
low to select a device, the READ op-code is transmitted via
the SI line followed by the byte address to be read (A15-A0,
Refer to Table 6). Upon completion, any data on the SI line
will be ignored. The data (D7-D0) at the specified address
is then shifted out onto the SO line. If only one byte is to be
read, the CS line should be driven high after the data
comes out. The READ sequence can be continued since
the byte address is automatically incremented and data will
continue to be shifted out. When the highest address is
reached, the address counter will roll over to the lowest
address allowing the entire memory to be read in one con-
tinuous READ cycle.
WRITE SEQUENCE (WRITE): In order to program the
AT25080/160/320/640, two separate instructions must be
executed. First, the device must be write enabled via the
Write Enable (WREN) Instruction. Then a Write (WRITE)
Instruction may be executed. Also, the address of the
memory location(s) to be programmed must be outside the
protected address field location selected by the Block Write
Protection Level. During an internal write cycle, all com-
mands will be ignored except the RDSR instruction.
A Write Instruction requires the following sequence. After
the CS line is pulled low to select the device, the WRITE
op-code is transmitted via the SI line followed by the byte
address (A15-A0) and the data (D7-D0) to be programmed
(Refer to Table 6). Programming will start after the CS pin
is brought high. (The LOW to High transition of the CS pin
must occur during the SCK low time immediately after
clocking in the D0 (LSB) data bit.
The READY/BUSY status of the device can be determined
by initiating a READ STATUS REGISTER (RDSR) Instruc-
tion. If Bit 0 = 1, the WRITE cycle is still in progress. If Bit 0
= 0, the WRITE cycle has ended. Only the READ STATUS
REGISTER instruction is enabled during the WRITE pro-
gramming cycle.
The AT25080/160/320/640 is capable of a 32-byte PAGE
WRITE operation. After each byte of data is received, the
five low order address bits are internally incremented by
one; the high order bits of the address will remain constant.
If more than 32-bytes of data are transmitted, the address
counter will roll over and the previously written data will be
overwritten. The AT25080/160/320/640 is automatically
returned to the write disable state at the completion of a
WRITE cycle.
NOTE: If the device is not Write enabled (WREN), the
device will ignore the Write instruction and will return to the
standby state, when CS is brought high. A new CS falling
edge is required to re-initiate the serial communication.
Table 5. WPEN Operation
WPEN
WP
WEN
Protected
Blocks
Unprotected
Blocks
Status
Register
0
X
0
Protected
Protected
Protected
0
X
1
Protected
Writable
Writable
1
Low
0
Protected
Protected
Protected
1
Low
1
Protected
Writable
Protected
X
High
0
Protected
Protected
Protected
X
High
1
Protected
Writable
Writable
Table 6. Address Key
Address
AT25080
AT25160
AT25320
AT25640
A
N
A
9 - A0
A
10 - A0
A
11 - A0
A
12 - A0
Don't
Care Bits
A
15 - A10
A
15 - A11
A
15 - A12
A
15 - A13


Similar Part No. - AT25320-10PI-2.7

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25320-10PI-2.7 ATMEL-AT25320-10PI-2.7 Datasheet
331Kb / 21P
   SPI Serial EEPROMs
More results

Similar Description - AT25320-10PI-2.7

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25010 ATMEL-AT25010_03 Datasheet
155Kb / 17P
   SPI Serial EEPROMs
AT25HP256 ATMEL-AT25HP256_06 Datasheet
414Kb / 21P
   SPI Serial EEPROMs
AT25080A ATMEL-AT25080A_07 Datasheet
448Kb / 24P
   SPI Serial EEPROMs
AT25010 ATMEL-AT25010 Datasheet
165Kb / 15P
   SPI Serial EEPROMs
AT25128 ATMEL-AT25128 Datasheet
230Kb / 12P
   SPI Serial EEPROMs
AT25HP256 ATMEL-AT25HP256 Datasheet
178Kb / 15P
   SPI Serial EEPROMs
AT25128A ATMEL-AT25128A_05 Datasheet
437Kb / 21P
   SPI Serial EEPROMs
AT25640A ATMEL-AT25640A Datasheet
388Kb / 20P
   SPI Serial EEPROMs
AT25080 ATMEL-AT25080_03 Datasheet
331Kb / 21P
   SPI Serial EEPROMs
AT25128 ATMEL-AT25128_05 Datasheet
432Kb / 22P
   SPI Serial EEPROMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com