Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT24C02-10TI-2.5 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT24C02-10TI-2.5
Description  2-Wire Serial EEPROM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C02-10TI-2.5 Datasheet(HTML) 1 Page - ATMEL Corporation

  AT24C02-10TI-2.5 Datasheet HTML 1Page - ATMEL Corporation AT24C02-10TI-2.5 Datasheet HTML 2Page - ATMEL Corporation AT24C02-10TI-2.5 Datasheet HTML 3Page - ATMEL Corporation AT24C02-10TI-2.5 Datasheet HTML 4Page - ATMEL Corporation AT24C02-10TI-2.5 Datasheet HTML 5Page - ATMEL Corporation AT24C02-10TI-2.5 Datasheet HTML 6Page - ATMEL Corporation AT24C02-10TI-2.5 Datasheet HTML 7Page - ATMEL Corporation AT24C02-10TI-2.5 Datasheet HTML 8Page - ATMEL Corporation AT24C02-10TI-2.5 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1
Features
Low-voltage and Standard-voltage Operation
– 2.7 (V
CC = 2.7V to 5.5V)
– 1.8 (VCC = 1.8V to 5.5V)
Internally Organized 128 x 8 (1K), 256 x 8 (2K), 512 x 8 (4K),
1024 x 8 (8K) or 2048 x 8 (16K)
Two-wire Serial Interface
Schmitt Trigger, Filtered Inputs for Noise Suppression
Bidirectional Data Transfer Protocol
100 kHz (1.8V) and 400 kHz (2.7V, 5V) Compatibility
Write Protect Pin for Hardware Data Protection
8-byte Page (1K, 2K), 16-byte Page (4K, 8K, 16K) Write Modes
Partial Page Writes Allowed
Self-timed Write Cycle (5 ms max)
High-reliability
– Endurance: 1 Million Write Cycles
– Data Retention: 100 Years
Automotive Grade and Lead-free/Halogen-free Devices Available
8-lead PDIP, 8-lead JEDEC SOIC, 8-lead MAP, 5-lead SOT23,
8-lead TSSOP and 8-ball dBGA2 Packages
Die Sales: Wafer Form, Waffle Pack and Bumped Wafers
Description
The AT24C01A/02/04/08A/16A provides 1024/2048/4096/8192/16384 bits of serial
electrically erasable and programmable read-only memory (EEPROM) organized as
128/256/512/1024/2048 words of 8 bits each. The device is optimized for use in many
industrial and commercial applications where low-power and low-voltage operation
are essential. The AT24C01A/02/04/08A/16A is available in space-saving 8-lead PDIP,
8-lead JEDEC SOIC, 8-lead MAP, 5-lead SOT23 (AT24C01A/AT24C02/AT24C04), 8-
lead TSSOP, and 8-ball dBGA2 packages and is accessed via a Two-wire serial inter-
face. In addition, the entire family is available in 2.7V (2.7V to 5.5V) and 1.8V (1.8V to
5.5V) versions.
Table 1. Pin Configuration
Pin Name
Function
A0 - A2
Address Inputs
SDA
Serial Data
SCL
Serial Clock Input
WP
Write Protect
NC
No Connect
GND
Ground
VCC
Power Supply
Two-wire
Serial EEPROM
1K (128 x 8)
2K (256 x 8)
4K (512 x 8)
8K (1024 x 8)
16K (2048 x 8)
AT24C01A
AT24C02
AT24C04
AT24C08A
AT24C16A
0180V–SEEPR–8/05
8-lead SOIC
1
2
3
4
8
7
6
5
A0
A1
A2
GND
VCC
WP
SCL
SDA
8-lead PDIP
1
2
3
4
8
7
6
5
A0
A1
A2
GND
VCC
WP
SCL
SDA
8-lead MAP
Bottom View
1
2
3
4
8
7
6
5
VCC
WP
SCL
SDA
A0
A1
A2
GND
5-lead SOT23
1
2
3
5
4
SCL
GND
SDA
WP
VCC
8-ball dBGA2
Bottom View
VCC
WP
SCL
SDA
A0
A1
A2
GND
1
2
3
4
8
7
6
5
8-lead TSSOP
1
2
3
4
8
7
6
5
A0
A1
A2
GND
VCC
WP
SCL
SDA


Similar Part No. - AT24C02-10TI-2.5

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C02-10TQ-2.7 ATMEL-AT24C02-10TQ-2.7 Datasheet
257Kb / 20P
   Standard-voltage Operation
AT24C02-10TSU-1.8 ATMEL-AT24C02-10TSU-1.8 Datasheet
617Kb / 26P
   Two-wire Serial EEPROM
AT24C02-10TU-1.8 ATMEL-AT24C02-10TU-1.8 Datasheet
617Kb / 26P
   Two-wire Serial EEPROM
AT24C02-10TU-2.7 ATMEL-AT24C02-10TU-2.7 Datasheet
617Kb / 26P
   Two-wire Serial EEPROM
More results

Similar Description - AT24C02-10TI-2.5

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C02A ATMEL-AT24C02A Datasheet
182Kb / 13P
   2-Wire Serial EEPROM
AT24C32 ATMEL-AT24C32 Datasheet
237Kb / 15P
   2-Wire Serial EEPROM
AT24C512 ATMEL-AT24C512 Datasheet
249Kb / 12P
   2-wire Serial EEPROM
AT24C32C ATMEL-AT24C32C Datasheet
432Kb / 21P
   2-Wire Serial EEPROM
logo
GTM CORPORATION
GP24BC01 GTM-GP24BC01 Datasheet
264Kb / 9P
   2-WIRE SERIAL EEPROM
logo
ATMEL Corporation
AT24C32 ATMEL-AT24C32_03 Datasheet
207Kb / 19P
   2-Wire Serial EEPROM
AT24C21 ATMEL-AT24C21_03 Datasheet
223Kb / 17P
   2-wire Serial EEPROM
AT24C01 ATMEL-AT24C01 Datasheet
153Kb / 10P
   2-Wire Serial EEPROM
AT24C164 ATMEL-AT24C164 Datasheet
188Kb / 11P
   2-Wire Serial EEPROM
AT24C21 ATMEL-AT24C21 Datasheet
252Kb / 13P
   2-Wire Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com