Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTL20-19R0-103 Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # PTL20-19R0-103
Description  PTL Series Slide Potentiometer w/LED
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PTL20-19R0-103 Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  PTL20-19R0-103 Datasheet HTML 1Page - Bourns Electronic Solutions PTL20-19R0-103 Datasheet HTML 2Page - Bourns Electronic Solutions PTL20-19R0-103 Datasheet HTML 3Page - Bourns Electronic Solutions PTL20-19R0-103 Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
52.0
(2.047)
56.0±0.2
(2.205±.008)
60.0±0.5
(2.362±.020)
77.5
(3.052)
MAX.
55.0±0.1
(2.165±.004)
45.0±0.5
(1.772±.020)
1.1+0.2/-0
(.043+.008/-0)
DIA.6PLCS.
HOLES
2.05±0.1
(.081±.004)
0.6
(.024)
0.5
(.020)
5.5
(.217)
6.0±0.1
(.236±.004)
0.4
(.016)
6.6
(.260)
LED
MOUNTING
SURFACE
0.4
(.016)
M2X
2PLCS.
7.0±0.5
(.276±.020)
3.5±0.5
(.138±.020)
2.5±0.1
(.098±.004)
7.5±0.1
(.295±.004)
E
L
1
B
3
1
2
1.0±0.1
(.039±.004)
3.0
(.118)
5.5±0.1
(.217±.004)
L±0.5
(L±.020)
2.8
(.110)
9.0±0.5
(.354±.020)
Specificationsaresubjecttochangewithoutnotice.
Customersshouldverifyactualdeviceperformanceintheirspecificapplications.
PTLSeriesSlidePotentiometerw/LED
Product Dimensions
30 mm Length of Travel
DIMENSIONS:
MM
(INCHES)
2.05
± 0.1
(.081
± .004)
0.6
(.024)
40.0
± 0.1
(1.575
± .004)
1.1 +0.2/-0
(.043 +.008/-0)
DIA. 6 PLCS.
HOLES
2.5
± 0.1
(.098
± .004)
7.5
± 0.1
(.295
± .004)
E
L
1
B
3
2
37.0
(1.457)
41.0
± 0.2
(1.614
± .008)
45.0
± 0.5
(1.772
± .020)
0.4
(.016)
M2 X
2 PLCS.
1
2.8
(.110)
9.0
± 0.5
(.354
± .020)
30.0
± 0.5
(1.181
± .020)
0.5
(.020)
5.5
(.217)
6.0
± 0.1
(.236
± .004)
0.4
(.016)
6.6
(.260)
LED
MOUNTING
SURFACE
7.0
± 0.5
(.276
± .020)
3.5
± 0.5
(.138
± .020)
1.0
± 0.1
(.039
± .004)
3.0
(.118)
5.5
± 0.1
(.217
± .004)
L
± 0.5
(L
± .020)
Mounting Hole Detail
45 mm Length of Travel
Mounting Hole Detail
Applications
n
Mixingconsoles
n
Drummachines
n
Keyboardsandsynthesizers
n
Equalizers


Similar Part No. - PTL20-19R0-103

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PTL-10-432 ETC2-PTL-10-432 Datasheet
2Mb / 1P
   TLS 2200 Voice & Data Comm Materials
PTL-101-432 ETC2-PTL-101-432 Datasheet
2Mb / 1P
   TLS 2200 Voice & Data Comm Materials
PTL-11-432 ETC2-PTL-11-432 Datasheet
2Mb / 1P
   TLS 2200 Voice & Data Comm Materials
PTL-16-430 ETC2-PTL-16-430 Datasheet
2Mb / 1P
   TLS 2200 Voice & Data Comm Materials
PTL-17-430 ETC2-PTL-17-430 Datasheet
2Mb / 1P
   TLS 2200 Voice & Data Comm Materials
More results

Similar Description - PTL20-19R0-103

ManufacturerPart #DatasheetDescription
logo
Bi technologies
PS100-1 BITECH-PS100-1 Datasheet
101Kb / 3P
   Slide Potentiometer
PS45G BITECH-PS45G Datasheet
110Kb / 4P
   Slide Potentiometer
logo
SHINMEI ELECTRIC CO., L...
SLR-1-10101B SHINMEI-SLR-1-10101B Datasheet
140Kb / 3P
   SLIDE POTENTIOMETER
logo
Bi technologies
PS30M BITECH-PS30M Datasheet
168Kb / 6P
   Slide Potentiometer
PS30 BITECH-PS30 Datasheet
102Kb / 4P
   Slide Potentiometer
logo
Bourns Electronic Solut...
PSM01-082A-103B2 BOURNS-PSM01-082A-103B2 Datasheet
368Kb / 3P
   PSM Series Motorized Slide Potentiometer
logo
TT Electronics.
PSM050S-10B10KB TTELEC-PSM050S-10B10KB Datasheet
376Kb / 3P
   Miniature Slide Potentiometer
12/2021
logo
Bourns Electronic Solut...
PDV30-21D-104B BOURNS-PDV30-21D-104B Datasheet
280Kb / 4P
   PDV Series - Open Frame Slide Potentiometer
PTF45-152A-103B2 BOURNS-PTF45-152A-103B2 Datasheet
544Kb / 7P
   PTF Series Long Life Slide Potentiometer
PTA BOURNS-PTA Datasheet
223Kb / 2P
   Low Profile Slide Potentiometer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com