Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTS45-02L-503 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # PTS45-02L-503
Description  High Grade Slide Potentiometer
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PTS45-02L-503 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  PTS45-02L-503 Datasheet HTML 1Page - Bourns Electronic Solutions PTS45-02L-503 Datasheet HTML 2Page - Bourns Electronic Solutions PTS45-02L-503 Datasheet HTML 3Page - Bourns Electronic Solutions PTS45-02L-503 Datasheet HTML 4Page - Bourns Electronic Solutions PTS45-02L-503 Datasheet HTML 5Page - Bourns Electronic Solutions PTS45-02L-503 Datasheet HTML 6Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
45.0
± 0.5
(1.772
± .020)
65.0
± 0.2
(2.559
± .008)
77.5
(3.052)
MAX.
0.5
(.020)
0.6
(.024)
3.7
± 0.2
(.146
± .008)
5.4
± 0.2
(.213
± .008)
2.3
± 0.2
(.091
± .008)
1.2
± .05
(.047
± .002)
1.8
(.071)
2 PLCS.
8.0
(.315)
4.0 +0/-0.1
(.157 +0/-.004)
6.0
± 0.2
(.157
± .008)
6.8
(.268)
12.5
(.492)
5.0
(.197)
5.0
(.197)
2
1
2'
1'
3'
3
5.0
(.197)
2.0
(.079)
HOLES
6 PLCS.
0.3
(.012)
R
M3 2 PLCS.
10.0
± 0.3
(.394
± .012)
L
± 0.5
(L
± .020)
38.7
± 0.5
(1.524
± .020)
13.0
(.512)
MAX.
20.0
(.787)
30.0
(1.181)
Features
High grade, long life
Single and dual gang
Assortment of resistance tapers
Tracking error within ±3 dB
45, 60 and 100 mm sizes
Wide operating temperature range
T-bar lever option
PTS Series High Grade Slide Potentiometer
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Electrical Characteristics
Standard Resistance Range
....................... 1K ohms to 1 megohm
Standard Resistance Tolerance... ±20 %
End Resistance ................... 1 ohm max.
Insulation Resistance @ 500 VDC
............................. 100 megohms min.
Dielectric Withstanding Voltage
............................................ 1000 VAC
Tracking Error ............................... ±3 dB
Standard Taper .................. Linear, Audio
Power Rating
Linear ..................................... 0.5 watt
Audio.................................... 0.25 watt
Slider Noise .........................60 mV max.
Environmental Characteristics
Operational Life ..............100,000 cycles
TR Shift .................................... ±15 %
Operating Temperature Range
................................. -10 °C to +55 °C
Resistance to Solder Heat............. ±5 %
Mechanical Characteristics
Mechanical Travel........ Length ±0.5 mm
Operating Force .............................60 gf
Stop Strength ......................... 5 kgf min.
Shaft Axial Force .................. 10 kgf min.
Shaft Wobble .. 2(2 x L/25) mm p-p max.
Soldering Condition
Manual ...........300 °C ±5 °C for 3 sec.
Wave ..............260 °C ±5 °C for 5 sec.
Wash .....................Not recommended
Product Dimensions
45 mm Length of Travel
Lever End Syle “A”
DIMENSIONS:
MM
(INCHES)
Standard Resistance Table
Resistance
Resistance
(Ohms)
Code
1,000
102
2,000
202
5,000
502
10,000
103
20,000
203
50,000
503
100,000
104
200,000
204
500,000
504
1,000,000
105
Lever
Length
15.0
(.591)
20.0
(.787)
How To Order
PTS 45 - 0 2 L - 103 B2
Model Number
Designator
PTS = High Grade Slide
Potentiometer
Length of Travel
45 = 45 mm
60 = 60 mm
01 = 100 mm
Lever End Style/Length
0 = Lever End Style “A” / 15 mm
1 = Lever End Style “T” / 8.2 mm
2 = Lever End Style “A” / 20 mm
No. of Gangs
1 = Single Gang
2 = Dual Gang
Mounting Type
L = Solder Lugs
P = PC Pins
Resistance Code
(See Standard Resistance Table)
Resistance Taper (See Taper Charts)
Taper Series followed by Curve Number


Similar Part No. - PTS45-02L-503

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PTS453 ETC2-PTS453 Datasheet
54Kb / 2P
   4,5 mm Tact Switches
More results

Similar Description - PTS45-02L-503

ManufacturerPart #DatasheetDescription
logo
Bi technologies
PS100-1 BITECH-PS100-1 Datasheet
101Kb / 3P
   Slide Potentiometer
PS45G BITECH-PS45G Datasheet
110Kb / 4P
   Slide Potentiometer
logo
SHINMEI ELECTRIC CO., L...
SLR-1-10101B SHINMEI-SLR-1-10101B Datasheet
140Kb / 3P
   SLIDE POTENTIOMETER
logo
Bi technologies
PS30M BITECH-PS30M Datasheet
168Kb / 6P
   Slide Potentiometer
PS30 BITECH-PS30 Datasheet
102Kb / 4P
   Slide Potentiometer
logo
TT Electronics.
PSM050S-10B10KB TTELEC-PSM050S-10B10KB Datasheet
376Kb / 3P
   Miniature Slide Potentiometer
12/2021
logo
Bourns Electronic Solut...
PTA BOURNS-PTA Datasheet
223Kb / 2P
   Low Profile Slide Potentiometer
PDV10-21P-102A BOURNS-PDV10-21P-102A Datasheet
195Kb / 2P
   Open Frame Slide Potentiometer
PSP BOURNS-PSP Datasheet
464Kb / 2P
   Motorized Master Slide Potentiometer
SMLJ12A-Q BOURNS-SMLJ12A-Q Datasheet
838Kb / 3P
   Motorized Master Slide Potentiometer
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com