Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FBLA20-24-25 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # FBLA20-24-25
Description  FBLA Series Edge Bonded Ribbon Cables
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FBLA20-24-25 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  FBLA20-24-25 Datasheet HTML 1Page - List of Unclassifed Manufacturers FBLA20-24-25 Datasheet HTML 2Page - List of Unclassifed Manufacturers FBLA20-24-25 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
FBLA Series
Edge Bonded Ribbon Cables
Page 2
26/05/05 V1.0
FBLA
Type
10
Number of
Ways
Conductor Size
24
10
Reel Length
Specifications
Number of Ways
: 10, 20 and 30.
Conductor size
: 24 = 7/0.2 and 20 = 16/0.2mm.
Reel Length
: 10, 25 and 50m.
Conductor Size
Number of Ways
Reel Length
(m)
Part Number
7/0.2
10
10
FBLA10-24-10
25
FBLA10-24-25
50
FBLA10-24-50
20
10
FBLA20-24-10
25
FBLA20-24-25
50
FBLA20-24-50
30
10
FBLA30-24-10
16/0.2
10
25
FBLA10-20-25
20
25
FBLA20-20-25
50
FBLA20-20-50
Dimensions : Millimetres (Unless Specified)
Part Number Explanation:


Similar Part No. - FBLA20-24-25

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FBLA20-24-25 ETC2-FBLA20-24-25 Datasheet
236Kb / 3P
   FBLA Series Edge Bonded Ribbon Cables
More results

Similar Description - FBLA20-24-25

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FBLA20-24-25 ETC2-FBLA20-24-25 Datasheet
236Kb / 3P
   FBLA Series Edge Bonded Ribbon Cables
310J101-10 ETC2-310J101-10 Datasheet
177Kb / 1P
   Ribbon Cables
logo
Wurth Elektronik GmbH &...
63911255721 WURTH-63911255721 Datasheet
412Kb / 5P
   WR-CAB Ribbon Flat Cables
001.000
63914455721 WURTH-63914455721 Datasheet
412Kb / 5P
   WR-CAB Ribbon Flat Cables
001.000
63913455721CAB WURTH-63913455721CAB Datasheet
329Kb / 5P
   WR-CAB Ribbon Flat Cables
001.000
63911655721 WURTH-63911655721 Datasheet
412Kb / 5P
   WR-CAB Ribbon Flat Cables
001.000
63912455721CAB WURTH-63912455721CAB Datasheet
329Kb / 5P
   WR-CAB Ribbon Flat Cables
001.000
63915055721CAB WURTH-63915055721CAB Datasheet
329Kb / 5P
   WR-CAB Ribbon Flat Cables
001.000
63916055721 WURTH-63916055721 Datasheet
413Kb / 5P
   WR-CAB Ribbon Flat Cables
001.001
63911455721 WURTH-63911455721 Datasheet
412Kb / 5P
   WR-CAB Ribbon Flat Cables
001.000
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com