Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT25320T1-10TC-1.8 Datasheet(PDF) 6 Page - ATMEL Corporation

Part # AT25320T1-10TC-1.8
Description  SPI Serial EEPROMs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25320T1-10TC-1.8 Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button AT25320T1-10TC-1.8 Datasheet HTML 2Page - ATMEL Corporation AT25320T1-10TC-1.8 Datasheet HTML 3Page - ATMEL Corporation AT25320T1-10TC-1.8 Datasheet HTML 4Page - ATMEL Corporation AT25320T1-10TC-1.8 Datasheet HTML 5Page - ATMEL Corporation AT25320T1-10TC-1.8 Datasheet HTML 6Page - ATMEL Corporation AT25320T1-10TC-1.8 Datasheet HTML 7Page - ATMEL Corporation AT25320T1-10TC-1.8 Datasheet HTML 8Page - ATMEL Corporation AT25320T1-10TC-1.8 Datasheet HTML 9Page - ATMEL Corporation AT25320T1-10TC-1.8 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AT25080/160/320/640
6
Serial Interface Description
MASTER: The device that generates the serial clock.
SLAVE: Because the Serial Clock pin (SCK) is always an
input, the AT25080/160/320/640 always operates as a
slave.
TRANSMITTER/RECEIVER: The AT25080/160/320/640
has separate pins designated for data transmission (SO)
and reception (SI).
MSB: The Most Significant Bit (MSB) is the first bit trans-
mitted and received.
SERIAL OP-CODE: After the device is selected with CS
going low, the first byte will be received. This byte contains
the op-code that defines the operations to be performed.
INVALID OP-CODE: If an invalid op-code is received, no
data will be shifted into the AT25080/160/320/640, and the
serial output pin (SO) will remain in a high impedance state
until the falling edge of CS is detected again. This will reini-
tialize the serial communication.
CHIP SELECT: The AT25080/160/320/640 is selected
when the CS pin is low. When the device is not selected,
data will not be accepted via the SI pin, and the serial out-
put pin (SO) will remain in a high impedance state.
HOLD: The HOLD pin is used in conjunction with the CS
pin to select the AT25080/160/320/640. When the device is
selected and a serial sequence is underway, HOLD can be
used to pause the serial communication with the master
device without resetting the serial sequence. To pause, the
HOLD pin must be brought low while the SCK pin is low. To
resume serial communication, the HOLD pin is brought
high while the SCK pin is low (SCK may still toggle during
HOLD). Inputs to the SI pin will be ignored while the SO pin
is in the high impedance state.
WRITE PROTECT: The write protect pin (WP) will allow
normal read/write operations when held high. When the
WP pin is brought low and WPEN bit is “1”, all write opera-
tions to the status register are inhibited. WP going low
while CS is still low will interrupt a write to the status regis-
ter. If the internal write cycle has already been initiated, WP
going low will have no effect on any write operation to the
status register. The WP pin function is blocked when the
WPEN bit in the status register is "0". This will allow the
user to install the AT25080/160/320/640 in a system with
the WP pin tied to ground and still be able to write to the
status register. All WP pin functions are enabled when the
WPEN bit is set to “1”.
SPI Serial Interface


Similar Part No. - AT25320T1-10TC-1.8

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25320T1-10TI-2.7 ATMEL-AT25320T1-10TI-2.7 Datasheet
331Kb / 21P
   SPI Serial EEPROMs
More results

Similar Description - AT25320T1-10TC-1.8

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25010 ATMEL-AT25010_03 Datasheet
155Kb / 17P
   SPI Serial EEPROMs
AT25HP256 ATMEL-AT25HP256_06 Datasheet
414Kb / 21P
   SPI Serial EEPROMs
AT25080A ATMEL-AT25080A_07 Datasheet
448Kb / 24P
   SPI Serial EEPROMs
AT25010 ATMEL-AT25010 Datasheet
165Kb / 15P
   SPI Serial EEPROMs
AT25128 ATMEL-AT25128 Datasheet
230Kb / 12P
   SPI Serial EEPROMs
AT25HP256 ATMEL-AT25HP256 Datasheet
178Kb / 15P
   SPI Serial EEPROMs
AT25128A ATMEL-AT25128A_05 Datasheet
437Kb / 21P
   SPI Serial EEPROMs
AT25640A ATMEL-AT25640A Datasheet
388Kb / 20P
   SPI Serial EEPROMs
AT25080 ATMEL-AT25080_03 Datasheet
331Kb / 21P
   SPI Serial EEPROMs
AT25128 ATMEL-AT25128_05 Datasheet
432Kb / 22P
   SPI Serial EEPROMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com