Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJR50FP203M Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # RJR50FP203M
Description  Round Trimpot Trimming Potentiometer
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

RJR50FP203M Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  RJR50FP203M Datasheet HTML 1Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
3329P-DK9-RC
6.35 ± .51
(.250 ± .020)
5.79
(.228)
4.75
(.187)
.46 ± .05
(.018 ± .002)
.43 ± .13
(.017 ± .005)
2.54
(.100)
1
2
3
ADJ. SLOT
2.79 ± .038
(.110 ± ..001)
.64
(.025)
.51
(.020)
2.54
(.100)
2.54
(.100)
WIDE
X
X
DEEP
DIA.
MIN.
DIA. 3 PINS
Features
1/4” Round / Single-Turn / Cermet
Industrial / Sealed
■ Listed on the QPL per MIL-PRF-22097 and
High-Rel MIL-PRF-39035
For trimmer applications/processing
guidelines, click here
RJ50/RJR50 - 1/4 ” Round Trimpot® Trimming Potentiometer
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
“Trimpot” is a registered trademark of Bourns, Inc.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Electrical Characteristics
Standard Resistance Range
.................................. 10 to 1 megohm
(see standard resistance table)
Resistance Tolerance ............ ±10 % std.
Absolute Minimum Resistance
.....................................1 % or 2 ohms
(whichever is greater)
Contact Resistance Variation
......................... 3.0 % or 3 ohms max.
(whichever is greater)
Adjustability
Voltage ...................................±0.05 %
Resistance .............................±0.15 %
Resolution.................................... Infinite
Insulation Resistance ............... 500 vdc.
1,000 megohms min.
Dielectric Strength
Sea Level ............................... 600 vac
80,000 Feet ............................ 250 vac
Adjustment Angle.................. 240 ° nom.
Environmental Characteristics
Power Rating @ 85 °C (300 volts max.)
............................................... 0.5 watt
Power Rating @ 150 °C ............... 0 watt
Temperature Range....-55 °C to +150 °C
Temperature Coefficient .... ±100 ppm/°C
Seal Test......................85 °C Fluorinert†
Humidity........ MIL-STD-202 Method 106
96 hours
(3 %
ΔTR, 10 Megohms IR)
Vibration ....... 30 G (1 %
ΔTR; 1 % ΔVR)
except “P” pin style
Shock.......... 100 G (1 %
ΔTR; 1 % ΔVR)
Load Life
............1,000 hours 0.5 watt @ 85 °C
(3 %
ΔTR; 3 % CRV)
Rotational Life........................ 200 cycles
(4 %
ΔTR; 4 % CRV)
Physical Characteristics
Mechanical Angle ................. 260 ° nom.
Torque............................. 5.0 oz-in. max.
Stop Strength.................. 5.0 oz -in. min.
Terminals ....................... Solderable pins
Weight ....................................... 0.02 oz.
Marking.........Manufacturer’s trademark,
resistance code, date code,
manufacturer’s model number
and style
Wiper ............... 50 % (Actual TR) ±10 %
Standard Packaging ..... 50 pcs. per tube
Adjustment Tool .............................. H-90
Product Dimensions
How To Order
RJ50 F P 103
Model
Characteristic
F = ±100 ppm/°C Temp. Coeff. Max.
Terminal Style
Resistance Code
REV. 12/12
TOLERANCES: ±
0.25
EXCEPT WHERE NOTED
(.010)
DIMENSIONS:
MM
(INCHES)
MIL-PRF-22097
Standard Resistance Table
Resistance
Resistance
(Ohms)
Code
10
100
20
200
50
500
100
101
200
201
500
501
1,000
102
2,000
202
5,000
502
10,000
103
20,000
203
25,000
253
50,000
503
100,000
104
200,000
204
250,000
254
500,000
504
1,000,000
105
RJ50FP/RJR50FP
How To Order
RJR50 F P 203 P
Model
Characteristic
F = ±100 ppm/°C Temp. Coeff. Max.
Terminal Style
Resistance Code
Failure Rate
M = 1.0 %
P = 0.1 %
MIL-PRF-39035
1
3 CW
CLOCKWISE
CCW
2 WIPER


Similar Part No. - RJR50FP203M

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
RJR24 BOURNS-RJR24 Datasheet
169Kb / 1P
   3/8 ??Square Trimming Potentiometer
RJR24FP104R BOURNS-RJR24FP104R Datasheet
139Kb / 1P
   RJ24/RJR24 - 3/8 ??Square Trimpot짰 Trimming Potentiometer
RJR24FP201M BOURNS-RJR24FP201M Datasheet
184Kb / 1P
   RJ24/RJR24 - 3/8 Square Trimpot Trimming Potentiometer
RJR24FW103P BOURNS-RJR24FW103P Datasheet
139Kb / 1P
   RJ24/RJR24 - 3/8 Square Trimpot Trimming Potentiometer
RJR24FW103R BOURNS-RJR24FW103R Datasheet
184Kb / 1P
   RJ24/RJR24 - 3/8 ??Square Trimpot짰 Trimming Potentiometer
More results

Similar Description - RJR50FP203M

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3352 BOURNS-3352_13 Datasheet
200Kb / 1P
   Round Trimpot Trimming Potentiometer
3319 BOURNS-3319_13 Datasheet
188Kb / 1P
   9 mm Round Trimpot Trimming Potentiometer
3006 BOURNS-3006 Datasheet
131Kb / 1P
   Trimpot Trimming Potentiometer
3057 BOURNS-3057 Datasheet
117Kb / 1P
   Trimpot Trimming Potentiometer
3306 BOURNS-3306 Datasheet
140Kb / 1P
   6 mm Round Trimpot Trimming Potentiometer
3059 BOURNS-3059 Datasheet
116Kb / 1P
   Trimpot Trimming Potentiometer
0655 BOURNS-0655 Datasheet
159Kb / 1P
   Trimpot Trimming Potentiometer
3352P-1-503LF BOURNS-3352P-1-503LF Datasheet
123Kb / 1P
   3352 - 3/8 Round Trimpot Trimming Potentiometer
3352T-1-202LF BOURNS-3352T-1-202LF Datasheet
208Kb / 1P
   3352 - 3/8 Round Trimpot Trimming Potentiometer
RJ12 BOURNS-RJ12 Datasheet
121Kb / 1P
   Trimpot Trimming Potentiometer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com