Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT25128T1-10TI-1.8 Datasheet(PDF) 8 Page - ATMEL Corporation

Part # AT25128T1-10TI-1.8
Description  SPI Serial EEPROMs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25128T1-10TI-1.8 Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button AT25128T1-10TI-1.8 Datasheet HTML 4Page - ATMEL Corporation AT25128T1-10TI-1.8 Datasheet HTML 5Page - ATMEL Corporation AT25128T1-10TI-1.8 Datasheet HTML 6Page - ATMEL Corporation AT25128T1-10TI-1.8 Datasheet HTML 7Page - ATMEL Corporation AT25128T1-10TI-1.8 Datasheet HTML 8Page - ATMEL Corporation AT25128T1-10TI-1.8 Datasheet HTML 9Page - ATMEL Corporation AT25128T1-10TI-1.8 Datasheet HTML 10Page - ATMEL Corporation AT25128T1-10TI-1.8 Datasheet HTML 11Page - ATMEL Corporation AT25128T1-10TI-1.8 Datasheet HTML 12Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Functional Description (Continued)
Table 4. WPEN Operation
WPEN WP
WEN
Protected
Blocks
Unprotected
Blocks
Status
Register
0
X
0
Protected
Protected
Protected
0
X
1
Protected
Writable
Writable
1
Low
0
Protected
Protected
Protected
1
Low
1
Protected
Writable
Protected
X
High
0
Protected
Protected
Protected
X
High
1
Protected
Writable
Writable
READ SEQUENCE (READ):
Reading the AT25128 via
the SO (Serial Output) pin requires the following se-
quence. After the CS line is pulled low to select a device,
the READ op-code is transmitted via the SI line followed
by the byte address to be read (A15-A0, Refer to Table 5).
Upon completion, any data on the SI line will be ignored.
The data (D7-D0) at the specified address is then shifted
out onto the SO line. If only one byte is to be read, the CS
line should be driven high after the data comes out. The
READ sequence can be continued since the byte address
is automatically incremented and data will continue to be
shifted out. When the highest address is reached, the ad-
dress counter will roll over to the lowest address allowing
the entire memory to be read in one continuous READ cy-
cle.
WRITE SEQUENCE (WRITE):
In order to program the
AT25128, two separate instructions must be executed.
First, the device must be write enabled via the Write En-
able (WREN) Instruction. Then a Write (WRITE) Instruc-
tion may be executed. Also, the address of the memory
location(s) to be programmed must be outside the pro-
tected address field location selected by the Block Write
Protection Level. During an internal write cycle, all com-
mands will be ignored except the RDSR instruction.
A Write Instruction requires the following sequence. After
the CS line is pulled low to select the device, the WRITE
op-code is transmitted via the SI line followed by the byte
address (A15-A0) and the data (D7-D0) to be pro-
grammed (Refer to Table 5). Programming will start after
the CS pin is brought high. (The LOW to High transition of
the CS pin must occur during the SCK low time immedi-
ately after clocking in the D0 (LSB) data bit.
The READY/BUSY status of the device can be deter-
mined by initiating a READ STATUS REGISTER (RDSR)
Instruction. If Bit 0 = 1, the WRITE cycle is still in progress.
If Bit 0 = 0, the WRITE cycle has ended. Only the READ
STATUS REGISTER instruction is enabled during the
WRITE programming cycle.
The AT25128 is capable of a 32-byte PAGE WRITE op-
eration. After each byte of data is received, the five low
order address bits are internally incremented by one; the
high order bits of the address will remain constant. If more
than 32-bytes of data are transmitted, the address counter
will roll over and the previously written data will be over-
written. The AT25128 is automatically returned to the write
disable state at the completion of a WRITE cycle.
NOTE: If the device is not Write enabled (WREN), the de-
vice will ignore the Write instruction and will return to the
standby state, when CS is brought high. A new CS falling
edge is required to re-initiate the serial communication.
Table 5. Address Key
Address
AT25128
AN
A13 - A0
Don’t Care Bits
A15 - A14
8
AT25128


Similar Part No. - AT25128T1-10TI-1.8

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25128T2-10TC-1.8 ATMEL-AT25128T2-10TC-1.8 Datasheet
178Kb / 12P
   SPI Serial E2PROMs
AT25128T2-10TC-2.7 ATMEL-AT25128T2-10TC-2.7 Datasheet
178Kb / 12P
   SPI Serial E2PROMs
AT25128T2-10TI ATMEL-AT25128T2-10TI Datasheet
178Kb / 12P
   SPI Serial E2PROMs
AT25128T2-10TI-1.8 ATMEL-AT25128T2-10TI-1.8 Datasheet
178Kb / 12P
   SPI Serial E2PROMs
AT25128T2-10TI-2.7 ATMEL-AT25128T2-10TI-2.7 Datasheet
178Kb / 12P
   SPI Serial E2PROMs
More results

Similar Description - AT25128T1-10TI-1.8

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25010 ATMEL-AT25010_03 Datasheet
155Kb / 17P
   SPI Serial EEPROMs
AT25HP256 ATMEL-AT25HP256_06 Datasheet
414Kb / 21P
   SPI Serial EEPROMs
AT25080A ATMEL-AT25080A_07 Datasheet
448Kb / 24P
   SPI Serial EEPROMs
AT25010 ATMEL-AT25010 Datasheet
165Kb / 15P
   SPI Serial EEPROMs
AT25080 ATMEL-AT25080 Datasheet
172Kb / 16P
   SPI Serial EEPROMs
AT25HP256 ATMEL-AT25HP256 Datasheet
178Kb / 15P
   SPI Serial EEPROMs
AT25128A ATMEL-AT25128A_05 Datasheet
437Kb / 21P
   SPI Serial EEPROMs
AT25640A ATMEL-AT25640A Datasheet
388Kb / 20P
   SPI Serial EEPROMs
AT25080 ATMEL-AT25080_03 Datasheet
331Kb / 21P
   SPI Serial EEPROMs
AT25128 ATMEL-AT25128_05 Datasheet
432Kb / 22P
   SPI Serial EEPROMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com