Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTL20-15O1-202 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # PTL20-15O1-202
Description  PTL Series Slide Potentiometer w/LED
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PTL20-15O1-202 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  PTL20-15O1-202 Datasheet HTML 1Page - Bourns Electronic Solutions PTL20-15O1-202 Datasheet HTML 2Page - Bourns Electronic Solutions PTL20-15O1-202 Datasheet HTML 3Page - Bourns Electronic Solutions PTL20-15O1-202 Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2.05
± 0.1
(.081
± .004)
0.6
(.024)
30.0
± 0.1
(1.181
± .004)
1.1 +0.2/-0
(.043 +.008/-0)
DIA. 6 PLCS.
HOLES
2.5
± 0.1
(.098
± .004)
7.5
± 0.1
(.295
± .004)
E
L
1
B
3
2
27.0
(1.063)
31.0
± 0.2
(1.220
± .008)
35.0
± 0.5
(1.378
± .020)
0.4
(.016)
M2 X
2 PLCS.
1
2.8
(.110)
9.0
± 0.5
(.354
± .020)
20.0
± 0.5
(0.787
± .020)
0.5
(.020)
5.5
(.217)
6.0
± 0.1
(.236
± .004)
0.4
(.016)
6.6
(.260)
LED
MOUNTING
SURFACE
7.0
± 0.5
(.276
± .020)
3.5
± 0.5
(.138
± .020)
1.0
± 0.1
(.039
± .004)
3.0
(.118)
5.5
± 0.1
(.217
± .004)
L
± 0.5
(L
± .020)
Features
n
Carbonelement
n
Red,orange,green,amberandwhiteLEDcolors
n
Centerdetentoption
n
Assortmentofresistancetapers
n
Varioustravellengths
n
Variousleversizes
PTLSeriesSlidePotentiometerw/LED
*RoHSDirective2002/95/ECJan27,2003includingAnnex.
Specificationsaresubjecttochangewithoutnotice.
Customersshouldverifyactualdeviceperformanceintheirspecificapplications.
Electrical Characteristics
Standard Resistance Range
....................... 1K ohms to 1 megohm
Standard Resistance Tolerance... ±20 %
End Resistance
20 mm Travel................ 10 ohms max.
30 mm Travel................ 20 ohms max.
45 mm Travel................ 20 ohms max.
60 mm Travel................ 30 ohms max.
Insulation Resistance @ 250 VDC
............................. 100 megohms min.
Dielectric Withstanding Voltage
..............................................300 VAC
Standard Taper.................. Linear, Audio
Power Rating - Linear
20 mm Travel........................0.05 watt
30 mm Travel..........................0.1 watt
45 mm Travel......................0.125 watt
60 mm Travel..........................0.2 watt
Power Rating - Audio
20 mm Travel......................0.025 watt
30 mm Travel........................0.05 watt
45 mm Travel........................0.06 watt
60 mm Travel..........................0.1 watt
Slider Noise .......................200 mV max.
Environmental Characteristics
Operational Life ................15,000 cycles
TR Shift .................................... ±15 %
Operating Temperature Range
................................. -10 °C to +55 °C
Resistance to Solder Heat............. ±5 %
Mechanical Characteristics
Mechanical Travel........ Length ±0.5 mm
Operating Force ............. 30 gf to 250 gf
Center Detent Force ....... 20 gf to 200 gf
Stop Strength ......................... 5 kgf min.
Shaft Axial Force .................... 5 kgf min.
Shaft Wobble.. 2(2 x L/20) mm p-p max.
Soldering Condition
Manual ...........300 °C ±5 °C for 3 sec.
Wave ..............260 °C ±5 °C for 5 sec.
Wash .....................Not recommended
Product Dimensions
20 mm Length of Travel
DIMENSIONS:
MM
(INCHES)
Standard Resistance Table
Resistance
Resistance
(Ohms)
Code
1,000
102
2,000
202
5,000
502
10,000
103
20,000
203
50,000
503
100,000
104
200,000
204
500,000
504
1,000,000
105
Schematic
Mounting Hole Detail
3
2
1
R1
3
2
1
R1
3'
2'
1'
R2
Lever
Length
10.0
(.394)
15.0
(.591)
19.0
(.748)


Similar Part No. - PTL20-15O1-202

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PTL-10-432 ETC2-PTL-10-432 Datasheet
2Mb / 1P
   TLS 2200 Voice & Data Comm Materials
PTL-101-432 ETC2-PTL-101-432 Datasheet
2Mb / 1P
   TLS 2200 Voice & Data Comm Materials
PTL-11-432 ETC2-PTL-11-432 Datasheet
2Mb / 1P
   TLS 2200 Voice & Data Comm Materials
PTL-16-430 ETC2-PTL-16-430 Datasheet
2Mb / 1P
   TLS 2200 Voice & Data Comm Materials
PTL-17-430 ETC2-PTL-17-430 Datasheet
2Mb / 1P
   TLS 2200 Voice & Data Comm Materials
More results

Similar Description - PTL20-15O1-202

ManufacturerPart #DatasheetDescription
logo
Bi technologies
PS100-1 BITECH-PS100-1 Datasheet
101Kb / 3P
   Slide Potentiometer
PS45G BITECH-PS45G Datasheet
110Kb / 4P
   Slide Potentiometer
logo
SHINMEI ELECTRIC CO., L...
SLR-1-10101B SHINMEI-SLR-1-10101B Datasheet
140Kb / 3P
   SLIDE POTENTIOMETER
logo
Bi technologies
PS30M BITECH-PS30M Datasheet
168Kb / 6P
   Slide Potentiometer
PS30 BITECH-PS30 Datasheet
102Kb / 4P
   Slide Potentiometer
logo
Bourns Electronic Solut...
PSM01-082A-103B2 BOURNS-PSM01-082A-103B2 Datasheet
368Kb / 3P
   PSM Series Motorized Slide Potentiometer
logo
TT Electronics.
PSM050S-10B10KB TTELEC-PSM050S-10B10KB Datasheet
376Kb / 3P
   Miniature Slide Potentiometer
12/2021
logo
Bourns Electronic Solut...
PDV30-21D-104B BOURNS-PDV30-21D-104B Datasheet
280Kb / 4P
   PDV Series - Open Frame Slide Potentiometer
PTF45-152A-103B2 BOURNS-PTF45-152A-103B2 Datasheet
544Kb / 7P
   PTF Series Long Life Slide Potentiometer
PTA BOURNS-PTA Datasheet
223Kb / 2P
   Low Profile Slide Potentiometer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com