Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSCMANT060PASA3 Datasheet(PDF) 7 Page - Honeywell Accelerometers

Part # HSCMANT060PASA3
Description  TRUSTABILITY SILICON PRESSURE SENSORS HSC SERIES-HIGH ACCURACY
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL-ACC [Honeywell Accelerometers]
Direct Link  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

HSCMANT060PASA3 Datasheet(HTML) 7 Page - Honeywell Accelerometers

Back Button HSCMANT060PASA3 Datasheet HTML 3Page - Honeywell Accelerometers HSCMANT060PASA3 Datasheet HTML 4Page - Honeywell Accelerometers HSCMANT060PASA3 Datasheet HTML 5Page - Honeywell Accelerometers HSCMANT060PASA3 Datasheet HTML 6Page - Honeywell Accelerometers HSCMANT060PASA3 Datasheet HTML 7Page - Honeywell Accelerometers HSCMANT060PASA3 Datasheet HTML 8Page - Honeywell Accelerometers HSCMANT060PASA3 Datasheet HTML 9Page - Honeywell Accelerometers HSCMANT060PASA3 Datasheet HTML 10Page - Honeywell Accelerometers HSCMANT060PASA3 Datasheet HTML 11Page - Honeywell Accelerometers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Honeywell Sensing and Control
7
Figure 4. DIP Pressure Port Dimensional Drawings (For reference only: mm [in])
DIP NN: No ports
13,35
[0.525]
10,0
[0.39]
6,99
[0.275]
1
2
3
4
8
7
6
5
10,85
[0.427]
9,24
[0.364]
5,44
[0.214]
2,54 TYP.
[0.100]
8X 0,46
[0.018]
0,25
[0.010]
PORT 1
PORT 2
DIP AN: Single axial barbed port
1
2
3
4
10,0
[0.39]
13,35
[0.525]
PORT 1
8
7
6
5
6,2
[0.24]
2,54 TYP.
[0.100]
9,24
[0.364]
11,21
[0.441]
7,95
[0.313]
13,75
[0.541]
4,93 DIA.
[0.194]
PORT 2
6,99
[0.275]
8X 0,46
[0.018]
0,25
[0.010]
DIP LN: Single axial barbless port
PORT 1
PORT 2
10,0
[0.39]
13,35
[0.525]
6,99
[0.275]
2,54 TYP.
[0.100]
6,95
[0.274]
1,00
[0.039]
9,24
[0.364]
11,21
[0.441]
13,75
[0.541]
5,80
[0.228]
1
2
3
4
8
7
6
5
8X 0,46
[0.018]
0,25
[0.010]
2,47 DIA.
[0.097]
DIP RN: Single radial barbed port
PORT 1
13,35
[0.525]
10,0
[0.39]
6,99
[0.275]
1
2
3
4
8
7
6
5
11,21
[0.441]
9,24
[0.364]
5,80
[0.228]
2,54 TYP.
[0.100]
8X 0,46
[0.018]
0,25
[0.010]
1,93 DIA.
[0.076]
4,2
[0.17]
PORT 2
DIP RR: Dual radial barbed ports, same side
8X 0,46
[0.018]
13,35
[0.525]
10,0
[0.39]
6,99
[0.275]
1
2
3
4
8
7
6
5
6,16
[0.242]
2,54 TYP.
[0.100]
11,21
[0.441]
9,24
[0.364]
2X 1,93 DIA.
[0.076]
4,65
[0.183]
,25
[0.010]
PORT 1
PORT 2
PORT 1
PORT 2
4,0
[0.16]
3,78
[0.149]
DIP DR: Dual radial barbed ports, opposite sides
10,0
[0.39]
13,35
[0.525]
PORT 1
PORT 2
1
2
3
4
8
7
6
5
6,16
[0.242]
9,24
[0.364]
2,54 TYP.
[0.100]
15,76
[0.620]
11,21
[0.441]
2X 1,93 DIA.
[0.076]
6,99
[0.275]
8X 0,46
[0.018]
0,25
[0.010]
PORT 1
PORT 2
3,78
[0.149]


Similar Part No. - HSCMANT060PASA3

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
HSCMANT150PG2A3 HONEYWELL-ACC-HSCMANT150PG2A3 Datasheet
4Mb / 33P
   TruStability® Board Mount Pressure Sensors
August 2014
HSCMANT150PG2A5 HONEYWELL-ACC-HSCMANT150PG2A5 Datasheet
4Mb / 33P
   TruStability® Board Mount Pressure Sensors
August 2014
HSCMANT150PG2B3 HONEYWELL-ACC-HSCMANT150PG2B3 Datasheet
4Mb / 33P
   TruStability® Board Mount Pressure Sensors
August 2014
HSCMANT150PG2C3 HONEYWELL-ACC-HSCMANT150PG2C3 Datasheet
4Mb / 33P
   TruStability® Board Mount Pressure Sensors
August 2014
HSCMANT150PG2F3 HONEYWELL-ACC-HSCMANT150PG2F3 Datasheet
4Mb / 33P
   TruStability® Board Mount Pressure Sensors
August 2014
More results

Similar Description - HSCMANT060PASA3

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
HSC HONEYWELL-HSC_2 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: HSC Series-High Accuracy -1% total Error band,Analog output,SIP,1 psi to 150 psi
HSC HONEYWELL-HSC_1 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: HSC Series-High Accuracy -1% total Error band,Analog output,SIP,60 mbar to,10 bar
HSC HONEYWELL-HSC_3 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: HSC Series-High Accuracy -1% total Error band,Analog output,SIP,60 mbar to,10 bar
HSC HONEYWELL-HSC Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: HSC Series-High Accuracy -1% total Error band,Analog output,SIP,1 psi to 150 psi
HSCDRRN010MD2A3 HONEYWELL-HSCDRRN010MD2A3 Datasheet
1Mb / 14P
   TruStability짰 Board Mount Pressure Sensors: HSC Series?밐igh Accuracy
HSC HONEYWELL-HSC_4 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: HSC Series-High Accuracy -1% total Error band,Analog output,SMT and DIP,1 psi to 150 psi
HSC HONEYWELL-HSC_5 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: HSC Series-High Accuracy -1% total Error band,Analog output,SMT and DIP,60 mbar to 10 bar
HSC HONEYWELL-HSC_6 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: HSC Series-High Accuracy -1% total Error band,Digital output,SMT and DIP,1 psi to 150 psi
HSC HONEYWELL-HSC_7 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: HSC Series-High Accuracy -1% total Error band,Digital output,SMT and DIP,60 mbar to 10 bar
logo
Honeywell Accelerometer...
HSC HONEYWELL-ACC-HSC Datasheet
4Mb / 33P
   TruStability® Board Mount Pressure Sensors
August 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com