Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTF456-204A102B2 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # PTF456-204A102B2
Description  PTF Series Long Life Slide Potentiometer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PTF456-204A102B2 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  PTF456-204A102B2 Datasheet HTML 1Page - Bourns Electronic Solutions PTF456-204A102B2 Datasheet HTML 2Page - Bourns Electronic Solutions PTF456-204A102B2 Datasheet HTML 3Page - Bourns Electronic Solutions PTF456-204A102B2 Datasheet HTML 4Page - Bourns Electronic Solutions PTF456-204A102B2 Datasheet HTML 5Page - Bourns Electronic Solutions PTF456-204A102B2 Datasheet HTML 6Page - Bourns Electronic Solutions PTF456-204A102B2 Datasheet HTML 7Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
3
2
1
R1
3
2
1
R1
3'
2'
1'
R2
45.0 ± 0.5
(1.772 ± 0.020)
TRAVEL
MOUNTING
SURFACE
55.0 ± 0.1
(2.165 ± 0.004)
65.0 ± 0.1
(2.559 ± 0.004)
57.0
(2.244)
65.0 ± 0.2
(2.559 ± 0.008)
73.0 ± 0.5
(2.874 ± 0.020)
1
2.0 +0.2/-0
(0.079 + 0.008/-0)
DIA. 6 PLCS.
M3 2 PLCS.
1.5 ± 0.1
(0.059 ± 0.004)
2
2
2’
1
1’
3
3’
2’
1
1’
3
3’
2.8 ± 0.2
(0.110 ± 0.008)
6.0 ± 0.2
(0.236 ± 0.008)
4.0 +0/-0.1
(0.157 +0/-0.004)
1.2 ± 0.05
(0.047 ± 0.002)
0.5
(0.020)
3.5 ± 0.2
(0.138 ± 0.008)
1.6 ± 0.1
(0.063 ± 0.004)
7.4 ± 0.1
(0.291 ± 0.004)
10.0 ± 0.1
(0.394 ± 0.004)
L ± 0.5
(L ± 0.020)
2.8
(0.110)
20.0 ± 0.5
(0.787 ± 0.020)
9.0 ± 0.1
(0.354 ± 0.004)
11.0 ± 0.5
(0.433 ± 0.020)
14.0 ± 0.8
(0.551 ± 0.031)
Features
Long life carbon element
Assortment of resistance tapers
45 mm, 60 mm and 100 mm travel lengths
Single and dual gang elements
Long operational life
Tracking error within ±2 dB
PTF Series Long Life Slide Potentiometer
*RoHS Directive 2002/95/EC Jan 27, 2003 including Annex
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Electrical Characteristics
Standard Resistance Range
....................... 1K ohms to 1 megohm
Standard Resistance Tolerance... ±20 %
End Resistance ................... 1 ohm max.
Insulation Resistance @ 500 VDC
............................. 100 megohms min.
Dielectric Withstanding Voltage
............................................ 1000 VAC
Tracking Error ............................... ±2 dB
Standard Taper .................. Linear, Audio
Power Rating - Linear
45 mm ............................. 0.25 watt
60 & 100 mm..................... 0.5 watt
Power Rating - Audio
45 mm ........................... 0.125 watt
60 & 100 mm................... 0.25 watt
Slider Noise .........................60 mV max.
Environmental Characteristics
Operational Life ..............100,000 cycles
TR Shift .................................... ±15 %
Operating Temperature Range
................................. -10 °C to +55 °C
Resistance to Solder Heat............. ±5 %
Mechanical Characteristics
Mechanical Travel
.................... See Product Dimensions
Operating Force .............................50 gf
Stop Strength ......................... 5 kgf min.
Shaft Axial Force .................. 10 kgf min.
Shaft Wobble .. 2(2 x L/25) mm p-p max.
Soldering Condition
Manual ...........300 °C ±5 °C for 3 sec.
Wave ..............260 °C ±5 °C for 5 sec.
Wash .....................Not recommended
Product Dimensions
45 mm Length of Travel
Lever End Style “A”
DIMENSIONS:
MM
(INCHES)
Schematics
Mounting Hole Detail
Single Gang
Dual Gang


Similar Part No. - PTF456-204A102B2

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PTF45-152A-103B2 BOURNS-PTF45-152A-103B2 Datasheet
544Kb / 7P
   Long Life Slide Potentiometer
More results

Similar Description - PTF456-204A102B2

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PTF BOURNS-PTF Datasheet
544Kb / 7P
   Long Life Slide Potentiometer
logo
Vishay Siliconix
P10L VISHAY-P10L_17 Datasheet
105Kb / 5P
   Long Life Potentiometer - 500 000 Cycles Miniature - Cermet - Fully Sealed
Revision: 04-Jul-17
P30L VISHAY-P30L_17 Datasheet
158Kb / 6P
   Long Life Potentiometer - 2 Million Cycles, Heavy Duty - Cermet, Fully Sealed
Revision: 04-Jul-17
P13L VISHAY-P13L Datasheet
152Kb / 7P
   Long Life Cermet Potentiometer up to 2 Million Cycles
Revision: 04-Jul-17
logo
Grayhill, Inc
68P GRAYHILL-68P Datasheet
905Kb / 2P
   Long Life Potentiometer Substitute
logo
Vishay Siliconix
RV4L VISHAY-RV4L Datasheet
113Kb / 5P
   Long Life / Heavy Duty Potentiometer
logo
Bourns Electronic Solut...
PDF24 BOURNS-PDF24 Datasheet
486Kb / 2P
   24 mm Long Life Potentiometer
logo
Vishay Siliconix
RV4L VISHAY-RV4L_V01 Datasheet
95Kb / 5P
   Long Life / Heavy Duty Potentiometer
01-Jan-2022
logo
Bourns Electronic Solut...
PDA24 BOURNS-PDA24 Datasheet
307Kb / 2P
   PDA24 - 24 mm Long Life Potentiometer
logo
Vishay Siliconix
P11L VISHAY-P11L Datasheet
216Kb / 13P
   Long Life Cermet Potentiometer 2 Million Cycles
Revision: 04-Jul-17
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com