Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTB0144-2010BPB503 Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # PTB0144-2010BPB503
Description  Low Profi le Slide Potentiometer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PTB0144-2010BPB503 Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  PTB0144-2010BPB503 Datasheet HTML 1Page - Bourns Electronic Solutions PTB0144-2010BPB503 Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
PTB Series - Low Profile Slide Potentiometer
Product Dimensions
DIMENSIONS:
MM
(INCHES)
REV. 01/14
3
1
2
PTB01
11.25
(.442)
82.5
(3.24)
2 - M3 x 0.5
16.0
(.629)
13
128.0
(5.03)
120.0
(4.72)
3.75
(.147)
DIA. HOLES
2 PLCS.
2.0
+0.2
-0.0
(.078
)
+0.007
-0.0
DIA. HOLES
6 PLCS.
3.1
+0.2
-0.0
(.122
)
+0.007
-0.0
Numbers 1 , 2 and 3 for Dual Gang Versions
1
2
3
TRAVEL
127.5
(5.01)
L
8.0
(.314)
4.0
(.157)
100.0
(3.93)
127.5
(5.01)
How To Order
PTB 01 4 3 - 2 0 10 BP A 102
Model
Stroke Length
• 45 = 45 mm
• 60 = 60 mm
• 01 = 100 mm
Dust Cover Option
• 4 =
No Dust Cover
• 5 =
Rubber
Dust Cover
No. of Gangs
• 3 = Single Gang
• 4 = Dual Gang
Pin Style
• 2 = PC Pins Down Facing
No Detent
Standard Lever Length
• 10 = 10 mm
Lever Style
• BP = Metal Lever (Refer to Drawing)
• AP = Metal Lever (Refer to Drawing)
Resistance Taper
• A = Audio Taper
• B = Linear Taper
Resistance Code (See Table)
Other styles available.
Standard Resistance Table
Resistance
Resistance
(Ohms)
Code
5,000
502
10,000
103
20,000
203
50,000
503
100,000
104
200,000
204
Applications
Audio/TV sets
Car radio
Amplifiers/mixers/drum machines/synthesizers
PCs/monitors
Appliances


Similar Part No. - PTB0144-2010BPB503

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PTB BOURNS-PTB Datasheet
36Kb / 2P
   Panel Controls
logo
Amphenol Aerospace Oper...
PTB AAO-PTB Datasheet
29Kb / 1P
   thru bulkhead receptacle
logo
Advanced Thermal Soluti...
PTB-1000 ATS-PTB-1000 Datasheet
513Kb / 1P
   DIFFERENTIAL PRESSURE TRANSDUCER BOARD FOR HIGHLY ACCURATE MEASUREMENTS WITHIN ELECTRONIC SYSTEMS
R2_0215
logo
Insel Rectifier India P...
PTB-450 IRI-PTB-450 Datasheet
287Kb / 2P
   THREE PHASE BRIDGE RECTIFIERS
PTB-600 IRI-PTB-600 Datasheet
280Kb / 2P
   THREE PHASE BRIDGE RECTIFIERS
More results

Similar Description - PTB0144-2010BPB503

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PTA1543-2010DPB203 BOURNS-PTA1543-2010DPB203_14 Datasheet
374Kb / 2P
   Low Profi le Slide Potentiometer
PTE45-152A-103B2 BOURNS-PTE45-152A-103B2 Datasheet
286Kb / 3P
   PTE Series Low Profi le Slide Potentiometer
PTA6043-2015DPB103 BOURNS-PTA6043-2015DPB103 Datasheet
373Kb / 2P
   PTA Series - Low Profi le Slide Potentiometer
PEC11L BOURNS-PEC11L_13 Datasheet
220Kb / 2P
   11 mm Low Profi le Encoder
logo
Power System Technology
FAB0502019 PST-FAB0502019 Datasheet
237Kb / 3P
   Chassis mounting applications, low profi le
logo
TDK Electronics
SWS600L TDK-SWS600L Datasheet
397Kb / 2P
   Single Output Low Profi le Power Supplies
logo
Cornell Dubilier Electr...
944U CDE-944U Datasheet
267Kb / 4P
   High Current, Low Profi le for Inverter Applications
logo
Bourns Electronic Solut...
4310R-102-332 BOURNS-4310R-102-332 Datasheet
208Kb / 2P
   Low profi le provides compatibility with DIPs
logo
Visual Communications C...
LPCM VCC-LPCM Datasheet
1Mb / 1P
   Low Profi le, Panel Flush Light Pipe
logo
Panasonic Semiconductor
ELT5KT220L PANASONIC-ELT5KT220L Datasheet
92Kb / 2P
   Voltage Step-up Coils High inductance, low profi le choke coil Low profi le (H=1.2 mm max.)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com