Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJ12FY202 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # RJ12FY202
Description  Trimpot Trimming Potentiometer
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

RJ12FY202 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  RJ12FY202 Datasheet HTML 1Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Features
1-1/4 ” Rectangular / Multiturn
Cermet / Industrial / Sealed
■ Panel mount option available
■ Listed on the QPL per MIL-PRF-22097
For trimmer applications/processing
guidelines, click here
RJ12 - Trimpot® Trimming Potentiometer
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
“Trimpot” is a registered trademark of Bourns, Inc.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Electrical Characteristics
Standard Resistance Range
........................ 10 ohms to 1 megohm
(see standard resistance table)
Resistance Tolerance ............ ±10 % std.
Absolute Minimum Resistance
............................ 1 % or 2 ohms max.
(whichever is greater)
Contact Resistance Variation
...........................1.0 % or 1 ohm max.
(whichever is greater)
Adjustability
Voltage ...................................±0.01 %
Resistance .............................±0.05 %
Resolution.................................... Infinite
Insulation Resistance ............... 500 vdc.
1,000 megohms min.
Dielectric Strength
Sea Level ............................... 900 vac
70,000 Feet ............................ 350 vac
Effective Travel ................. 22 turns nom.
Environmental Characteristics
Power Rating @ 70 °C (400 volts max.)
............................................... 1.0 watt
Power Rating @ 150 °C .............. 0 watt
Temperature Range....-55 °C to +150 °C
Temperature Coefficient .... ±100 ppm/°C
Seal Test...................... 85 °C Fluorinert*
(pin styles only)
Humidity........ MIL-STD-202 Method 106
(2 %
ΔTR, 10 Megohms IR)
Vibration ....... 20 G (1 %
ΔTR; 1 % ΔVR)
Shock............ 50 G (1 %
ΔTR; 1 % ΔVR)
Load Life.. 1,000 hours 1.0 watt @ 70 °C
(3 %
ΔTR; 1% or 1 ohms,
whichever is greater, CRV)
Rotational Life........................ 200 cycles
(2 %
ΔTR; 1 % or 1 ohm,
whichever is greater, CRV)
Physical Characteristics
Torque............................. 5.0 oz-in. max.
Mechanical Stops ................. Wiper idles
Terminals .Solderable printed circuit pins
Flexible leads ..... (7 strands of 30 AWG)
Weight ......................................... 0.1 oz.
Marking.........Manufacturer’s trademark,
resistance code, terminal
numbers, date code, manufacturer’s
model number and style
Wiper ............... 50 % (Actual TR) ±10 %
Flammability .......................... U.L. 94V-0
Standard Packaging ..... 10 pcs. per tube
Adjustment Tool .............................. H-90
Product Dimensions
1
3 GREEN
CW
CLOCKWISE
YELLOW
CCW
2 WIPER
RED
How To Order
RJ12 F Y 103
Model
Characteristic
F = ±100 ppm/°C Temp. Coeff. Max.
Terminal Style
Resistance Code
REV. 12/12
TOLERANCES: ±
0.25
EXCEPT WHERE NOTED
(.010)
RJ12FP
RJ12FY
DIMENSIONS:
MM
(INCHES)
MIL-PRF-22097
17.78
(.700)
22.86
(.900)
6.60
(.260)
2
1
3
12.70 ± .79
(.500 ± .031)
.71 ± .03
(.028 ± .001)
DIA. TYP.
.71 ± .03
(.028 ± .001)
DIA. TYP.
7.62
(.300)
17.78
(.700)
6.60
(.260)
2
3
12.70 ± .79
(.500 ± .031)
1
2.54
(.100)
2.54
(.100)
Standard Resistance Table
Resistance
Resistance
(Ohms)
Code
10
100
20
200
50
500
100
101
200
201
500
501
1,000
102
2,000
202
5,000
502
10,000
103
20,000
203
25,000
253
50,000
503
100,000
104
200,000
204
250,000
254
500,000
504
1,000,000
105


Similar Part No. - RJ12FY202

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
RJ12FP203 BOURNS-RJ12FP203 Datasheet
127Kb / 1P
   RJ12 - Trimpot Trimming Potentiometer
More results

Similar Description - RJ12FY202

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3006 BOURNS-3006 Datasheet
131Kb / 1P
   Trimpot Trimming Potentiometer
3057 BOURNS-3057 Datasheet
117Kb / 1P
   Trimpot Trimming Potentiometer
3059 BOURNS-3059 Datasheet
116Kb / 1P
   Trimpot Trimming Potentiometer
0655 BOURNS-0655 Datasheet
159Kb / 1P
   Trimpot Trimming Potentiometer
RT12 BOURNS-RT12 Datasheet
107Kb / 1P
   Trimpot Trimming Potentiometer
3006P-1-100LF BOURNS-3006P-1-100LF Datasheet
187Kb / 1P
   3006 - Trimpot Trimming Potentiometer
RJ24FL202 BOURNS-RJ24FL202_12 Datasheet
184Kb / 1P
   Square Trimpot Trimming Potentiometer
RT22C2P501 BOURNS-RT22C2P501 Datasheet
143Kb / 1P
   Square Trimpot Trimming Potentiometer
RT26 BOURNS-RT26 Datasheet
120Kb / 1P
   Square Trimpot Trimming Potentiometer
3352 BOURNS-3352_13 Datasheet
200Kb / 1P
   Round Trimpot Trimming Potentiometer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com