Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP59151MN30TYG Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCP59151MN30TYG
Description  1.5 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator Series
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP59151MN30TYG Datasheet(HTML) 5 Page - ON Semiconductor

  NCP59151MN30TYG Datasheet HTML 1Page - ON Semiconductor NCP59151MN30TYG Datasheet HTML 2Page - ON Semiconductor NCP59151MN30TYG Datasheet HTML 3Page - ON Semiconductor NCP59151MN30TYG Datasheet HTML 4Page - ON Semiconductor NCP59151MN30TYG Datasheet HTML 5Page - ON Semiconductor NCP59151MN30TYG Datasheet HTML 6Page - ON Semiconductor NCP59151MN30TYG Datasheet HTML 7Page - ON Semiconductor NCP59151MN30TYG Datasheet HTML 8Page - ON Semiconductor NCP59151MN30TYG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
NCP59150, NCV59150 Series
http://onsemi.com
5
TYPICAL CHARACTERISTICS
Figure 4. Dropout Voltage vs. Output Current
(VOUTnom = 2.5 V)
Figure 5. Dropout Voltage vs. Temperature
(VOUTnom = 2.5 V, IOUT = 1.5 A)
OUTPUT CURRENT (A)
TEMPERATURE (C)
1.50
1.25
1.00
0.75
0.50
0.25
0
0
50
100
200
250
350
400
500
110
90
50
30
10
−10
−30
−50
0
50
150
200
250
300
400
450
Figure 6. Dropout Characteristics
(VOUTnom = 1.24 V)
Figure 7. Dropout Characteristics
(VOUTnom = 2.5 V)
SUPPLY VOLTAGE (V)
SUPPLY VOLTAGE (V)
1.9
1.7
1.6
1.5
1.3
1.2
1.1
1.0
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
2.8
2.4
2.2
2.0
1.8
1.4
1.2
1.0
0
0.5
1.0
1.5
2.0
2.5
3.0
Figure 8. Ground Current vs. Output Current
(VOUTnom = 1.24 V)
Figure 9. Ground Current vs. Supply Voltage
(VOUTnom = 1.24 V, IOUT = 10 mA)
OUTPUT CURRENT (A)
SUPPLY VOLTAGE (V)
1.25
1.00
0.75
0.50
1.50
0.25
0
0
5
10
15
20
25
30
4.5
4.0
3.0
2.5
2.0
1.0
0.5
0
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
150
300
450
70
130
100
350
1.4
1.8
2.0
0.5 A
1.5 A
1.0 A
10 mA
0.5 A
1.5 A
1.0 A
10 mA
1.5
3.5
5.0
1.6
2.6
3.0


Similar Part No. - NCP59151MN30TYG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP59151MN30TYG ONSEMI-NCP59151MN30TYG Datasheet
246Kb / 14P
   1.5 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator Series
May, 2013 ??Rev. 1
NCP59151MN30TYG ONSEMI-NCP59151MN30TYG Datasheet
295Kb / 14P
   1.5 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator Series
May, 2022 - Rev. 2
More results

Similar Description - NCP59151MN30TYG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP57152DSADJR4G ONSEMI-NCP57152DSADJR4G Datasheet
292Kb / 11P
   1.5 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator
May, 2013 ??Rev. 1
NCP59151MN33TYG ONSEMI-NCP59151MN33TYG Datasheet
246Kb / 14P
   1.5 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator Series
May, 2013 ??Rev. 1
NCP59151MN33TYG ONSEMI-NCP59151MN33TYG Datasheet
314Kb / 14P
   1.5 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator Series
May, 2013 ??Rev. 1
NCP59150 ONSEMI-NCP59150 Datasheet
295Kb / 14P
   1.5 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator Series
May, 2022 - Rev. 2
NCP58300 ONSEMI-NCP58300_13 Datasheet
146Kb / 12P
   Very Low-Dropout (VLDO) Fast Transient Response Regulator
May, 2013 ??Rev. 1
NCP59302DSADJR4G ONSEMI-NCP59302DSADJR4G Datasheet
606Kb / 10P
   3.0 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator series
May, 2013 ??Rev. 2
NCP57302 ONSEMI-NCP57302 Datasheet
607Kb / 10P
   3.0 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator
May, 2013 ??Rev. 2
NCP59300 ONSEMI-NCP59300_13 Datasheet
621Kb / 10P
   3.0 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator series
May, 2013 ??Rev. 4
NCP58300 ONSEMI-NCP58300 Datasheet
154Kb / 12P
   3.0A, Very Low-Dropout (VLDO) Fast Transient Response Regulator series
August, 2012 ??Rev. 0
NCP59300 ONSEMI-NCP59300 Datasheet
227Kb / 12P
   3.0A, Very Low-Dropout (VLDO) Fast Transient Response Regulator series
January, 2011 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com