Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV8603 Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCV8603
Description  300 mA High Performance CMOS LDO Regulator with Enable and Enhanced ESD
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8603 Datasheet(HTML) 2 Page - ON Semiconductor

  NCV8603 Datasheet HTML 1Page - ON Semiconductor NCV8603 Datasheet HTML 2Page - ON Semiconductor NCV8603 Datasheet HTML 3Page - ON Semiconductor NCV8603 Datasheet HTML 4Page - ON Semiconductor NCV8603 Datasheet HTML 5Page - ON Semiconductor NCV8603 Datasheet HTML 6Page - ON Semiconductor NCV8603 Datasheet HTML 7Page - ON Semiconductor NCV8603 Datasheet HTML 8Page - ON Semiconductor NCV8603 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
NCV8603
http://onsemi.com
2
PIN FUNCTION DESCRIPTION
Pin No.
Pin Name
Description
1
Vin
Positive Power Supply Input
2
GND
Power Supply Ground; Device Substrate
3
ENABLE
The Enable Input places the device into low−power standby when pulled to logic low (< 0.4 V).
Connect to Vin if the function is not used.
4
NC
No Connection (Note 1)
5
Vout
Regulated Output Voltage
1. True no connect. Printed circuit board traces are allowable.
ABSOLUTE MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Input Voltage (Note 2)
Vin
−0.3 to 6.5
V
Output, Enable
Vout, ENABLE
−0.3 to 6.5 (or Vin + 0.3)
Whichever is Lower
V
Maximum Junction Temperature
TJ(max)
150
C
Storage Temperature
TSTG
−65 to 150
C
ESD Capability, Human Body Model (Note 3)
ESDHBM
3500
V
ESD Capability, Machine Model (Note 3)
ESDMM
200
V
Moisture Sensitivity Level
MSL
MSL1/260
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
2. Refer to ELECTRICAL CHARACTERISTICS and APPLICATION INFORMATION for Safe Operating Area.
3. This device series incorporates ESD protection and is tested by the following methods:
ESD Human Body Model tested per AEC−Q100−002 (EIA/JESD22−A114)
ESD Machine Model tested per AEC−Q100−003 (EIA/JESD22−A115)
Latchup Current Maximum Rating: v150 mA per JEDEC standard: JESD78.
THERMAL CHARACTERISTICS
Rating
Symbol
Value
Unit
Thermal Characteristics, TSOP−5 (Note 4)
Thermal Resistance, Junction−to−Air (Note 5)
RqJA
215
C/W
4. Refer to ELECTRICAL CHARACTERISTICS and APPLICATION INFORMATION for Safe Operating Area.
5. Value based on copper area of 645 mm2 (or 1 in2) of 1 oz copper thickness.
OPERATING RANGES (Note 6)
Rating
Symbol
Min
Max
Unit
Input Voltage (Note 7)
Vin
1.75
6
V
Output Current
Iout
0
300
mA
Ambient Temperature
TA
−40
125
C
6. Refer to ELECTRICAL CHARACTERISTICS and APPLICATION INFORMATION for Safe Operating Area.
7. Minimum Vin = 1.75 V or (Vout + VDO), whichever is higher.


Similar Part No. - NCV8603

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8605 ONSEMI-NCV8605 Datasheet
170Kb / 13P
   500 mA, Low IGND, CMOS LDO Regulator with/without Enable and with Enhanced ESD Protection
May, 2010 ??Rev. 0
NCV8605MN15T2G ONSEMI-NCV8605MN15T2G Datasheet
170Kb / 13P
   500 mA, Low IGND, CMOS LDO Regulator with/without Enable and with Enhanced ESD Protection
May, 2010 ??Rev. 0
NCV8605MN15T2G ONSEMI-NCV8605MN15T2G Datasheet
174Kb / 12P
   CMOS LDO Regulator
June, 2013 ??Rev. 2
NCV8605MN18T2G ONSEMI-NCV8605MN18T2G Datasheet
170Kb / 13P
   500 mA, Low IGND, CMOS LDO Regulator with/without Enable and with Enhanced ESD Protection
May, 2010 ??Rev. 0
NCV8605MN18T2G ONSEMI-NCV8605MN18T2G Datasheet
174Kb / 12P
   CMOS LDO Regulator
June, 2013 ??Rev. 2
More results

Similar Description - NCV8603

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP603 ONSEMI-NCP603 Datasheet
135Kb / 13P
   300 mA High Performance CMOS LDO Regulator with Enable and Enhanced ESD Protection
November, 2007 - Rev. P1
NCP603 ONSEMI-NCP603_13 Datasheet
153Kb / 13P
   300 mA High Performance CMOS LDO Regulator
January, 2013 ??Rev. 3
NCP585DSN33T1G ONSEMI-NCP585DSN33T1G Datasheet
162Kb / 13P
   Tri-Mode 300 mA CMOS LDO Regulator with Enable
July, 2009 ??Rev. 14
NCP585 ONSEMI-NCP585 Datasheet
86Kb / 14P
   Tri-Mode 300 mA CMOS LDO Regulator with Enable
March, 2005 ??Rev. 3
NCP585HSN10T1G ONSEMI-NCP585HSN10T1G Datasheet
162Kb / 13P
   Tri-Mode 300 mA CMOS LDO Regulator with Enable
July, 2009 ??Rev. 14
NCV8605 ONSEMI-NCV8605 Datasheet
170Kb / 13P
   500 mA, Low IGND, CMOS LDO Regulator with/without Enable and with Enhanced ESD Protection
May, 2010 ??Rev. 0
NCP629 ONSEMI-NCP629 Datasheet
125Kb / 11P
   High Performance CMOS LDO Regulator with Enable and Enhanced ESD Protection in Chip Scale Package (CSP)
February, 2008 - Rev. 1
NCP605 ONSEMI-NCP605_V01 Datasheet
219Kb / 14P
   LDO Regulator - Low IGND, CMOS with/without Enable and with Enhanced 500 mA
May, 2022 - Rev. 4
CAT6218 ONSEMI-CAT6218 Datasheet
166Kb / 9P
   300 mA CMOS LDO Regulator
December, 2009 ??Rev. 4
CAT6218 ONSEMI-CAT6218_11 Datasheet
158Kb / 9P
   300 mA CMOS LDO Regulator
January, 2011 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com