Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP59151DS25R4G Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCP59151DS25R4G
Description  1.5 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator Series
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP59151DS25R4G Datasheet(HTML) 2 Page - ON Semiconductor

  NCP59151DS25R4G Datasheet HTML 1Page - ON Semiconductor NCP59151DS25R4G Datasheet HTML 2Page - ON Semiconductor NCP59151DS25R4G Datasheet HTML 3Page - ON Semiconductor NCP59151DS25R4G Datasheet HTML 4Page - ON Semiconductor NCP59151DS25R4G Datasheet HTML 5Page - ON Semiconductor NCP59151DS25R4G Datasheet HTML 6Page - ON Semiconductor NCP59151DS25R4G Datasheet HTML 7Page - ON Semiconductor NCP59151DS25R4G Datasheet HTML 8Page - ON Semiconductor NCP59151DS25R4G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
NCP59150, NCV59150 Series
http://onsemi.com
2
TYPICAL APPLICATIONS
Figure 1. Fixed 2.5 Regulator with Error Flag
Figure 2. Adjustable Regulator
+
+
COUT
47 mF, Ceramic
100k
VIN
EN
VOUT
FLG
GND
VOUT = 2.5 V
CIN
VIN = 3.0 V
NCP59151
+
+
COUT
47 mF, Ceramic
R1
VIN
EN
VOUT
ADJ
GND
1.3 V
CIN
VIN
NCP59152
R2
Figure 3. Fixed 2.5 Regulator in D2PAK−3 Package
+
+
COUT
47 mF, Ceramic
VIN
VOUT
GND
VOUT = 2.5 V
CIN
VIN = 3.0 V
NCP59150
PIN FUNCTION DESCRIPTION
Pin Number
D2PAK−5
Pin Number
D2PAK−3
Pin Number
DFN8
Pin Name
Pin Function
1
2
EN
Enable Input: CMOS and TTL logic compatible. Logic high = enable; Logic low
= shutdown.
2
1
3
VIN
Input voltage which supplies both the internal circuitry and the current to the
output load.
3
2
1
GND
Ground
TAB
TAB
TAB
TAB is connected to ground.
4
3
6
VOUT
Linear Regulator Output.
5 (Fixed)
8
FLG
Error Flag Open collector output.
Active−low indicates an output fault condition.
5 (Adj)
7 (Adj)
ADJ
Adjustable Regulator Feedback Input.
Connect to output voltage resistor divider central node.
7 (Fixed)
VOUT
SENSE
Fixed Voltage Regulator Feedback Input.
Connect to output voltage node.
EP
EXPOSED
PAD
PAD for removing heat from the device. Must be connected to GND.
4, 5
NC
Not internally connected.


Similar Part No. - NCP59151DS25R4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP59151DS25R4G ONSEMI-NCP59151DS25R4G Datasheet
246Kb / 14P
   1.5 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator Series
May, 2013 ??Rev. 1
NCP59151DS25R4G ONSEMI-NCP59151DS25R4G Datasheet
295Kb / 14P
   1.5 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator Series
May, 2022 - Rev. 2
More results

Similar Description - NCP59151DS25R4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP57152DSADJR4G ONSEMI-NCP57152DSADJR4G Datasheet
292Kb / 11P
   1.5 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator
May, 2013 ??Rev. 1
NCP59151MN33TYG ONSEMI-NCP59151MN33TYG Datasheet
246Kb / 14P
   1.5 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator Series
May, 2013 ??Rev. 1
NCP59151MN33TYG ONSEMI-NCP59151MN33TYG Datasheet
314Kb / 14P
   1.5 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator Series
May, 2013 ??Rev. 1
NCP59150 ONSEMI-NCP59150 Datasheet
295Kb / 14P
   1.5 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator Series
May, 2022 - Rev. 2
NCP58300 ONSEMI-NCP58300_13 Datasheet
146Kb / 12P
   Very Low-Dropout (VLDO) Fast Transient Response Regulator
May, 2013 ??Rev. 1
NCP59302DSADJR4G ONSEMI-NCP59302DSADJR4G Datasheet
606Kb / 10P
   3.0 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator series
May, 2013 ??Rev. 2
NCP57302 ONSEMI-NCP57302 Datasheet
607Kb / 10P
   3.0 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator
May, 2013 ??Rev. 2
NCP59300 ONSEMI-NCP59300_13 Datasheet
621Kb / 10P
   3.0 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator series
May, 2013 ??Rev. 4
NCP58300 ONSEMI-NCP58300 Datasheet
154Kb / 12P
   3.0A, Very Low-Dropout (VLDO) Fast Transient Response Regulator series
August, 2012 ??Rev. 0
NCP59300 ONSEMI-NCP59300 Datasheet
227Kb / 12P
   3.0A, Very Low-Dropout (VLDO) Fast Transient Response Regulator series
January, 2011 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com