Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT28C16-15T Datasheet(PDF) 6 Page - ATMEL Corporation

Part # AT28C16-15T
Description  16K 2K x 8 PCMCIA Nonvolatile Attribute Memory
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT28C16-15T Datasheet(HTML) 6 Page - ATMEL Corporation

  AT28C16-15T Datasheet HTML 1Page - ATMEL Corporation AT28C16-15T Datasheet HTML 2Page - ATMEL Corporation AT28C16-15T Datasheet HTML 3Page - ATMEL Corporation AT28C16-15T Datasheet HTML 4Page - ATMEL Corporation AT28C16-15T Datasheet HTML 5Page - ATMEL Corporation AT28C16-15T Datasheet HTML 6Page - ATMEL Corporation AT28C16-15T Datasheet HTML 7Page - ATMEL Corporation AT28C16-15T Datasheet HTML 8Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
PCMCIA
Symbol
Atmel
Symbol
Parameter
Min
Max
Units
tSU (A)
tAS
Address Setup Time
10
ns
tSU (OE-WE)
tOES
Output Disable Time To WE
10
ns
tSU (CE-WE)
tCS
Chip Enable Time To WE
0
ns
tW (WE)
tWP
Write Enable Pulse Width
100
1000
ns
tSU (D-WEH)
tDS
Data Setup To WE High
50
ns
tH (A)
tAH
Address Hold Time From WE
50
ns
tH (D)
tDH
Data Hold Time From WE High
10
ns
tH (OE-WE)
tOEH
Output Enable Hold Time From WE High
10
ns
tH (CE-WE)
tCH
Chip Enable Hold Time From WE High
0
ns
tD (B)
tDB
Delay From WE High To BUSY Asserted
50
ns
tC (W)
tWC
Write Cycle Time
1
ms
AC Write Characteristics
AC Write Waveforms
2-180
AT28C16-T


Similar Part No. - AT28C16-15T

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28C16-15 ATMEL-AT28C16-15 Datasheet
581Kb / 9P
   16K 2K x 8 CMOS E2PROM
AT28C16-15JC ATMEL-AT28C16-15JC Datasheet
581Kb / 9P
   16K 2K x 8 CMOS E2PROM
AT28C16-15JC ATMEL-AT28C16-15JC Datasheet
247Kb / 12P
   16K (2K x 8) Parallel EEPROMs
AT28C16-15JC ATMEL-AT28C16-15JC Datasheet
176Kb / 12P
   16K (2K x 8) Parallel EEPROMs
AT28C16-15JI ATMEL-AT28C16-15JI Datasheet
581Kb / 9P
   16K 2K x 8 CMOS E2PROM
More results

Similar Description - AT28C16-15T

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
28C16A MICROCHIP-28C16A_04 Datasheet
125Kb / 10P
   16K (2K x 8) CMOS EEPROM
2004
28C17A MICROCHIP-28C17A Datasheet
67Kb / 8P
   16K (2K x 8) CMOS EEPROM
1996
logo
ATMEL Corporation
AT16C16 ATMEL-AT16C16 Datasheet
176Kb / 12P
   16K (2K x 8) Parallel EEPROMs
logo
Microchip Technology
28C16A MICROCHIP-28C16A Datasheet
64Kb / 8P
   16K (2K x 8) CMOS EEPROM
1996
logo
ATMEL Corporation
AT28C16 ATMEL-AT28C16 Datasheet
247Kb / 12P
   16K (2K x 8) Parallel EEPROMs
AT28C16 ATMEL-AT28C16 Datasheet
581Kb / 9P
   16K 2K x 8 CMOS E2PROM
AT28C17 ATMEL-AT28C17 Datasheet
605Kb / 9P
   16K 2K x 8 CMOS E2PROM
logo
National Semiconductor ...
NMC2816 NSC-NMC2816 Datasheet
423Kb / 6P
   16K (2K X 8) ELECTRICALLY ERASABLE PROM
logo
Intel Corporation
M2716 INTEL-M2716 Datasheet
400Kb / 7P
   16K (2K x 8) UV ERASABLE PROM
logo
Sharp Corporation
LH5116 SHARP-LH5116 Datasheet
87Kb / 10P
   CMOS 16K (2K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com