Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTE45-121D-103 Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # PTE45-121D-103
Description  PTE Series Low Profi le Slide Potentiometer
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PTE45-121D-103 Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  PTE45-121D-103 Datasheet HTML 1Page - Bourns Electronic Solutions PTE45-121D-103 Datasheet HTML 2Page - Bourns Electronic Solutions PTE45-121D-103 Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
4.0
(0.157)
5.0
(0.197)
3.0
(0.118)
8.0
(0.318)
3.0
(0.118)
0.5
(0.020)
R
L ± 0.1
(L ± 0.004)
10.0
(0.394)
L ± 0.1
(L ± 0.004)
0.5
(0.020)
1.0
(0.039)
8.0
(0.318)
1.6
(.630)
DIA.
0.5
(0.020)
R
12.0 ± 0.1
(0.472 ± 0.004)
1.35
(0.053)
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
PTE Series Low Profile Slide Potentiometer
Additional Lever End Styles
REV. 02/10
How To Order
PTE 45 - 15 2 A - 103 B2
Model Number
Designator
PTE = Low Profile
Slide
Potentiometer
Length of Travel
45 = 45 mm
60 = 60 mm
Lever Length
12 = 12 mm (Available with
Lever End Style C)
13 = 12.8 mm (Available with
Lever End Style D)
15 = 15 mm (Available with
Lever End Styles A,B,E)
20 = 20 mm (Available with
Lever End Styles A,B,D,E)
No. of Gangs
1 = Single Gang
2 = Dual Gang
Metal Lever End Style
(Refer to Drawings)
• A
• D
• B
• E
• C
Resistance Code
(See Standard Resistance Table)
Resistance Taper (See Taper Charts)
Taper Series followed by Curve Number
Lever End Style “C”
DIMENSIONS:
MM
(INCHES)
Lever
Length
12.8
(.504)
20.0
(.787)
Lever End Style “D”
Lever End Style “E”
Lever
Length
15.0
(.591)
20.0
(.787)


Similar Part No. - PTE45-121D-103

ManufacturerPart #DatasheetDescription
logo
celduc-relais
PTE41320 CELDUC-PTE41320 Datasheet
491Kb / 3P
   MAGNETIC PROXIMITY SENSOR
PTE41321 CELDUC-PTE41321 Datasheet
491Kb / 3P
   MAGNETIC PROXIMITY SENSOR
More results

Similar Description - PTE45-121D-103

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PTA1543-2010DPB203 BOURNS-PTA1543-2010DPB203_14 Datasheet
374Kb / 2P
   Low Profi le Slide Potentiometer
PTB0143-2010BPA102 BOURNS-PTB0143-2010BPA102 Datasheet
320Kb / 2P
   Low Profi le Slide Potentiometer
PTA6043-2015DPB103 BOURNS-PTA6043-2015DPB103 Datasheet
373Kb / 2P
   PTA Series - Low Profi le Slide Potentiometer
PEC11L BOURNS-PEC11L_13 Datasheet
220Kb / 2P
   11 mm Low Profi le Encoder
logo
Power System Technology
FAB0502019 PST-FAB0502019 Datasheet
237Kb / 3P
   Chassis mounting applications, low profi le
logo
Bourns Electronic Solut...
PEC11L BOURNS-PEC11L Datasheet
212Kb / 2P
   PEC11L Series - 11 mm Low Profi le Encoder
logo
TDK Electronics
SWS600L TDK-SWS600L Datasheet
397Kb / 2P
   Single Output Low Profi le Power Supplies
logo
Cornell Dubilier Electr...
944U CDE-944U Datasheet
267Kb / 4P
   High Current, Low Profi le for Inverter Applications
logo
Bourns Electronic Solut...
4310R-102-332 BOURNS-4310R-102-332 Datasheet
208Kb / 2P
   Low profi le provides compatibility with DIPs
logo
Visual Communications C...
LPCM VCC-LPCM Datasheet
1Mb / 1P
   Low Profi le, Panel Flush Light Pipe
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com