Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT28C040-20FC Datasheet(PDF) 11 Page - ATMEL Corporation

Part # AT28C040-20FC
Description  4-Megabit 512K x 8 Paged E2PROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT28C040-20FC Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button AT28C040-20FC Datasheet HTML 4Page - ATMEL Corporation AT28C040-20FC Datasheet HTML 5Page - ATMEL Corporation AT28C040-20FC Datasheet HTML 6Page - ATMEL Corporation AT28C040-20FC Datasheet HTML 7Page - ATMEL Corporation AT28C040-20FC Datasheet HTML 8Page - ATMEL Corporation AT28C040-20FC Datasheet HTML 9Page - ATMEL Corporation AT28C040-20FC Datasheet HTML 10Page - ATMEL Corporation AT28C040-20FC Datasheet HTML 11Page - ATMEL Corporation AT28C040-20FC Datasheet HTML 12Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
AT28C040
11
Valid Part Numbers
The following table lists standard Atmel products that can be ordered.
Device Numbers
Speed
Package and Temperature Combinations
AT28C040
20
BC, BI, FC, FI, LC, LI, BI SL703, FI SL703, LI SL703
AT28C040
25
BC, BI, FC, FI, LC, LI, BI SL703, FI SL703, LI SL703
Package Type
32B
32-Lead, 0.600" Wide, Ceramic Side Braze Dual Inline (Side Braze)
32F
32-Lead, Non-Windowed, Ceramic Bottom-Brazed Flat Package (Flatpack)
44L
44-Pad, Non-Windowed, Ceramic Leadless Chip Carrier (LCC)
Options
Blank
Standard Device: Endurance = 10K Write Cycles; Write Time = 10 ms


Similar Part No. - AT28C040-20FC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28C040-20FI ATMEL-AT28C040-20FI Datasheet
475Kb / 16P
   4-Megabit (512K x 8) Paged Parallel EEPROMs
AT28C040-20FI ATMEL-AT28C040-20FI Datasheet
385Kb / 15P
   4-Megabit (512K x 8) Paged Parallel EEPROMs
AT28C040-20FISL703 ATMEL-AT28C040-20FISL703 Datasheet
475Kb / 16P
   4-Megabit (512K x 8) Paged Parallel EEPROMs
AT28C040-20FISL703 ATMEL-AT28C040-20FISL703 Datasheet
385Kb / 15P
   4-Megabit (512K x 8) Paged Parallel EEPROMs
More results

Similar Description - AT28C040-20FC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28C040 ATMEL-AT28C040_09 Datasheet
385Kb / 15P
   4-Megabit (512K x 8) Paged Parallel EEPROMs
AT28C040 ATMEL-AT28C040_08 Datasheet
475Kb / 16P
   4-Megabit (512K x 8) Paged Parallel EEPROMs
AT28C010 ATMEL-AT28C010 Datasheet
657Kb / 11P
   1 Megabit 128K x 8 Paged CMOS E2PROM
AT28C010 ATMEL-AT28C010 Datasheet
570Kb / 11P
   1 Megabit 128K x 8 Paged CMOS E2PROM
AT28LV010 ATMEL-AT28LV010 Datasheet
498Kb / 9P
   1 Megabit 128K x 8 Low Voltage Paged CMOS E2PROM
AT28C256 ATMEL-AT28C256 Datasheet
762Kb / 14P
   256K 32K x 8 Paged CMOS E2PROM
97314 ATMEL-97314 Datasheet
306Kb / 14P
   4-Megabit (512K x 8) otp eprom
logo
Maxwell Technologies
32C408B MAXWELL-32C408B Datasheet
187Kb / 11P
   4 Megabit (512K x 8-Bit) SRAM
logo
ATMEL Corporation
AT27C040 ATMEL-AT27C040 Datasheet
194Kb / 13P
   4-Megabit 512K x 8 OTP EPROM
AT49BV040B ATMEL-AT49BV040B Datasheet
355Kb / 21P
   4-megabit (512K x 8) Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com