Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPP9527 Datasheet(PDF) 10 Page - SYNC POWER Crop.

Part # SPP9527
Description  P-Channel Enhancement Mode MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNC-POWER [SYNC POWER Crop.]
Direct Link  http://www.syncpower.com
Logo SYNC-POWER - SYNC POWER Crop.

SPP9527 Datasheet(HTML) 10 Page - SYNC POWER Crop.

Back Button SPP9527_11 Datasheet HTML 2Page - SYNC POWER Crop. SPP9527_11 Datasheet HTML 3Page - SYNC POWER Crop. SPP9527_11 Datasheet HTML 4Page - SYNC POWER Crop. SPP9527_11 Datasheet HTML 5Page - SYNC POWER Crop. SPP9527_11 Datasheet HTML 6Page - SYNC POWER Crop. SPP9527_11 Datasheet HTML 7Page - SYNC POWER Crop. SPP9527_11 Datasheet HTML 8Page - SYNC POWER Crop. SPP9527_11 Datasheet HTML 9Page - SYNC POWER Crop. SPP9527_11 Datasheet HTML 10Page - SYNC POWER Crop.  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
2011/10/04
Ver.2
Page
10
SPP9527
P-Channel Enhancement Mode MOSFET
Fax: 886-2-2655-8468
©http://www.syncpower.com


Similar Part No. - SPP9527_11

ManufacturerPart #DatasheetDescription
logo
SYNC POWER Crop.
SPP9527S8RGB SYNC-POWER-SPP9527S8RGB Datasheet
249Kb / 9P
   P-Channel Enhancement Mode MOSFET
logo
VBsemi Electronics Co.,...
SPP9527S8RGB VBSEMI-SPP9527S8RGB Datasheet
1Mb / 9P
   P-Channel 40 V (D-S) MOSFET
logo
SYNC POWER Crop.
SPP9527W SYNC-POWER-SPP9527W Datasheet
229Kb / 10P
   P-Channel Enhancement Mode MOSFET
SPP9527WS8RGB SYNC-POWER-SPP9527WS8RGB Datasheet
229Kb / 10P
   P-Channel Enhancement Mode MOSFET
logo
VBsemi Electronics Co.,...
SPP9527WS8RGB VBSEMI-SPP9527WS8RGB Datasheet
1Mb / 9P
   P-Channel 40 V (D-S) MOSFET
More results

Similar Description - SPP9527_11

ManufacturerPart #DatasheetDescription
logo
AUK corp
STJ828SF AUK-STJ828SF Datasheet
300Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
   P-Channel Enhancement Mode MOSFET
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
   P-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM2095P ANPEC-APM2095P Datasheet
201Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095P ANPEC-APM3095P Datasheet
140Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM4461 ANPEC-APM4461 Datasheet
568Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095PU ANPEC-APM3095PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM3195PU ANPEC-APM3195PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4425K ANPEC-APM4425K Datasheet
119Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4435K ANPEC-APM4435K Datasheet
191Kb / 10P
   P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com