Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IQ0509SA Datasheet(PDF) 1 Page - XP Power Limited

Part # IQ0509SA
Description  1 Watt
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

IQ0509SA Datasheet(HTML) 1 Page - XP Power Limited

  IQ0509SA Datasheet HTML 1Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
23-Oct-12
Specification
1 Watt
Single & Dual Output
SIP Package
1000 VDC Isolation
Optional 3000 VDC Isolation
40 °C to +85 °C Operation
Semiregulated
3 Year Warranty
IQ Series
Input
Input Voltage Range
• Nominal ±10%
Input Reflected
• 5 & 12 V: 20 mA, 15 V: 30 mA
Ripple Current
24 V: 40 mA, 48 V: 50 mA pk-pk,
5 Hz to 20 MHz
Input Reverse Voltage
• None
Protection
Output
Output Voltage
See table
Minimum Load
• None(1)
Line Regulation
• 1.2%/1%
∆ Vin
Load Regulation
• See table (10-100%)
Setpoint Accuracy
• ±3%
Ripple & Noise
• 50 mV pk-pk max, 20 MHz bandwidth
Temperature Coefficient
• 0.02%/°C
Maximum Capacitive
• See table
Load
General
Efficiency
• See table
Isolation Voltage
• 1000 VDC minimum, 3000 VDC option(2)
Isolation Resistance
• 109
Ω
Isolation Capacitance
• 60 pF typical
Switching Frequency
• Variable, 55 kHz -85 kHz
MTBF
• >1.1 MHrs to MIL-HDBK-217F at 25 °C, GB
Environmental
Operating Temperature
• -40 °C to +85 °C
Storage Temperature
• -40 °C to +125 °C
Case Temperature
• 100 °C max
Cooling
• Convection-cooled
xppower.com
Input
Voltage
Output
Voltage
Output
Current
No Load
Input
Current
Max
Capacitive
Load
Efficiency
Load
Reg.
Model(3)
Number
5 VDC
5.0 V
200 mA
20 mA
200 µF
83%
6.0%
IQ0505SA
9.0 V
111 mA
20 mA
200 µF
86%
5.5%
IQ0509SA
12.0 V
83 mA
20 mA
100 µF
87%
5.5%
IQ0512SA
15.0 V
67 mA
20 mA
100 µF
87%
5.0%
IQ0515SA
12 VDC
5.0 V
200 mA
15 mA
200 µF
84%
4.0%
IQ1205SA
9.0 V
111 mA
15 mA
200 µF
86%
3.5%
IQ1209SA
12.0 V
83 mA
15 mA
100 µF
88%
3.5%
IQ1212SA
15.0 V
67 mA
15 mA
100 µF
88%
3.0%
IQ1215SA
15 VDC
5.0 V
200 mA
10 mA
200 µF
84%
4.0%
IQ1505SA
9.0 V
111 mA
10 mA
200 µF
86%
3.5%
IQ1509SA
12.0 V
83 mA
10 mA
100 µF
87%
3.5%
IQ1512SA
15.0 V
67 mA
10 mA
100 µF
89%
3.0%
IQ1515SA
24 VDC
5.0 V
200 mA
7 mA
200 µF
81%
4.0%
IQ2405SA
9.0 V
111 mA
7 mA
200 µF
84%
3.5%
IQ2409SA
12.0 V
83 mA
7 mA
100 µF
85%
3.5%
IQ2412SA
15.0 V
67 mA
7 mA
100 µF
86%
2.5%
IQ2415SA
48 VDC
5.0 V
200 mA
5 mA
200 µF
78%
4.0%
IQ4805SA
9.0 V
111 mA
5 mA
200 µF
80%
3.5%
IQ4809SA
12.0 V
83 mA
5 mA
100 µF
81%
3.0%
IQ4812SA
15.0 V
67 mA
5 mA
100 µF
81%
3.0%
IQ4815SA
Mechanical Details
1. Operation at no load will not damage unit but it may not meet
all specifications.
2. For optional 3000 VDC isolation, add suffix ‘-H’ to the model number.
3. For dual output delete suffix ‘A’ and split output current equally between rails.
4. All dimensions in inches (mm).
5. Pin pitch tolerance: ±0.014 (±0.35)
6. Case tolerance: ±0.02 (±0.5)
7. Weight: 0.06 lbs (2.8 g)
Notes
0.12 (3.0)
0.10
(2.5)
0.37
(9.5)
0.24
(6.0)
0.05 (1.2)
0.02
(0.5)
0.60 (15.2)
0.76 (19.5)
0.24*
(6.0)
0.39
(10.0)
0.02
(0.5)
0.02 (0.5)
12
4 5 6 7
0.01
(0.2)
* The depth of
48 V input voltage
model is 0.28 (7.20)
Pin Connections
Pin
Single
Dual
Single-H
Dual-H
1
+Vin
+Vin
+Vin
+Vin
2
-Vin
-Vin
-Vin
-Vin
4
-Vout
-Vout
N.P
N.P
5
N.P
Common
-Vout
-Vout
6
+Vout
+Vout
N.P
Common
7
N.P
N.P
+Vout
+Vout


Similar Part No. - IQ0509SA

ManufacturerPart #DatasheetDescription
logo
SICK AG
IQ05-0B8NS-ZU1 SICK-IQ05-0B8NS-ZU1 Datasheet
1Mb / 6P
   INDUCTIVE PROXIMITY SENSORS
IQ05-0B8PO-ZU1 SICK-IQ05-0B8PO-ZU1 Datasheet
1Mb / 5P
   INDUCTIVE PROXIMITY SENSORS
IQ05-0B8PS-ZU1 SICK-IQ05-0B8PS-ZU1 Datasheet
1Mb / 5P
   INDUCTIVE PROXIMITY SENSORS
IQ05-0B8PS-ZUP SICK-IQ05-0B8PS-ZUP Datasheet
1Mb / 5P
   INDUCTIVE PROXIMITY SENSORS
More results

Similar Description - IQ0509SA

ManufacturerPart #DatasheetDescription
logo
Power-One
CUS509 POWER-ONE-CUS509 Datasheet
42Kb / 2P
   1 WATT
logo
PEAK electronics GmbH
P6AUIU-3R33R3ELF PEAK-P6AUIU-3R33R3ELF Datasheet
440Kb / 4P
   1 Watt
logo
WJ Communication. Inc.
FP2189-RFID WJCI-FP2189-RFID Datasheet
644Kb / 13P
   1 - Watt HFET
logo
Power-One
CRS505 POWER-ONE-CRS505 Datasheet
45Kb / 2P
   1/2 WATT
logo
WJ Communication. Inc.
FP2189 WJCI-FP2189 Datasheet
610Kb / 12P
   1-Watt HFET
logo
TRACO Electronic AG
TDU1 TRACOPOWER-TDU1 Datasheet
813Kb / 4P
   TDU 1 Series, 1 Watt
Rev. January 31, 2023
TEA1 TRACOPOWER-TEA1 Datasheet
1Mb / 3P
   TEA 1 Series, 1 Watt
Rev. November 30, 2022
TES1 TRACOPOWER-TES1 Datasheet
906Kb / 4P
   TES 1 Series, 1 Watt
Rev. November 30, 2022
logo
NTE Electronics
502-0401 NTE-502-0401 Datasheet
374Kb / 1P
   1/2 Watt and 1/4 Watt, 6mm dia. shaft
logo
Compensated Deuices Inc...
CDLL4728 CDI-DIODE-CDLL4728 Datasheet
112Kb / 2P
   1 WATT ZENER DIODES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com