Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSOP5038 Datasheet(PDF) 9 Page - Vishay Siliconix

Part # TSOP5038
Description  IR Receiver Module for Light Barrier Systems
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSOP5038 Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button TSOP5038 Datasheet HTML 3Page - Vishay Siliconix TSOP5038 Datasheet HTML 4Page - Vishay Siliconix TSOP5038 Datasheet HTML 5Page - Vishay Siliconix TSOP5038 Datasheet HTML 6Page - Vishay Siliconix TSOP5038 Datasheet HTML 7Page - Vishay Siliconix TSOP5038 Datasheet HTML 8Page - Vishay Siliconix TSOP5038 Datasheet HTML 9Page - Vishay Siliconix TSOP5038 Datasheet HTML 10Page - Vishay Siliconix TSOP5038 Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Document Number: 81904
www.vishay.com
Rev. 1.2, 13-Aug-09
9
TSOP5038
IR Receiver Module for Light Barrier
Systems
Vishay Semiconductors
DRY PACKING
The reel is packed in an anti-humidity bag to protect the
devices from absorbing moisture during transportation and
storage.
FINAL PACKING
The sealed reel is packed into a cardboard box. A secondary
cardboard box is used for shipping purposes.
RECOMMENDED METHOD OF STORAGE
Dry box storage is recommended as soon as the aluminum
bag has been opened to prevent moisture absorption. The
following conditions should be observed, if dry boxes are not
available:
• Storage temperature 10 °C to 30 °C
• Storage humidity
≤ 60 % RH max.
After more than 72 h under these conditions moisture
content will be too high for reflow soldering.
In case of moisture absorption, the devices will recover to the
former condition by drying under the following condition:
192 h at 40 °C + 5 °C/ - 0 °C and < 5 % RH (dry air/nitrogen)
or
96 h at 60 °C + 5 °C and < 5 % RH for all device containers or
24 h at 125 °C + 5 °C not suitable for reel or tubes.
An EIA JEDEC standard JESD22-A112 level 4 label is
included on all dry bags.
Example of JESD22-A112 level 4 label
VISHAY SEMICONDUCTOR GMBH STANDARD BAR CODE PRODUCT LABEL (Finished Goods)
PLAIN WRITTING
ABBREVIATION
LENGTH
Item-description
-
18
Item-number
INO
8
Selection-code
SEL
3
LOT-/serial-number
BATCH
10
Data-code
COD
3 (YWW)
Plant-code
PTC
2
Quantity
QTY
8
Accepted by
ACC
-
Packed by
PCK
-
Mixed code indicator
MIXED CODE
-
Origin
xxxxxxx+
Company logo
LONG BAR CODE TOP
TYPE
LENGTH
Item-number
N
8
Plant-code
N
2
Sequence-number
X
3
Quantity
N
8
Total length
-
21
SHORT BAR CODE BOTTOM
TYPE
LENGTH
Selection-code
X
3
Data-code
N
3
Batch-number
X
10
Filter
-
1
Total length
-
17
Aluminum bag
Label
Reel
15973
16943


Similar Part No. - TSOP5038

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSOP5230 VISHAY-TSOP5230 Datasheet
2Mb / 8P
   Photo Module for High Data Rates PCM Remote Control
Rev. 1, 08-Mar-01
TSOP5233 VISHAY-TSOP5233 Datasheet
2Mb / 8P
   Photo Module for High Data Rates PCM Remote Control
Rev. 1, 08-Mar-01
TSOP5236 VISHAY-TSOP5236 Datasheet
2Mb / 8P
   Photo Module for High Data Rates PCM Remote Control
Rev. 1, 08-Mar-01
TSOP5237 VISHAY-TSOP5237 Datasheet
2Mb / 8P
   Photo Module for High Data Rates PCM Remote Control
Rev. 1, 08-Mar-01
TSOP5238 VISHAY-TSOP5238 Datasheet
2Mb / 8P
   Photo Module for High Data Rates PCM Remote Control
Rev. 1, 08-Mar-01
More results

Similar Description - TSOP5038

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSOP4038 VISHAY-TSOP4038 Datasheet
105Kb / 5P
   IR Receiver Module for Light Barrier Systems
Rev. 1.2, 28-Mar-12
TSSP980 VISHAY-TSSP980 Datasheet
171Kb / 6P
   IR Receiver Module for Light Barrier Systems
01-Jan-2023
TSOP58038 VISHAY-TSOP58038 Datasheet
355Kb / 11P
   IR Receiver Module for Light Barrier Systems
Rev. 1.2, 13-Aug-09
TSSP580 VISHAY-TSSP580 Datasheet
168Kb / 6P
   IR Receiver Module for Light Barrier Systems
01-Jan-2023
TSSP40SS1XB VISHAY-TSSP40SS1XB_V01 Datasheet
181Kb / 6P
   IR Receiver Module for Light Barrier Systems
01-Jan-2023
TSSP4038 VISHAY-TSSP4038 Datasheet
105Kb / 5P
   IR Receiver Module for Light Barrier Systems
Rev. 1.1, 13-Mar-12
TSSP58038 VISHAY-TSSP58038 Datasheet
120Kb / 6P
   IR Receiver Module for Light Barrier Systems
Rev. 1.4, 31-Aug-15
TSSP58038SS1XB VISHAY-TSSP58038SS1XB Datasheet
121Kb / 6P
   IR Receiver Module for Light Barrier Systems
Rev. 1.0, 19-Jan-16
TSSP40SS1XB VISHAY-TSSP40SS1XB Datasheet
115Kb / 5P
   IR Receiver Module for Light Barrier Systems
Rev. 1.2, 19-Oct-16
logo
List of Unclassifed Man...
SHF5110 ETC-SHF5110 Datasheet
64Kb / 7P
   IR-Receiver for Remote Control Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com