Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D153Z33Y5VH6.J5R Datasheet(PDF) 2 Page - Vishay Siliconix

Part # D153Z33Y5VH6.J5R
Description  Ceramic Disc Capacitors Class 1 and 2, 100 VDC, General Purpose
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

D153Z33Y5VH6.J5R Datasheet(HTML) 2 Page - Vishay Siliconix

  D153Z33Y5VH6.J5R Datasheet HTML 1Page - Vishay Siliconix D153Z33Y5VH6.J5R Datasheet HTML 2Page - Vishay Siliconix D153Z33Y5VH6.J5R Datasheet HTML 3Page - Vishay Siliconix D153Z33Y5VH6.J5R Datasheet HTML 4Page - Vishay Siliconix D153Z33Y5VH6.J5R Datasheet HTML 5Page - Vishay Siliconix D153Z33Y5VH6.J5R Datasheet HTML 6Page - Vishay Siliconix D153Z33Y5VH6.J5R Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Document Number: 28511
For technical questions, contact: CDC@vishay.com
www.vishay.com
Revision: 07-Jan-10
29
D Series
Ceramic Disc Capacitors
Class 1 and 2, 100 VDC, General Purpose
Vishay BCcomponents
Notes
(1) SH = seated height; DR = run down
• Maximum thickness 4.0 mm
• Lead style codes refer to lead cofigurations
ORDERING INFORMATION, CLASS 1, 100 VDC, KINKED AND STRAIGHT
C
(pF)
TOL.
(%)
DMAX.
(mm)
LEAD SPACING
F
(mm)
SH/DRMAX. (1)
(mm)
CLEAR TEXT CODE
13TH DIGIT:
T = REEL; U = AMMO; 3 = BULK
CLASS 1 NP0
1.0
± 0.25 pF
5.0
5.0
4.0
D109C20C0KH6.J5R
2.5
1.5
D109C20C0KH6.L2R
1.5
5.0
4.0
D159C20C0KH6.J5R
2.5
1.5
D159C20C0KH6.L2R
2.2
5.0
4.0
D229C20C0JH6.J5R
2.5
1.5
D229C20C0JH6.L2R
3.3
5.0
4.0
D339C20C0JH6.J5R
2.5
1.5
D339C20C0JH6.L2R
4.7
5.0
4.0
D479C20C0HH6.J5R
2.5
1.5
D479C20C0HH6.L2R
6.8
± 0.5 pF
5.0
4.0
D689D20C0HH6.J5R
2.5
1.5
D689D20C0HH6.L2R
10
± 5
5.0
4.0
D100J20C0GH6.J5R
2.5
1.5
D100J20C0GH6.L2R
12
5.0
4.0
D120J20C0GH6.J5R
2.5
1.5
D120J20C0GH6.L2R
15
5.0
4.0
D150J20C0GH6.J5R
2.5
1.5
D150J20C0GH6.L2R
18
5.0
4.0
D180J20C0GH6.J5R
2.5
1.5
D180J20C0GH6.L2R
22
5.0
4.0
D220J20C0GH6.J5R
2.5
1.5
D220J20C0GH6.L2R
27
5.0
4.0
D270J20C0GH6.J5R
2.5
1.5
D270J20C0GH6.L2R
33
5.0
4.0
D330J20C0GH6.J5R
2.5
1.5
D330J20C0GH6.L2R
39
6.5
5.0
4.0
D390J25C0GH6.J5R
2.5
1.5
D390J25C0GH6.L2R
47
5.0
4.0
D470J25C0GH6.J5R
2.5
1.5
D470J25C0GH6.L2R
CLASS 1 SL0
56
± 5
5.0
5.0
4.0
D560J20SL0H6.J5R
2.5
1.5
D560J20SL0H6.L2R
68
5.0
4.0
D680J20SL0H6.J5R
2.5
1.5
D680J20SL0H6.L2R
82
5.0
4.0
D820J20SL0H6.J5R
2.5
1.5
D820J20SL0H6.L2R
100
5.0
4.0
D101J20SL0H6.J5R
2.5
1.5
D101J20SL0H6.L2R


Similar Part No. - D153Z33Y5VH6.J5R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
D153Z33Y5VH6.J5R VISHAY-D153Z33Y5VH6.J5R Datasheet
326Kb / 7P
   D Series
Revision: 07-Jan-10
More results

Similar Description - D153Z33Y5VH6.J5R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
D102K20Y5PH6TJ6R VISHAY-D102K20Y5PH6TJ6R Datasheet
323Kb / 7P
   Ceramic Disc Capacitors Class 1 and 2, 100 VDC, General Purpose
Revision: 07-Jan-10
D471K20Y5PH63L2R VISHAY-D471K20Y5PH63L2R Datasheet
316Kb / 7P
   Ceramic Disc Capacitors Class 1 and 2, 100 VDC, General Purpose
Revision: 07-Jan-10
D331K20Y5PL6TJ5R VISHAY-D331K20Y5PL6TJ5R Datasheet
303Kb / 7P
   Ceramic Disc Capacitors Class 1 and 2, 500 VDC, General Purpose
Revision: 07-Jan-10
LV100V VISHAY-LV100V Datasheet
102Kb / 5P
   Ceramic Disc Capacitors Class 1 and 2, 100 V (DC) General Purpose
Revision: 23-Feb-05
DSERIES VISHAY-DSERIES Datasheet
126Kb / 9P
   Ceramic Singlelayer DC Disc Capacitors for General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 500 VDC
01-Jan-2022
D15020U2JH6 VISHAY-D15020U2JH6 Datasheet
123Kb / 9P
   Ceramic Singlelayer DC Disc Capacitors For General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 500 VDC
Revision: 09-May-14
D152K29Y5PL6TJ5R VISHAY-D152K29Y5PL6TJ5R Datasheet
123Kb / 9P
   Ceramic Singlelayer DC Disc Capacitors For General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 500 VDC
Revision: 09-May-14
HV1KV-6KV VISHAY-HV1KV-6KV Datasheet
389Kb / 11P
   Ceramic Disc Capacitors Class 1 and 2, 1/2/3/6 kV General Purpose
Revision: 26-Oct-06
LV50V VISHAY-LV50V Datasheet
113Kb / 7P
   Ceramic Disc Capacitors Class 1 and 2, 50 V (DC) General Purpose
Revision: 07-Apr-08
HV500V VISHAY-HV500V_08 Datasheet
274Kb / 6P
   Ceramic Disc Capacitors Class 1 and 2, 500 V (DC) General Purpose
Revision 19-Jan-07
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com