Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC16CR620A Datasheet(PDF) 9 Page - Microchip Technology

Part # PIC16CR620A
Description  EPROM-Based 8-Bit CMOS Microcontrollers
Download  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16CR620A Datasheet(HTML) 9 Page - Microchip Technology

Back Button PIC16CR620A Datasheet HTML 5Page - Microchip Technology PIC16CR620A Datasheet HTML 6Page - Microchip Technology PIC16CR620A Datasheet HTML 7Page - Microchip Technology PIC16CR620A Datasheet HTML 8Page - Microchip Technology PIC16CR620A Datasheet HTML 9Page - Microchip Technology PIC16CR620A Datasheet HTML 10Page - Microchip Technology PIC16CR620A Datasheet HTML 11Page - Microchip Technology PIC16CR620A Datasheet HTML 12Page - Microchip Technology PIC16CR620A Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 128 page
background image
 2003 Microchip Technology Inc.
DS30235J-page 7
PIC16C62X
2.0
PIC16C62X DEVICE VARIETIES
A variety of frequency ranges and packaging options
are available. Depending on application and production
requirements, the proper device option can be selected
using the information in the PIC16C62X Product
Identification System section at the end of this data
sheet. When placing orders, please use this page of
the data sheet to specify the correct part number.
2.1
UV Erasable Devices
The UV erasable version, offered in CERDIP package,
is
optimal
for
prototype
development
and
pilot
programs.
This
version
can
be
erased
and
reprogrammed to any of the Oscillator modes.
Microchip's
PICSTART
and
PRO MATE
programmers
both
support
programming
of
the
PIC16C62X.
2.2
One-Time-Programmable (OTP)
Devices
The availability of OTP devices is especially useful for
customers who need the flexibility for frequent code
updates and small volume applications. In addition to
the program memory, the configuration bits must also
be programmed.
2.3
Quick-Turnaround-Production
(QTP) Devices
Microchip offers a QTP programming service for
factory production orders. This service is made
available for users who chose not to program a medium
to high quantity of units and whose code patterns have
stabilized. The devices are identical to the OTP
devices, but with all EPROM locations and configura-
tion options already programmed by the factory.
Certain code and prototype verification procedures
apply before production shipments are available.
Please contact your Microchip Technology sales office
for more details.
2.4
Serialized Quick-Turnaround-
ProductionSM (SQTPSM) Devices
Microchip offers a unique programming service where
a few user-defined locations in each device are
programmed with different serial numbers. The serial
numbers
may
be
random,
pseudo-random
or
sequential.
Serial programming allows each device to have a
unique number, which can serve as an entry-code,
password or ID number.
Note:
Microchip does not recommend code
protecting windowed devices.


Similar Part No. - PIC16CR620A

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16CR620A MICROCHIP-PIC16CR620A Datasheet
645Kb / 108P
   EPROM-Based 8-Bit CMOS Microcontroller
1998
PIC16CR620A MICROCHIP-PIC16CR620A Datasheet
3Mb / 128P
   EPROM-Based 8-Bit CMOS Microcontrollers
03/25/03
PIC16CR620A-04/JW MICROCHIP-PIC16CR620A-04/JW Datasheet
645Kb / 108P
   EPROM-Based 8-Bit CMOS Microcontroller
1998
PIC16CR620A-04/P MICROCHIP-PIC16CR620A-04/P Datasheet
645Kb / 108P
   EPROM-Based 8-Bit CMOS Microcontroller
1998
PIC16CR620A-04/SO MICROCHIP-PIC16CR620A-04/SO Datasheet
645Kb / 108P
   EPROM-Based 8-Bit CMOS Microcontroller
1998
More results

Similar Description - PIC16CR620A

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16C55X MICROCHIP-PIC16C55X_13 Datasheet
1Mb / 108P
   EPROM-Based 8-Bit CMOS Microcontrollers
1/29/12 1996-2013
PIC16C62X MICROCHIP-PIC16C62X_03 Datasheet
3Mb / 128P
   EPROM-Based 8-Bit CMOS Microcontrollers
2003
PIC16LC558-04-SS MICROCHIP-PIC16LC558-04-SS Datasheet
1Mb / 108P
   EPROM-Based 8-Bit CMOS Microcontrollers
11/29/12
PIC16C62B-04 MICROCHIP-PIC16C62B-04 Datasheet
3Mb / 128P
   EPROM-Based 8-Bit CMOS Microcontrollers
03/25/03
PIC16C55XA MICROCHIP-PIC16C55XA Datasheet
1,010Kb / 96P
   EPROM-Based 8-Bit CMOS Microcontroller
1997
logo
List of Unclassifed Man...
MTU8B54E ETC1-MTU8B54E Datasheet
286Kb / 23P
   EPROM-Based 8-Bit CMOS Microcontroller
logo
Microchip Technology
PIC16C62X MICROCHIP-PIC16C62X Datasheet
645Kb / 108P
   EPROM-Based 8-Bit CMOS Microcontroller
1998
PIC17C75X MICROCHIP-PIC17C75X Datasheet
2Mb / 320P
   High-Performance 8-Bit CMOS EPROM Microcontrollers
1997 - 1999
PIC16F627A MICROCHIP-PIC16F627A Datasheet
3Mb / 168P
   FLASH-Based 8-Bit CMOS Microcontrollers
2002
PIC16LV5X MICROCHIP-PIC16LV5X Datasheet
132Kb / 24P
   EPROM-Based 8-Bit CMOS Microcontroller Series
1996
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com