Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SL43-E3/57T Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SL43-E3/57T
Description  Surface Mount Schottky Barrier Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SL43-E3/57T Datasheet(HTML) 2 Page - Vishay Siliconix

  SL43-E3/57T Datasheet HTML 1Page - Vishay Siliconix SL43-E3/57T Datasheet HTML 2Page - Vishay Siliconix SL43-E3/57T Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SL42 thru SL44
Vishay General Semiconductor
2
Note:
(1) Pulse test: 300 µs pulse width, 1 % duty cycle
Note:
(1) P.C.B. mounted 0.55 x 0.55" (14 x 14 mm) copper pad areas, TL = 90 °C
Note:
(1) Automotive grade AEC Q101 qualified
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
SL42
SL43
SL44
UNIT
Maximum instantaneous forward voltage at (1)
IF = 4.0 A
IF = 4.0 A
IF = 8.0 A
IF = 8.0 A
TA = 125 °C
TA = 25 °C
TA = 125 °C
TA = 25 °C
VF
0.31
0.42
0.37
0.47
0.35
0.44
0.41
0.50
V
Maximum DC reverse current at rated DC
blocking voltage (1)
TA = 25 °C
TA = 100 °C
IR
0.5
35
mA
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
SL42
SL43
SL44
UNIT
Typical thermal resistance (1)
RθJA
RθJL
50
14
°C/W
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
SL43-E3/57T
0.235
57T
850
7" diameter plastic tape and reel
SL43-E3/9AT
0.235
9AT
3500
13" diameter plastic tape and reel
SL43HE3/57T (1)
0.235
57T
850
7" diameter plastic tape and reel
SL43HE3/9AT (1)
0.235
9AT
3500
13" diameter plastic tape and reel
Figure 1. Forward Current Derating Curve
Lead Temperature (°C)
0
25
50
75
100
125
0
2
4
6
8
10
on Aluminum Substrate
on FR4 Board
Figure 2. Maximum Non-Repetitive Peak Forward Surge Current
150
125
100
75
50
25
0
110
100
Number of Cycles at 60 Hz
T
J = TJ max.
8.3 ms Single Half Sine-Wave


Similar Part No. - SL43-E3/57T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SL43-E3/57T VISHAY-SL43-E3/57T Datasheet
341Kb / 4P
   Surface Mount Schottky Barrier Rectifier
Revision: 22-Jan-08
SL43-E3/57T VISHAY-SL43-E3/57T Datasheet
87Kb / 3P
   Surface Mount Schottky Barrier Rectifier
More results

Similar Description - SL43-E3/57T

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
SS12 SSE-SS12 Datasheet
16Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SX32 PANJIT-SX32_04 Datasheet
41Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Sunrise Electr...
SK12 SSE-SK12 Datasheet
17Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
   Surface Mount Schottky Barrier Rectifier
logo
Diotech Company.
SK52C DIOTECH-SK52C Datasheet
756Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
EIC discrete Semiconduc...
SKN0 EIC-SKN0_05 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SK52 EIC-SK52_05 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SS12F PANJIT-SS12F Datasheet
258Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com