Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT27C020-12JC Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT27C020-12JC
Description  2-Megabit 256K x 8 OTP EPROM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT27C020-12JC Datasheet(HTML) 5 Page - ATMEL Corporation

  AT27C020-12JC Datasheet HTML 1Page - ATMEL Corporation AT27C020-12JC Datasheet HTML 2Page - ATMEL Corporation AT27C020-12JC Datasheet HTML 3Page - ATMEL Corporation AT27C020-12JC Datasheet HTML 4Page - ATMEL Corporation AT27C020-12JC Datasheet HTML 5Page - ATMEL Corporation AT27C020-12JC Datasheet HTML 6Page - ATMEL Corporation AT27C020-12JC Datasheet HTML 7Page - ATMEL Corporation AT27C020-12JC Datasheet HTML 8Page - ATMEL Corporation AT27C020-12JC Datasheet HTML 9Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
AT27C020
5
AC Waveforms for Read Operation
(1)
Notes:
1.
Timing measurement references are 0.8V and 2.0V. Input AC drive levels are 0.45V and 2.4V, unless otherwise specified.
2.
OE may be delayed up to t
CE - tOE after the falling edge of CE without impact on tCE.
3.
OE may be delayed up to t
ACC - tOE after the address is valid without impact on tACC.
4.
This parameter is only sampled and is not 100% tested.
5.
Output float is defined as the point when data is no longer driven.
Input Test Waveforms and Measurement Levels
For -55 devices only:
t
R, tF < 5 ns (10% to 90%)
For -70,-90,-12,-15 devices only:
tR, tF < 20 ns (10% to 90%)
0.0V
3.0V
1.5V
AC
DRIVING
LEVELS
AC
MEASUREMENT
LEVEL
Pin Capacitance
f = 1 MHz, T = 25
°C(1)
Note:
1. Typical values for nominal supply voltage. This parameter is only sampled and is not 100% tested.
Typ
Max
Units
Conditions
C
IN
48
pF
V
IN = 0V
C
OUT
812
pF
V
OUT = 0V
Output Test Load
(1)
Note:
1.
CL = 100 pF including jig
capacitance except -55
devices where CL = 30 pF.


Similar Part No. - AT27C020-12JC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C020-55JI ATMEL-AT27C020-55JI Datasheet
373Kb / 14P
   2-megabit (256K x 8) OTP EPROM
AT27C020-55JU ATMEL-AT27C020-55JU Datasheet
373Kb / 14P
   2-megabit (256K x 8) OTP EPROM
AT27C020-55PI ATMEL-AT27C020-55PI Datasheet
373Kb / 14P
   2-megabit (256K x 8) OTP EPROM
AT27C020-55PU ATMEL-AT27C020-55PU Datasheet
373Kb / 14P
   2-megabit (256K x 8) OTP EPROM
AT27C020-55TI ATMEL-AT27C020-55TI Datasheet
373Kb / 14P
   2-megabit (256K x 8) OTP EPROM
More results

Similar Description - AT27C020-12JC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C020 ATMEL-AT27C020_07 Datasheet
373Kb / 14P
   2-megabit (256K x 8) OTP EPROM
AT27LV020A ATMEL-AT27LV020A Datasheet
220Kb / 9P
   2 Megabit 256K x 8 Low Voltage OTP EPROM
AT27LV020A ATMEL-AT27LV020A_07 Datasheet
377Kb / 15P
   2-Megabit (256K x 8) Low Voltage OTP EPROM
AT27C4096 ATMEL-AT27C4096 Datasheet
254Kb / 9P
   4-Megabit 256K x 16 OTP EPROM
AT27C4096 ATMEL-AT27C4096_07 Datasheet
360Kb / 14P
   4-Megabit (256K x 16) OTP EPROM
AT27C400 ATMEL-AT27C400 Datasheet
184Kb / 10P
   4-Megabit 256K x 16 or 512K x 8 OTP EPROM
AT27BV020 ATMEL-AT27BV020_07 Datasheet
385Kb / 15P
   2-megabit (256K x 8) Unregulated Battery-Voltage High-speed OTP EPROM
AT27BV020 ATMEL-AT27BV020 Datasheet
215Kb / 10P
   2-Megabit 256K x 8 Unregulated Battery-Voltage High Speed OTP EPROM
logo
AMIC Technology
A27020 AMICC-A27020_15 Datasheet
138Kb / 14P
   256K X 8 OTP CMOS EPROM
logo
ATMEL Corporation
AT27C256R ATMEL-AT27C256R_07 Datasheet
415Kb / 15P
   256K (32K x 8) OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com