Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIB411DK Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SIB411DK
Description  P-Channel 20-V (D-S) MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIB411DK Datasheet(HTML) 3 Page - Vishay Siliconix

  SIB411DK Datasheet HTML 1Page - Vishay Siliconix SIB411DK Datasheet HTML 2Page - Vishay Siliconix SIB411DK Datasheet HTML 3Page - Vishay Siliconix SIB411DK Datasheet HTML 4Page - Vishay Siliconix SIB411DK Datasheet HTML 5Page - Vishay Siliconix SIB411DK Datasheet HTML 6Page - Vishay Siliconix SIB411DK Datasheet HTML 7Page - Vishay Siliconix SIB411DK Datasheet HTML 8Page - Vishay Siliconix SIB411DK Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Document Number: 74335
S-80515-Rev. C, 10-Mar-08
www.vishay.com
3
Vishay Siliconix
SiB411DK
TYPICAL CHARACTERISTICS
25 °C, unless otherwise noted
Output Characteristics
On-Resistance vs. Drain Current and Gate Voltage
Gate Charge
0
3
6
9
12
15
0.0
0.5
1.0
1.5
2.0
VGS = 5 thru 3 V
VDS - Drain-to-Source Voltage (V)
2.5 V
2 V
1.5 V
0.00
0.05
0.10
0.15
0.20
0369
12
15
VGS = 2.5 V
ID - Drain Current (A)
VGS = 1.8 V
VGS = 4.5 V
0
2
4
6
8
0246
8
10
12
ID = 4.8 A
Qg - Total Gate Charge (nC)
VDS = 10 V
VGS = 16 V
Transfer Characteristics
Capacitance
On-Resistance vs. Junction Temperature
0.0
0.4
0.8
1.2
1.6
2.0
0.0
0.3
0.6
0.9
1.2
1.5
TC = 125 °C
- 55 °C
VGS - Gate-to-Source Voltage (V)
25 °C
Crss
0
100
200
300
400
500
600
700
800
04
8
12
16
20
Ciss
VDS - Drain-to-Source Voltage (V)
Coss
0.6
0.8
1.0
1.2
1.4
1.6
- 50
- 25
0
25
50
75
100
125
150
VGS = 4.5 V, 2.5 V, 1.8 V
TJ - Junction Temperature (°C)
ID = 3.3 A


Similar Part No. - SIB411DK

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIB410DK VISHAY-SIB410DK Datasheet
192Kb / 9P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 04-Oct-10
logo
Vishay Telefunken
SIB410DK TFUNK-SIB410DK Datasheet
196Kb / 9P
   N-Channel 30 V (D-S) MOSFET
logo
Vishay Siliconix
SIB410DK-T1-GE3 VISHAY-SIB410DK-T1-GE3 Datasheet
192Kb / 9P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 04-Oct-10
SIB412DK VISHAY-SIB412DK Datasheet
142Kb / 7P
   N-Channel 20-V (D-S) MOSFET
Rev. C, 10-Mar-08
SIB413DK VISHAY-SIB413DK Datasheet
142Kb / 7P
   P-Channel 20-V (D-S) MOSFET
Rev. C, 10-Mar-08
More results

Similar Description - SIB411DK

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9400DY VISHAY-SI9400DY Datasheet
58Kb / 4P
   P-Channel 20-V (D-S) MOSFET
Rev. K, 02-Mar-98
SI9424BDY VISHAY-SI9424BDY Datasheet
44Kb / 5P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 07-Oct-02
SI8407DB VISHAY-SI8407DB Datasheet
69Kb / 6P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 17-Jan-05
SI7401DN VISHAY-SI7401DN Datasheet
240Kb / 3P
   P-Channel 20-V (D-S) MOSFET
31-May-01
SI7403BDN VISHAY-SI7403BDN Datasheet
106Kb / 8P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 21-Mar-05
SIS407DN-T1-GE3 VISHAY-SIS407DN-T1-GE3 Datasheet
548Kb / 13P
   P-Channel 20 V (D-S) MOSFET
Rev. B, 06-Sep-10
SI4477DY-T1-GE3 VISHAY-SI4477DY-T1-GE3 Datasheet
261Kb / 10P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 18-May-09
SIA431DJ VISHAY-SIA431DJ Datasheet
221Kb / 9P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 21-May-12
SI1077X VISHAY-SI1077X Datasheet
183Kb / 8P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 24-Dec-12
SI5457DC VISHAY-SI5457DC Datasheet
244Kb / 11P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 06-Sep-10
logo
Analog Power
AM4421P ANALOGPOWER-AM4421P Datasheet
423Kb / 5P
   P-Channel 20-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com