Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AT27LV256A Datasheet(PDF) 1 Page - ATMEL Corporation

Part No. AT27LV256A
Description  256K 32K x 8 Low Voltage OTP CMOS EPROM
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ATMEL [ATMEL Corporation]
Homepage  http://www.atmel.com
Logo 

AT27LV256A Datasheet(HTML) 1 Page - ATMEL Corporation

   
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
AT27LV256A
256K (32K x 8)
Low Voltage
OTP
CMOS EPROM
Features
Fast Read Access Time - 70 ns
Dual Voltage Range Operation
Low Voltage Power Supply Range, 3.0V to 3.6V
or Standard 5V
± 10% Supply Range
Pin Compatible with JEDEC Standard AT27C256
Low Power CMOS Operation
20
µA max. (less than 1 µA typical) Standby for VCC = 3.6V
29 mW max. Active at 5 MHz for VCC = 3.6V
JEDEC Standard Packages
32-Lead PLCC
28-Lead 330-mil SOIC
28-Lead TSOP
High Reliability CMOS Technology
2,000V ESD Protection
200 mA Latchup Immunity
RapidProgramming Algorithm - 100 µs/byte (typical)
CMOS and TTL Compatible Inputs and Outputs
JEDEC Standard for LVTTL
Integrated Product Identification Code
Commercial and Industrial Temperature Ranges
Description
The AT27LV256A is a high performance, low power, low voltage 262,144 bit one-time
programmable read only memory (OTP EPROM) organized as 32K by 8 bits. It re-
quires only one supply in the range of 3.0V to 3.6V in normal read mode operation,
making it ideal for fast, portable systems using battery power.
Atmel’s innovative design techniques provide fast speeds that rival 5V parts while
keeping the low power consumption of a 3.3V supply. At VCC = 3.0V, any byte can be
accessed in less than 70 ns. With a typical power dissipation of only 18 mW at 5 MHz
and VCC = 3.3V, the AT27LV256A consumes less than one fifth the power of a stand-
ard 5V EPROM.
(continued)
Pin Configurations
Pin Name
Function
A0 - A14
Addresses
O0 - O7
Outputs
CE
Chip Enable
OE
Output Enable
NC
No Connect
0547A
SOIC Top View
Note:PLCC Package Pins 1 and 17
are DON’T CONNECT.
PLCC Top View
TSOP Top View
Type 1
AT27LV256A
3-75


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn