Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT24C02-10PI Datasheet(PDF) 11 Page - ATMEL Corporation

Part # AT24C02-10PI
Description  2-Wire Serial EEPROM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C02-10PI Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button AT24C02-10PI Datasheet HTML 7Page - ATMEL Corporation AT24C02-10PI Datasheet HTML 8Page - ATMEL Corporation AT24C02-10PI Datasheet HTML 9Page - ATMEL Corporation AT24C02-10PI Datasheet HTML 10Page - ATMEL Corporation AT24C02-10PI Datasheet HTML 11Page - ATMEL Corporation AT24C02-10PI Datasheet HTML 12Page - ATMEL Corporation AT24C02-10PI Datasheet HTML 13Page - ATMEL Corporation AT24C02-10PI Datasheet HTML 14Page - ATMEL Corporation AT24C02-10PI Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
11
AT24C01A/02/04/08A/16A
0180V–SEEPR–8/05
Figure 7. Device Address
Figure 8. Byte Write
Figure 9. Page Write
(* = DON’T CARE bit for 1K)
8K
16K
MSB


Similar Part No. - AT24C02-10PI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C02-10PA-2.7C ATMEL-AT24C02-10PA-2.7C Datasheet
300Kb / 19P
   Two-wire Automotive Serial EEPROM
AT24C02-10PA-5.0C ATMEL-AT24C02-10PA-5.0C Datasheet
300Kb / 19P
   Two-wire Automotive Serial EEPROM
AT24C02-10PU-1.8 ATMEL-AT24C02-10PU-1.8 Datasheet
617Kb / 26P
   Two-wire Serial EEPROM
AT24C02-10PU-2.7 ATMEL-AT24C02-10PU-2.7 Datasheet
617Kb / 26P
   Two-wire Serial EEPROM
More results

Similar Description - AT24C02-10PI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C02A ATMEL-AT24C02A Datasheet
182Kb / 13P
   2-Wire Serial EEPROM
AT24C32 ATMEL-AT24C32 Datasheet
237Kb / 15P
   2-Wire Serial EEPROM
AT24C512 ATMEL-AT24C512 Datasheet
249Kb / 12P
   2-wire Serial EEPROM
AT24C32C ATMEL-AT24C32C Datasheet
432Kb / 21P
   2-Wire Serial EEPROM
logo
GTM CORPORATION
GP24BC01 GTM-GP24BC01 Datasheet
264Kb / 9P
   2-WIRE SERIAL EEPROM
logo
ATMEL Corporation
AT24C32 ATMEL-AT24C32_03 Datasheet
207Kb / 19P
   2-Wire Serial EEPROM
AT24C21 ATMEL-AT24C21_03 Datasheet
223Kb / 17P
   2-wire Serial EEPROM
AT24C01 ATMEL-AT24C01 Datasheet
153Kb / 10P
   2-Wire Serial EEPROM
AT24C164 ATMEL-AT24C164 Datasheet
188Kb / 11P
   2-Wire Serial EEPROM
AT24C21 ATMEL-AT24C21 Datasheet
252Kb / 13P
   2-Wire Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com