Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AT27LV040A Datasheet(PDF) 4 Page - ATMEL Corporation

Part No. AT27LV040A
Description  4 Megabit 512K x 8 Low Voltage OTP CMOS EPROM
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ATMEL [ATMEL Corporation]
Homepage  http://www.atmel.com
Logo 

AT27LV040A Datasheet(HTML) 4 Page - ATMEL Corporation

   
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
DC and Operating Characteristics for Read Operation
Symbol
Parameter
Condition
Min
Max
Units
VCC = 3.0V to 3.6V
ILI
Input Load Current
VIN = 0V to VCC
±1
µA
ILO
Output Leakage Current
VOUT = 0V to VCC
±5
µA
IPP1
(2)
VPP
(1)
Read/Standby Current
VPP = VCC
10
µA
ISB
VCC
(1)
Standby Current
ISB1 (CMOS), CE = VCC
± 0.3V
20
µA
ISB2 (TTL), CE = 2.0 to VCC + 0.5V
100
µA
ICC
VCC Active Current
f = 5 MHz, IOUT = 0 mA,
CE = VIL
8mA
VIL
Input Low Voltage
-0.6
0.8
V
VIH
Input High Voltage
2.0
VCC + 0 .5
V
VOL
Output Low Voltage
IOL = 2.0 mA
0.4
V
VOH
Output High Voltage
IOH = -2.0 mA
2.4
V
VCC = 4.5V to 5.5V
ILI
Input Load Current
VIN = 0V to VCC
±1
µA
ILO
Output Leakage Current
VOUT = 0V to VCC
±5
µA
IPP1
(2)
VPP
(1)
Read/Standby Current
VPP = VCC
10
µA
ISB
VCC
(1) Standby Current
ISB1 (CMOS), CE = VCC
± 0.3V
100
µA
ISB2 (TTL), CE = 2.0 to VCC + 0.5V
1
mA
ICC
VCC Active Current
f = 5 MHz, IOUT = 0 mA,
CE = VIL
30
mA
VIL
Input Low Voltage
-0.6
0.8
V
VIH
Input High Voltage
2.0
VCC + 0.5
V
VOL
Output Low Voltage
IOL = 2.1 mA
0.4
V
VOH
Output High Voltage
IOH = -400
µA
2.4
V
Notes: 1. VCC must be applied simultaneously with or before VPP,
and removed simultaneously with or after VPP.
2. VPP may be connected directly to VCC, except during pro-
gramming. The supply current would then be the
sum of ICC and IPP.
DC and AC Operating Conditions for Read Operation
AT27LV040A
-12
-15
Operating Temperature
(Case)
Com.
0°C - 70°C
0°C - 70°C
Ind.
-40°C - 85°C
-40°C - 85°C
VCC Power Supply
3.0V to 3.6V
3.0V to 3.6V
5V
± 10%
5V
± 10%
= Preliminary Information
3-118
AT27LV040A


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn