Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D330J20C0GH6.J5R Datasheet(PDF) 3 Page - Vishay Siliconix

Part # D330J20C0GH6.J5R
Description  Ceramic Disc Capacitors Class 1 and 2, 100 VDC, General Purpose
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

D330J20C0GH6.J5R Datasheet(HTML) 3 Page - Vishay Siliconix

  D330J20C0GH6.J5R Datasheet HTML 1Page - Vishay Siliconix D330J20C0GH6.J5R Datasheet HTML 2Page - Vishay Siliconix D330J20C0GH6.J5R Datasheet HTML 3Page - Vishay Siliconix D330J20C0GH6.J5R Datasheet HTML 4Page - Vishay Siliconix D330J20C0GH6.J5R Datasheet HTML 5Page - Vishay Siliconix D330J20C0GH6.J5R Datasheet HTML 6Page - Vishay Siliconix D330J20C0GH6.J5R Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
www.vishay.com
For technical questions, contact: CDC@vishay.com
Document Number: 28511
30
Revision: 07-Jan-10
D Series
Vishay BCcomponents
Ceramic Disc Capacitors
Class 1 and 2, 100 VDC, General Purpose
ORDERING INFORMATION, CLASS 2, 100 VDC, KINKED AND STRAIGHT
C
(pF)
TOL.
(%)
DMAX.
(mm)
LEAD SPACING
F
(mm)
SH/DRMAX. (1)
(mm)
CLEAR TEXT CODE
13TH DIGIT:
T = REEL; U = AMMO; 3 = BULK
CLASS 2 Y5P
150
±10
5.0
5.0
4.0
D151K20Y5PH6.J5R
2.5
1.5
D151K20Y5PH6.L2R
180
5.0
4.0
D181K20Y5PH6.J5R
2.5
1.5
D181K20Y5PH6.L2R
220
5.0
4.0
D221K20Y5PH6.J5R
2.5
1.5
D221K20Y5PH6.L2R
330
5.0
4.0
D331K20Y5PH6.J5R
2.5
1.5
D331K20Y5PH6.L2R
470
5.0
4.0
D471K20Y5PH6.J5R
2.5
1.5
D471K20Y5PH6.L2R
680
5.0
4.0
D681K20Y5PH6.J5R
2.5
1.5
D681K20Y5PH6.L2R
1000
5.0
4.0
D102K20Y5PH6.J5R
2.5
1.5
D102K20Y5PH6.L2R
1500
6.5
5.0
4.0
D152K25Y5PH6.J5R
2.5
1.5
D152K25Y5PH6.L2R
1800
5.0
4.0
D182K25Y5PH6.J5R
2.5
1.5
D182K25Y5PH6.L2R
2200
5.0
4.0
D222K25Y5PH6.J5R
2.5
1.5
D222K25Y5PH6.L2R
3300
7.5
5.0
4.0
D332K29Y5PH6.J5R
2.5
1.5
D332K29Y5PH6.L2R
4700
8.5
5.0
4.0
D472K33Y5PH6.J5R
2.5
1.5
D472K33Y5PH6.L2R
6800
10.0
5.0
4.0
D682K39Y5PH6.J5R
2.5
1.5
D682K39Y5PH6.L2R
10000
11.0
5.0
4.0
D103K43Y5PH6.J5R
2.5
1.5
D103K43Y5PH6.L2R
CLASS 2 Z5U
1000
± 20
5.0
5.0
4.0
D102M20Z5UH6.J5R
2.5
1.5
D102M20Z5UH6.L2R
1500
5.0
4.0
D152M20Z5UH6.J5R
2.5
1.5
D152M20Z5UH6.L2R
2200
5.0
4.0
D222M20Z5UH6.J5R
2.5
1.5
D222M20Z5UH6.L2R
3300
5.0
4.0
D332M20Z5UH6.J5R
2.5
1.5
D332M20Z5UH6.L2R
4700
6.5
5.0
4.0
D472M25Z5UH6.J5R
2.5
1.5
D472M25Z5UH6.L2R
6800
5.0
4.0
D682M25Z5UH6.J5R
2.5
1.5
D682M25Z5UH6.L2R
10 000
7.5
5.0
4.0
D103M29Z5UH6.J5R
2.5
1.5
D103M29Z5UH6.L2R
15 000
8.5
5.0
4.0
D153M33Z5UH6.J5R
2.5
1.5
D153M33Z5UH6.L2R
22 000
10.0
5.0
4.0
D223M39Z5UH6.J5R
2.5
1.5
D223M39Z5UH6.L2R
Note
(1) SH = seated height; DR = run down
• Maximum thickness 4.0 mm
• Lead style codes refer to lead cofiguration


Similar Part No. - D330J20C0GH6.J5R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
D330J20C0GH6.J5R VISHAY-D330J20C0GH6.J5R Datasheet
326Kb / 7P
   D Series
Revision: 07-Jan-10
D330J20C0GH6.J5R VISHAY-D330J20C0GH6.J5R Datasheet
316Kb / 7P
   Ceramic Disc Capacitors Class 1 and 2, 100 VDC, General Purpose
Revision: 07-Jan-10
D330J20C0GH6.J5R VISHAY-D330J20C0GH6.J5R Datasheet
323Kb / 7P
   Ceramic Disc Capacitors Class 1 and 2, 100 VDC, General Purpose
Revision: 07-Jan-10
More results

Similar Description - D330J20C0GH6.J5R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
D102K20Y5PH6TJ6R VISHAY-D102K20Y5PH6TJ6R Datasheet
323Kb / 7P
   Ceramic Disc Capacitors Class 1 and 2, 100 VDC, General Purpose
Revision: 07-Jan-10
D471K20Y5PH63L2R VISHAY-D471K20Y5PH63L2R Datasheet
316Kb / 7P
   Ceramic Disc Capacitors Class 1 and 2, 100 VDC, General Purpose
Revision: 07-Jan-10
D331K20Y5PL6TJ5R VISHAY-D331K20Y5PL6TJ5R Datasheet
303Kb / 7P
   Ceramic Disc Capacitors Class 1 and 2, 500 VDC, General Purpose
Revision: 07-Jan-10
LV100V VISHAY-LV100V Datasheet
102Kb / 5P
   Ceramic Disc Capacitors Class 1 and 2, 100 V (DC) General Purpose
Revision: 23-Feb-05
DSERIES VISHAY-DSERIES Datasheet
126Kb / 9P
   Ceramic Singlelayer DC Disc Capacitors for General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 500 VDC
01-Jan-2022
D15020U2JH6 VISHAY-D15020U2JH6 Datasheet
123Kb / 9P
   Ceramic Singlelayer DC Disc Capacitors For General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 500 VDC
Revision: 09-May-14
D152K29Y5PL6TJ5R VISHAY-D152K29Y5PL6TJ5R Datasheet
123Kb / 9P
   Ceramic Singlelayer DC Disc Capacitors For General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 500 VDC
Revision: 09-May-14
HV1KV-6KV VISHAY-HV1KV-6KV Datasheet
389Kb / 11P
   Ceramic Disc Capacitors Class 1 and 2, 1/2/3/6 kV General Purpose
Revision: 26-Oct-06
LV50V VISHAY-LV50V Datasheet
113Kb / 7P
   Ceramic Disc Capacitors Class 1 and 2, 50 V (DC) General Purpose
Revision: 07-Apr-08
HV500V VISHAY-HV500V_08 Datasheet
274Kb / 6P
   Ceramic Disc Capacitors Class 1 and 2, 500 V (DC) General Purpose
Revision 19-Jan-07
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com