Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PESD3V3S1UL-315 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PESD3V3S1UL-315
Description  Unidirectional ESD protection diodes Rev. 3 ??25 October 2011
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PESD3V3S1UL-315 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PESD3V3S1UL-315 Datasheet HTML 5Page - NXP Semiconductors PESD3V3S1UL-315 Datasheet HTML 6Page - NXP Semiconductors PESD3V3S1UL-315 Datasheet HTML 7Page - NXP Semiconductors PESD3V3S1UL-315 Datasheet HTML 8Page - NXP Semiconductors PESD3V3S1UL-315 Datasheet HTML 9Page - NXP Semiconductors PESD3V3S1UL-315 Datasheet HTML 10Page - NXP Semiconductors PESD3V3S1UL-315 Datasheet HTML 11Page - NXP Semiconductors PESD3V3S1UL-315 Datasheet HTML 12Page - NXP Semiconductors PESD3V3S1UL-315 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
PESDXS1UL_SER
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 3 — 25 October 2011
9 of 15
NXP Semiconductors
PESDxS1UL series
Unidirectional ESD protection diodes
7.
Application information
The PESDxS1UL series is designed for protection of one unidirectional data line from the
damage caused by ESD and surge pulses. The PESDxS1UL series may be used on lines
where the signal polarities are either positive or negative with respect to ground. The
PESDxS1UL series provides a surge capability of 150 W for an 8/20
s waveform.
Circuit board layout and protection device placement
Circuit board layout is critical for the suppression of ESD, Electrical Fast Transient (EFT)
and surge transients. The following guidelines are recommended:
1. Place the PESDxS1UL as close to the input terminal or connector as possible.
2. The path length between the PESDxS1UL and the protected line should be
minimized.
3. Keep parallel signal paths to a minimum.
4. Avoid running protected conductors in parallel with unprotected conductors.
5. Minimize all Printed-Circuit Board (PCB) conductive loops including power and
ground loops.
6. Minimize the length of the transient return path to ground.
7. Avoid using shared transient return paths to a common ground point.
8. Ground planes should be used whenever possible. For multilayer PCBs, use ground
vias.
8.
Test information
8.1 Quality information
This product has been qualified in accordance with the Automotive Electronics Council
(AEC) standard Q101 - Stress test qualification for discrete semiconductors, and is
suitable for use in automotive applications.
Fig 10. Application diagram
006aaa681
ground
line to be protected
(positive signal polarity)
PESDxS1UL
unidirectional protection of one line
ground
line to be protected
(negative signal polarity)
PESDxS1UL


Similar Part No. - PESD3V3S1UL-315

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PESD3V3S1UL-Q NEXPERIA-PESD3V3S1UL-Q Datasheet
225Kb / 12P
   Unidirectional ESD protection diode
6 June 2023
More results

Similar Description - PESD3V3S1UL-315

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PESD9X5.0L NEXPERIA-PESD9X5.0L Datasheet
289Kb / 15P
   Unidirectional ESD protection diodes
logo
NXP Semiconductors
PESDXS1UL PHILIPS-PESDXS1UL_15 Datasheet
303Kb / 15P
   Unidirectional ESD protection diodes
Rev. 3-25 October 2011
logo
Nexperia B.V. All right...
PESDXS1UL_SER NEXPERIA-PESDXS1UL_SER Datasheet
438Kb / 16P
   Unidirectional ESD protection diodes
Rev. 3 - 25 October 2011
PESD9XXL_SER NEXPERIA-PESD9XXL_SER Datasheet
174Kb / 14P
   Unidirectional ESD protection diodes
Rev. 1 - 16 December 2010
logo
NXP Semiconductors
PTVS30VP1UTP NXP-PTVS30VP1UTP Datasheet
137Kb / 12P
   High-temperature 600 W Transient Voltage Suppressor Rev. 1 ??11 October 2011
Rev. 1-11 October 2011
PESD3V3L1UA PHILIPS-PESD3V3L1UA Datasheet
120Kb / 13P
   Low capacitance unidirectional ESD protection diodes
Rev. 01-17 June 2009
PESD3V3L1UA NXP-PESD3V3L1UA Datasheet
120Kb / 13P
   Low capacitance unidirectional ESD protection diodes
Rev. 01-17 June 2009
PESD5V0L1UA NXP-PESD5V0L1UA Datasheet
120Kb / 13P
   Low capacitance unidirectional ESD protection diodes
Rev. 01-17 June 2009
PESD5ZX NXP-PESD5ZX Datasheet
142Kb / 17P
   Low capacitance unidirectional ESD protection diodes
Rev. 02-4 April 2008
PESD5ZX PHILIPS-PESD5ZX Datasheet
142Kb / 17P
   Low capacitance unidirectional ESD protection diodes
Rev. 02-4 April 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com