Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BFC233820 Datasheet(PDF) 4 Page - Vishay Siliconix

Part No. BFC233820
Description  Interference Suppression Film Capacitors MKP Radial Potted Type
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BFC233820 Datasheet(HTML) 4 Page - Vishay Siliconix

  BFC233820 Datasheet HTML 1Page - Vishay Siliconix BFC233820 Datasheet HTML 2Page - Vishay Siliconix BFC233820 Datasheet HTML 3Page - Vishay Siliconix BFC233820 Datasheet HTML 4Page - Vishay Siliconix BFC233820 Datasheet HTML 5Page - Vishay Siliconix BFC233820 Datasheet HTML 6Page - Vishay Siliconix BFC233820 Datasheet HTML 7Page - Vishay Siliconix BFC233820 Datasheet HTML 8Page - Vishay Siliconix BFC233820 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
MKP338 2 X2
www.vishay.com
Vishay BCcomponents
Revision: 04-Jul-13
4
Document Number: 28119
For technical questions, contact: rfi@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
• SPQ = Standard Packing Quantity
(1) H = In-tape height, P0 = Sprocket hole distance; for detailed specifications refer to packaging information: www.vishay.com/doc?28139
(2) Weight for short lead product only
310
PITCH = 7.5 mm ± 0.4 mm; dt = 0.50 mm ± 0.05 mm; C-TOL. = ± 5 %
0.0010
4.0 x 9.0 x 10.0
0.4
28201
28401
1500
28601
1000
28801
1250
0.0012
28202
28402
28602
28802
0.0015
28203
28403
28603
28803
0.0018
28204
28404
28604
28804
0.0022
28205
28405
28605
28805
0.0027
28206
28406
28606
28806
0.0033
28207
28407
28607
28807
0.0039
28208
28408
28608
28808
0.0047
28209
28409
28609
28809
0.0056
28211
28411
28611
28811
0.0068
28212
28412
28612
28812
0.0082
28213
28413
28613
28813
0.010
28214
28414
28614
28814
0.012
28215
28415
28615
28815
0.015
28216
28416
28616
28816
0.018
28217
28417
28617
28817
0.022
28218
28418
28618
28818
0.027
28219
28419
1000
28619
1250
28819
1000
0.033
5.0 x 10.5 x 10.0
0.6
28221
28421
1000
28621
1250
28821
1000
0.039
28222
28422
750
28622
1000
28822
750
0.047
6.0 x 11.5 x 10.0
0.8
28223
28423
750
28623
1000
28823
750
ELECTRICAL DATA AND ORDERING CODE - PITCH 10 mm
URAC
(V)
CAP.
(μF)
DIMENSIONS
w x h x l
(mm)
MASS
(g) (2)
CATALOG NUMBER BFC2 338 ..... AND PACKAGING
LOOSE IN BOX
AMMOPACK (1)
SHORT LEADS
LONG LEADS
H = 18.5 mm
P0 = 12.7 mm
lt = 3.5 mm
+ 1 mm/- 0.5 mm
lt = 5.0 mm
± 1.0 mm
SPQ
lt = 25.0 mm
± 2.0 mm
SPQ
SPQ
310
PITCH = 10.0 mm ± 0.4 mm; dt = 0.60 mm ± 0.06 mm; C-TOL. = ± 20 %
0.0010
4.0 x 10.0 x 12.5
0.6
21102
23102
1000
25102
1250
Not available
0.0012
21122
23122
25122
0.0015
21152
23152
25152
0.0018
21182
23182
25182
0.0022
21222
23222
25222
0.0027
21272
23272
25272
1000
0.0033
21332
23332
25332
0.0039
21392
23392
25392
0.0047
21472
23472
25472
0.0056
21562
23562
25562
ELECTRICAL DATA AND ORDERING CODE - PITCH 7.5 mm
URAC
(V)
CAP.
(μF)
DIMENSIONS
w x h x l
(mm)
MASS
(g) (2)
CATALOG NUMBER BFC2 338 ..... AND PACKAGING
LOOSE IN BOX
AMMOPACK (1)
SHORT LEADS
LONG LEADS
H = 18.5 mm
P0 = 12.7 mm
lt = 3.5 mm
+ 1 mm/- 0.5 mm
lt = 5.0 mm
± 1.0 mm
SPQ
lt = 25.0 mm
± 2.0 mm
SPQ
SPQ


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn