Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BFC233820 Datasheet(PDF) 13 Page - Vishay Siliconix

Part No. BFC233820
Description  Interference Suppression Film Capacitors MKP Radial Potted Type
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BFC233820 Datasheet(HTML) 13 Page - Vishay Siliconix

Back Button BFC233820 Datasheet HTML 8Page - Vishay Siliconix BFC233820 Datasheet HTML 9Page - Vishay Siliconix BFC233820 Datasheet HTML 10Page - Vishay Siliconix BFC233820 Datasheet HTML 11Page - Vishay Siliconix BFC233820 Datasheet HTML 12Page - Vishay Siliconix BFC233820 Datasheet HTML 13Page - Vishay Siliconix BFC233820 Datasheet HTML 14Page - Vishay Siliconix BFC233820 Datasheet HTML 15Page - Vishay Siliconix BFC233820 Datasheet HTML 16Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
MKP338 2 X2
www.vishay.com
Vishay BCcomponents
Revision: 04-Jul-13
13
Document Number: 28119
For technical questions, contact: rfi@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
SUB-GROUP C1
COMBINED SAMPLE OF
SPECIMENS OF SUB-GROUPS
C1A AND C1B
4.11
Climatic sequence
4.11.1 Initial measurements
Capacitance
Measured in 4.4.2 and 4.9.2
Tangent of loss angle:
Measured initially in C1A and C1B
4.11.2 Dry heat
Temperature: 110 °C
4.11.3 Damp heat cyclic
Test Db
First cycle
Duration: 16 h
4.11.4 Cold
Temperature: - 55 °C
4.11.5 Damp heat cyclic
Test Db
Remaining cycles
Duration: 2 h
4.11.6 Final measurements
Visual examination
No visible damage
Legible marking
Capacitance
|
C/C|  5 % of the value measured in 4.11.1.
Tangent of loss angle
Increase of tan
:
 0.008 for: C  1 μF or
 0.005 for: C > 1 μF
Compared to values measured in 4.11.1.
Voltage proof
1350 VDC; 1 min between terminations
No permanent breakdown or flash-over
Insulation resistance
 50 % of values specified in section “Insulation
resistance” of this specification
SUB GROUP C2
4.12
Damp heat steady state
56 days; 40 °C; 90 % to 95 % RH
no load
4.12.1 Initial measurements
Capacitance
Tangent of loss angle: at 1 kHz
4.12.3 Final measurements
Visual examination
No visible damage
Legible marking
Capacitance
|
C/C|  5 % of the value measured in 4.12.1.
Tangent of loss angle
Increase of tan
:
 0.008 for: C  1 μF or
 0.005 for: C > 1 μF
Compared to values measured in 4.12.1.
Voltage proof
1350 VDC; 1 min between term.
No permanent breakdown or flash-over
Insulation resistance
 50 % of values specified in section “Insulation
Resistance” of this specification
GROUP C INSPECTION REQUIREMENTS
SUB-CLAUSE NUMBER AND TEST
CONDITIONS
PERFORMANCE REQUIREMENTS


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn