Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BFC233820 Datasheet(PDF) 7 Page - Vishay Siliconix

Part No. BFC233820
Description  Interference Suppression Film Capacitors MKP Radial Potted Type
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BFC233820 Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button BFC233820 Datasheet HTML 3Page - Vishay Siliconix BFC233820 Datasheet HTML 4Page - Vishay Siliconix BFC233820 Datasheet HTML 5Page - Vishay Siliconix BFC233820 Datasheet HTML 6Page - Vishay Siliconix BFC233820 Datasheet HTML 7Page - Vishay Siliconix BFC233820 Datasheet HTML 8Page - Vishay Siliconix BFC233820 Datasheet HTML 9Page - Vishay Siliconix BFC233820 Datasheet HTML 10Page - Vishay Siliconix BFC233820 Datasheet HTML 11Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
MKP338 2 X2
www.vishay.com
Vishay BCcomponents
Revision: 04-Jul-13
7
Document Number: 28119
For technical questions, contact: rfi@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
• SPQ = Standard Packing Quantity
(1) H = In-tape height, P0 = Sprocket hole distance; for detailed specifications refer to packaging information: www.vishay.com/doc?28139
(2) Weight for short lead product only
ELECTRICAL DATA AND ORDERING CODE - PITCH 22.5 mm
URAC
(V)
CAP.
(μF)
DIMENSIONS
w x h x l
(mm)
MASS
(g) (2)
CATALOG NUMBER BFC2 338 ..... AND PACKAGING
LOOSE IN BOX
REEL (500 mm) (1)
SHORT LEADS
LONG LEADS
H = 18.5 mm
P0 = 12.7 mm
lt = 3.5 mm
± 0.3 mm
lt = 5.0 mm
± 1.0 mm
SPQ
lt = 25.0 mm
± 2.0 mm
SPQ
SPQ
310
PITCH = 22.5 mm ± 0.4 mm; dt = 0.80 mm ± 0.08 mm; C-TOL. = ± 20 %
0.12
6.0 x 15.5 x 26.0
2.4
21124
23124
300
25124
250
29264
600
0.15
21154
23154
25154
29265
0.18
21184
23184
200
25184
250
29266
500
0.22
21224
23224
25224
29267
0.27
21274
23274
25274
29268
0.33
21334
23334
25334
29269
0.39
7.0 x 16.5 x 26.0
2.9
20394
22394
200
24394
250
27394
450
0.47
20474
22474
24474
27474
0.56
8.5 x 18.0 x 26.0
3.8
20564
22564
200
24564
200
27564
350
0.68
20684
22684
24684
27684
0.82
10.0 x 19.5 x 26.0
6.8
20824
22824
150
24824
200
27824
300
1.0
20105
22105
24105
27105
PITCH = 22.5 mm ± 0.4 mm; dt = 0.80 mm ± 0.08 mm; C-TOL. = ± 10 %
0.12
6.0 x 15.5 x 26.0
2.4
29169
29175
300
29181
250
29271
600
0.15
29171
29176
29182
29272
0.18
29172
29177
200
29183
250
29273
500
0.22
29173
29178
29184
29274
0.27
29174
29179
29185
29275
0.33
28134
28334
28534
28934
450
0.39
7.0 x 16.5 x 26.0
2.9
28135
28335
200
28535
250
28935
450
0.47
28136
28336
28536
200
28936
350
0.56
8.5 x 18.0 x 26.0
3.8
28137
28337
28537
28937
0.68
10.0 x 19.5 x 26.0
6.8
28138
28338
150
28538
28938
300
0.82
28139
28339
28539
28939
PITCH = 22.5 mm ± 0.4 mm; dt = 0.80 mm ± 0.08 mm; C-TOL. = ± 5 %
0.33
7.0 x 16.5 x 26.0
2.9
28234
28434
200
28634
250
28954
450
0.39
28235
28435
28635
28955
0.47
8.5 x 18.0 x 26.0
3.8
28236
28436
200
28636
200
28956
350
0.56
28237
28437
28637
28957
0.68
10.0 x 19.5 x 26.0
6.8
28238
28438
150
28638
200
28958
300
0.82
12.0 x 22.0 x 26.0
7.8
28239
28439
150
28639
200
28959
300


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn