Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BFC233820 Datasheet(PDF) 6 Page - Vishay Siliconix

Part No. BFC233820
Description  Interference Suppression Film Capacitors MKP Radial Potted Type
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BFC233820 Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button BFC233820 Datasheet HTML 2Page - Vishay Siliconix BFC233820 Datasheet HTML 3Page - Vishay Siliconix BFC233820 Datasheet HTML 4Page - Vishay Siliconix BFC233820 Datasheet HTML 5Page - Vishay Siliconix BFC233820 Datasheet HTML 6Page - Vishay Siliconix BFC233820 Datasheet HTML 7Page - Vishay Siliconix BFC233820 Datasheet HTML 8Page - Vishay Siliconix BFC233820 Datasheet HTML 9Page - Vishay Siliconix BFC233820 Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
MKP338 2 X2
www.vishay.com
Vishay BCcomponents
Revision: 04-Jul-13
6
Document Number: 28119
For technical questions, contact: rfi@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
• SPQ = Standard Packing Quantity
(1) H = In-tape height, P0 = Sprocket hole distance; for detailed specifications refer to packaging information: www.vishay.com/doc?28139
(2) Weight for short lead product only
ELECTRICAL DATA AND ORDERING CODE - PITCH 15 mm
URAC
(V)
CAP.
(μF)
DIMENSIONS
w x h x l
(mm)
MASS
(g) (2)
CATALOG NUMBER BFC2 338 ..... AND PACKAGING
LOOSE IN BOX
AMMOPACK (1)
SHORT LEADS
LONG LEADS
H = 18.5 mm
P0 = 12.7 mm
lt = 3.5 mm
± 0.3 mm
lt = 5.0 mm
± 1.0 mm
SPQ
lt = 25.0 mm
± 2.0 mm
SPQ
SPQ
310
PITCH = 15.0 mm ± 0.4 mm; dt = 0.60 mm ± 0.06 mm; C-TOL. = ± 20 %
0.010
5.0 x 11.0 x 17.5
1.0
29076
29096
1000
29116
1000
29141
1100
0.012
29077
29097
29117
29143
0.015
29078
29098
29118
29145
0.018
29079
29099
29119
29147
0.022
29081
29101
29121
29149
0.027
29082
29102
29122
29152
0.033
29083
29103
29123
29154
0.039
29084
29104
29124
29156
0.047
29085
29105
29125
29158
0.056
21563
23563
25563
29161
0.068
21683
23683
25683
29163
0.082
21823
23823
25823
29165
0.10
21104
23104
25104
29166
0.12
20124
22124
24124
27124
900
0.15
6.0 x 12.0 x 17.5
1.4
20154
22154
750
24154
500
27154
800
0.18
20184
22184
24184
27184
PITCH = 15.0 mm ± 0.4 mm; dt = 0.80 mm ± 0.08 mm; C-TOL. = ± 20 %
0.22
7.0 x 13.5 x 17.5
1.8
20224
22224
750
24224
500
27224
650
0.27
8.5 x 15.0 x 17.5
2.4
20274
22274
750
24274
500
27274
650
0.33
20334
22334
500
24334
450
27334
600
PITCH = 15.0 mm ± 0.4 mm; dt = 0.60 mm ± 0.06 mm; C-TOL. = ± 10 %
0.010
5.0 x 11.0 x 17.5
1.0
29066
29086
1000
29106
1000
29139
1100
0.012
29067
29087
29107
29142
0.015
29068
29088
29108
29144
0.018
29069
29089
29109
29146
0.022
29071
29091
29111
29148
0.027
29072
29092
29112
29151
0.033
29073
29093
29113
29153
0.039
29074
29094
29114
29155
0.047
29075
29095
29115
29157
0.056
29126
29131
29135
29159
0.068
29127
29132
29136
29162
0.082
29128
29133
29137
29164
0.10
28127
28327
1000
28527
1000
28927
900
0.12
6.0 x 12.0 x 17.5
1.4
28128
28328
750
28528
500
28928
800
0.15
28129
28329
28529
28929
PITCH = 15.0 mm ± 0.4 mm; dt = 0.80 mm ± 0.08 mm; C-TOL. = ± 10 %
0.18
7.0 x 13.5 x 17.5
1.8
28131
28331
750
28531
500
28931
650
0.22
28132
28332
28532
28932
0.27
8.5 x 15.0 x 17.5
2.4
28133
28333
500
28533
450
28933
600
0.33
29129
29134
29138
29167
PITCH = 15.0 mm ± 0.4 mm; dt = 0.60 mm ± 0.06 mm; C-TOL. = ± 5 %
0.10
5.0 x 11.0 x 17.5
1.0
28227
28427
1000
28627
1000
28947
900
0.12
6.0 x 12.0 x 17.5
1.4
28228
28428
750
28628
500
28948
800
0.15
28229
28429
28629
28949
PITCH = 15.0 mm ± 0.4 mm; dt = 0.80 mm ± 0.08 mm; C-TOL. = ± 5 %
0.18
7.0 x 13.5 x 17.5
1.8
28231
28431
750
28631
500
28951
650
0.22
8.5 x 15.0 x 17.5
2.4
28232
28432
750
28632
500
28952
650
0.27
28233
28433
500
28633
450
28953
600


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn