Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BFC233820 Datasheet(PDF) 5 Page - Vishay Siliconix

Part No. BFC233820
Description  Interference Suppression Film Capacitors MKP Radial Potted Type
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BFC233820 Datasheet(HTML) 5 Page - Vishay Siliconix

  BFC233820 Datasheet HTML 1Page - Vishay Siliconix BFC233820 Datasheet HTML 2Page - Vishay Siliconix BFC233820 Datasheet HTML 3Page - Vishay Siliconix BFC233820 Datasheet HTML 4Page - Vishay Siliconix BFC233820 Datasheet HTML 5Page - Vishay Siliconix BFC233820 Datasheet HTML 6Page - Vishay Siliconix BFC233820 Datasheet HTML 7Page - Vishay Siliconix BFC233820 Datasheet HTML 8Page - Vishay Siliconix BFC233820 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
MKP338 2 X2
www.vishay.com
Vishay BCcomponents
Revision: 04-Jul-13
5
Document Number: 28119
For technical questions, contact: rfi@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
• SPQ = Standard Packing Quantity
(1) H = In-tape height, P0 = Sprocket hole distance; for detailed specifications refer to packaging information: www.vishay.com/doc?28139
(2) Weight for short lead product only
310
PITCH = 10.0 mm ± 0.4 mm; dt = 0.60 mm ± 0.06 mm; C-TOL. = ± 20 %
0.0068
4.0 x 10.0 x 12.5
0.6
21682
23682
1000
25682
1000
Not available
0.0082
21822
23822
25822
0.010
21103
23103
25103
0.012
21123
23123
25123
0.015
21153
23153
25153
0.018
21183
23183
25183
0.022
21223
23223
25223
0.027
21273
23273
25273
0.033
21333
23333
25333
0.039
21393
23393
25393
0.047
21473
23473
25473
0.056
5.0 x 11.0 x 12.5
0.82
20563
22563
750
24563
750
27563
500
0.068
20683
22683
24683
27683
0.082
6.0 x 12.0 x 12.5
1.1
20823
22823
750
24823
750
27823
500
0.10
20104
22104
24104
27104
PITCH = 10.0 mm ± 0.4 mm; dt = 0.60 mm ± 0.06 mm; C-TOL. = ± 10 %
0.0010
4.0 x 10.0 x 12.5
0.6
29194
29217
1000
29241
1250
Not
available
500
0.0012
29195
29218
29242
0.0015
29196
29219
29243
0.0018
29197
29221
29244
0.0022
29198
29222
29245
0.0027
29199
29223
29246
1000
0.0033
29201
29224
29247
0.0039
29202
29225
29248
0.0047
29203
29226
29249
0.0056
29204
29227
29251
0.0068
29205
29228
29252
0.0082
29206
29229
29253
0.010
29207
29231
29254
0.012
29208
29232
29255
0.015
29209
29233
29256
0.018
29211
29234
29257
0.022
29212
29235
29258
0.027
29213
29236
29259
0.033
29214
29237
29261
0.039
29215
29238
29262
0.047
29216
29239
29263
0.056
5.0 x 11.0 x 12.5
0.82
28124
28324
750
28524
750
28924
0.068
28125
28325
28525
28925
0.082
6.0 x 12.0 x 12.5
1.1
28126
28326
750
28526
750
28926
PITCH = 10.0 mm ± 0.4 mm; dt = 0.60 mm ± 0.06 mm; C-TOL. = ± 5 %
0.056
5.0 x 11.0 x 12.5
0.82
28224
28424
750
28624
750
28944
500
0.068
6.0 x 12.0 x 12.5
1.1
28225
28425
750
28625
750
28945
500
0.082
28226
28426
28626
28946
ELECTRICAL DATA AND ORDERING CODE - PITCH 10 mm
URAC
(V)
CAP.
(μF)
DIMENSIONS
w x h x l
(mm)
MASS
(g) (2)
CATALOG NUMBER BFC2 338 ..... AND PACKAGING
LOOSE IN BOX
AMMOPACK (1)
SHORT LEADS
LONG LEADS
H = 18.5 mm
P0 = 12.7 mm
lt = 3.5 mm
+ 1 mm/- 0.5 mm
lt = 5.0 mm
± 1.0 mm
SPQ
lt = 25.0 mm
± 2.0 mm
SPQ
SPQ


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn